Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74ABT374ADB Arkusz danych(PDF) 1 Page - NXP Semiconductors

Numer części 74ABT374ADB
Szczegółowy opis  Octal D-type flip-flop; positive-edge trigger 3-State
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ABT374ADB Arkusz danych(HTML) 1 Page - NXP Semiconductors

  74ABT374ADB Datasheet HTML 1Page - NXP Semiconductors 74ABT374ADB Datasheet HTML 2Page - NXP Semiconductors 74ABT374ADB Datasheet HTML 3Page - NXP Semiconductors 74ABT374ADB Datasheet HTML 4Page - NXP Semiconductors 74ABT374ADB Datasheet HTML 5Page - NXP Semiconductors 74ABT374ADB Datasheet HTML 6Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Philips Semiconductors
Product specification
74ABT374A
Octal D-type flip-flop; positive-edge trigger
(3-State)
1
1995 Sep 06
853-1448 15704
FEATURES
8-bit positive edge triggered register
3-State output buffers
Output capability: +64mA/–32mA
Latch-up protection exceeds 500mA per Jedec Std 17
ESD protection exceeds 2000 V per MIL STD 883 Method 3015
and 200 V per Machine Model
Power-up 3-State
Power-up reset
Live insertion/extraction permitted
DESCRIPTION
The 74ABT374A high-performance BiCMOS device combines low
static and dynamic power dissipation with high speed and high
output drive.
The 74ABT374A is an 8-bit, edge triggered register coupled to eight
3-State output buffers. The two sections of the device are controlled
independently by the clock (CP) and Output Enable (OE) control
gates.
The register is fully edge triggered. The state of each D input, one
set-up time before the Low-to-High clock transition, is transferred to
the corresponding flip-flop’s Q output.
The 3-State output buffers are designed to drive heavily loaded
3-State buses, MOS memories, or MOS microprocessors. The
active-Low Output Enable (OE) controls all eight 3-State buffers
independent of the clock operation.
When OE is Low, the stored data appears at the outputs. When OE
is High, the outputs are in the High-impedance “OFF” state, which
means they will neither drive nor load the bus.
QUICK REFERENCE DATA
SYMBOL
PARAMETER
CONDITIONS
Tamb = 25°C; GND = 0V
TYPICAL
UNIT
tPLH
tPHL
Propagation delay
CP to Qn
CL = 50pF; VCC = 5V
3.4
3.8
ns
CIN
Input capacitance
VI = 0V or VCC
4
pF
COUT
Output capacitance
Outputs disabled; VO = 0V or VCC
7
pF
ICCZ
Total supply current
Outputs disabled; VCC =5.5V
110
µA
ORDERING INFORMATION
PACKAGES
TEMPERATURE RANGE
OUTSIDE NORTH AMERICA
NORTH AMERICA
DWG NUMBER
20-Pin Plastic DIP
–40
°C to +85°C
74ABT374A N
74ABT374A N
SOT146-1
20-Pin plastic SO
–40
°C to +85°C
74ABT374A D
74ABT374A D
SOT163-1
20-Pin Plastic SSOP Type II
–40
°C to +85°C
74ABT374A DB
74ABT374A DB
SOT339-1
20-Pin Plastic TSSOP Type I
–40
°C to +85°C
74ABT374A PW
74ABT374APW DH
SOT360-1
PIN CONFIGURATION
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
OE
Q0
D0
D1
Q1
Q2
D2
D3
Q3
Q4
GND
D4
D5
Q5
Q6
D6
D7
Q7
VCC
CP
SA00110
PIN DESCRIPTION
PIN
NUMBER
SYMBOL
FUNCTION
1
OE
Output enable input (active-Low)
3, 4, 7, 8,
13, 14, 17,
18
D0-D7
Data inputs
2, 5, 6, 9,
12, 15, 16,
19
Q0-Q7
Data outputs
11
CP
Clock pulse input (active rising edge)
10
GND
Ground (0V)
20
VCC
Positive supply voltage


Podobny numer części - 74ABT374ADB

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
74ABT374 FAIRCHILD-74ABT374 Datasheet
133Kb / 11P
   Octal D-Type Flip-Flop with 3-STATE Outputs
74ABT374 FAIRCHILD-74ABT374 Datasheet
310Kb / 13P
   Octal D-Type Flip-Flop with 3-STATE Outputs
74ABT374CMSA FAIRCHILD-74ABT374CMSA Datasheet
310Kb / 13P
   Octal D-Type Flip-Flop with 3-STATE Outputs
74ABT374CMTC FAIRCHILD-74ABT374CMTC Datasheet
310Kb / 13P
   Octal D-Type Flip-Flop with 3-STATE Outputs
74ABT374CSC FAIRCHILD-74ABT374CSC Datasheet
310Kb / 13P
   Octal D-Type Flip-Flop with 3-STATE Outputs
More results

Podobny opis - 74ABT374ADB

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74LV574 PHILIPS-74LV574 Datasheet
121Kb / 12P
   Octal D-type flip-flop; positive edge-trigger 3-State
1998 Jun 10
74ALVC374 NXP-74ALVC374 Datasheet
98Kb / 17P
   Octal D-type flip-flop; positive-edge trigger; 3-state
Rev. 02-17 October 2007
logo
Nexperia B.V. All right...
74HCT374 NEXPERIA-74HCT374 Datasheet
259Kb / 15P
   Octal D-type flip-flop; positive edge-trigger; 3-state
Rev. 5 - 7 September 2021
74HC574 NEXPERIA-74HC574 Datasheet
289Kb / 17P
   Octal D-type flip-flop; positive edge-trigger; 3-state
Rev. 9 - 20 October 2022
logo
NXP Semiconductors
74ALVC574 NXP-74ALVC574 Datasheet
99Kb / 17P
   Octal D-type flip-flop; positive edge-trigger; 3-state
Rev. 02-8 November 2007
logo
Nexperia B.V. All right...
74ALVC374 NEXPERIA-74ALVC374 Datasheet
259Kb / 15P
   Octal D-type flip-flop; positive-edge trigger; 3-state
Rev. 3 - 30 April 2021
logo
NXP Semiconductors
74ALVC574 PHILIPS-74ALVC574 Datasheet
95Kb / 20P
   Octal D-type flip-flop positive edge-trigger 3-state
2002 Mar 04
74LV374 PHILIPS-74LV374 Datasheet
111Kb / 12P
   Octal D-type flip-flop; positive edge-trigger 3-State
1997 Mar 20
74HC374D-T NXP-74HC374D-T Datasheet
65Kb / 8P
   Octal D-type flip-flop; positive edge-trigger; 3-state
December 1990
logo
Nexperia B.V. All right...
74AHCT574 NEXPERIA-74AHCT574 Datasheet
655Kb / 18P
   Octal D-type flip-flop; positive edge-trigger; 3-state
Rev. 02 - 24 January 2008
logo
Integral Corp.
IN74LV574 INTEGRAL-IN74LV574 Datasheet
194Kb / 8P
   Octal D-type flip-flop; positive edge-trigger (3-State)
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com