Zakładka z wyszukiwarką danych komponentów |
|
GS8324Z72C-225 Arkusz danych(PDF) 9 Page - GSI Technology |
|
GS8324Z72C-225 Arkusz danych(HTML) 9 Page - GSI Technology |
9 / 46 page Rev: 1.00 10/2001 9/46 © 2001, Giga Semiconductor, Inc. Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com. Preliminary GS8324Z18(B/C)/GS8324Z36(B/C)/GS8324Z72(C) GS8324Z18/36 119-Bump BGA Pin Description Pin Location Symbol Type Description P4, N4 A0, A1 I Address field LSBs and Address Counter Preset Inputs R2, C3, B3, C2, A2, A3, A5, A6, T3, T5, R6, C5, B5, C6, G4, A4 An I Address Inputs T4, T6 An Address Input (x36 Version) T2 NC — No Connect (x36 Version) T2, T6, T4 An I Address Input (x18 Version) K7, L7, N7, P7, K6, L6, M6, N6 H7, G7, E7, D7, H6, G6, F6, E6 H1, G1, E1, D1, H2, G2, F2, E2 K1, L1, N1, P1, K2, L2, M2, N2 DQA1–DQA8 DQB1–DQB8 DQC1–DQC8 DQD1–DQD8 I/O Data Input and Output pins. (x36 Version) P6, D6, D2, P2 DQA9, DQB9, DQC9, DQD9 I/O Data Input and Output pins. (x36 Version) L5, G5, G3, L3 BA, BB, BC, BD I Byte Write Enable for DQA, DQB, DQC, DQD I/Os; active low (x36 Version) P7, N6, L6, K7, H6, G7, F6, E7, D6 D1, E2, G2, H1, K2, L1, M2, N1, P2 DQA1–DQA9 DQB1–DQB9 I/O Data Input and Output pins (x18 Version) L5, G3 BA, BB I Byte Write Enable for DQA, DQB I/Os; active low (x18 Version) B1, C1, R1, T1, U6, B7, C7, J3, J5 NC — No Connect P6, N7, M6, L7, K6, H7, G6, E6, D7, D2, E1, F2, G1, H2, K1, L2, N2, P1, G5, L3 NC — No Connect (x18 Version) L4 NC — No Connect (x36 Version) K4 CK I Clock Input Signal; active high M4 CKE I Clock Enable; active low H4 W I Write Enable; active low E4 E1 I Chip Enable; active low B6 E3 I Chip Enable; active low (x36 version) B2 E2 I Chip Enable; active high (x36 version) F4 G I Output Enable; active low B4 ADV I Burst address counter advance enable T7 ZZ I Sleep mode control; active high R5 FT I Flow Through or Pipeline mode; active low R3 LBO I Linear Burst Order mode; active low D4 ZQ I FLXDrive Output Impedance Control (Low = Low Impedance [High Drive], High = High Impedance [Low Drive]) R7 PE I Parity Bit Enable; active low U2 TMS I Scan Test Mode Select U3 TDI I Scan Test Data In |
Podobny numer części - GS8324Z72C-225 |
|
Podobny opis - GS8324Z72C-225 |