Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

GS78132AB Arkusz danych(PDF) 7 Page - GSI Technology

Numer części GS78132AB
Szczegółowy opis  256K x 32 8Mb Asynchronous SRAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  GSI [GSI Technology]
Strona internetowa  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS78132AB Arkusz danych(HTML) 7 Page - GSI Technology

Back Button GS78132AB Datasheet HTML 3Page - GSI Technology GS78132AB Datasheet HTML 4Page - GSI Technology GS78132AB Datasheet HTML 5Page - GSI Technology GS78132AB Datasheet HTML 6Page - GSI Technology GS78132AB Datasheet HTML 7Page - GSI Technology GS78132AB Datasheet HTML 8Page - GSI Technology GS78132AB Datasheet HTML 9Page - GSI Technology GS78132AB Datasheet HTML 10Page - GSI Technology GS78132AB Datasheet HTML 11Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
tAA
tRC
Address
tAC
tLZ
tAB
tBLZ
tOE
tOLZ
CE
OE
Data Out
tHZ
tBHZ
tOHZ
Data valid
High impedance
BA, BB,
BC, BD
GS78132AB
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Rev: 1.04 5/2006
7/12
© 2003, GSI Technology
Read Cycle 2: WE = VIH
* These parameters are sampled and are not 100% tested
Write Cycle
Parameter
Symbol
-8
-10
-12
Unit
Min
Max
Min
Max
Min
Max
Write cycle time
tWC
8
10
12
ns
Address valid to end of write
tAW
5.5
7
8
ns
Chip enable to end of write
tCW
5.5
7
8
ns
Data set up time
tDW
4
5
6
ns
Data hold time
tDH
0
0
0
ns
Write pulse width
tWP
5.5
7
8
ns
Address set up time
tAS
0
0
0
ns
Write recovery time (WE)
tWR
0
0
0
ns
Write recovery time (CE)
tWR1
0
0
0
ns
Output Low Z from end of write
tWLZ*
3
3
3
ns
Write to output in High Z
tWHZ*
3.5
4
5
ns


Podobny numer części - GS78132AB

ProducentNumer częściArkusz danychSzczegółowy opis
logo
GSI Technology
GS78132B GSI-GS78132B Datasheet
227Kb / 11P
   256K x 32 8Mb Asynchronous SRAM
GS78132B-10 GSI-GS78132B-10 Datasheet
227Kb / 11P
   256K x 32 8Mb Asynchronous SRAM
GS78132B-10I GSI-GS78132B-10I Datasheet
227Kb / 11P
   256K x 32 8Mb Asynchronous SRAM
GS78132B-12 GSI-GS78132B-12 Datasheet
227Kb / 11P
   256K x 32 8Mb Asynchronous SRAM
GS78132B-12I GSI-GS78132B-12I Datasheet
227Kb / 11P
   256K x 32 8Mb Asynchronous SRAM
More results

Podobny opis - GS78132AB

ProducentNumer częściArkusz danychSzczegółowy opis
logo
GSI Technology
GS78132B GSI-GS78132B Datasheet
227Kb / 11P
   256K x 32 8Mb Asynchronous SRAM
GS78108B GSI-GS78108B Datasheet
210Kb / 10P
   1M x 8 8Mb Asynchronous SRAM
GS78108AB GSI-GS78108AB Datasheet
642Kb / 11P
   1M x 8 8Mb Asynchronous SRAM
GS78116AB GSI-GS78116AB Datasheet
643Kb / 11P
   512K x 16 8Mb Asynchronous SRAM
GS78116B GSI-GS78116B Datasheet
415Kb / 11P
   512K x 16 8Mb Asynchronous SRAM
logo
Micron Technology
MT58L256V36F MICRON-MT58L256V36F Datasheet
475Kb / 27P
   8Mb: 512K x 18, 256K x 32/36 FLOW-THROUGH SYNCBURST SRAM
MT58L256V36P MICRON-MT58L256V36P Datasheet
393Kb / 27P
   8Mb: 512K x 18, 256K x 32/36 PIPELINED, SCD SYNCBURST SRAM
logo
GSI Technology
GS74116TP GSI-GS74116TP Datasheet
137Kb / 14P
   256K x 16 4Mb Asynchronous SRAM
GS74116AGP-12 GSI-GS74116AGP-12 Datasheet
127Kb / 14P
   256K x 16 4Mb Asynchronous SRAM
logo
List of Unclassifed Man...
GS72108ATP ETC1-GS72108ATP Datasheet
317Kb / 12P
   256K x 8 2Mb Asynchronous SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com