Zakładka z wyszukiwarką danych komponentów |
|
GS8322ZV36E-166I Arkusz danych(PDF) 7 Page - GSI Technology |
|
GS8322ZV36E-166I Arkusz danych(HTML) 7 Page - GSI Technology |
7 / 39 page GS8322ZV18(B/E)/GS8322ZV36(B/E)/GS8322ZV72(C) Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com. Rev: 1.03a 2/2006 7/39 © 2002, GSI Technology GS8322ZV18/36 119-Bump BGA Pin Description Symbol Type Description A0, A1 I Address field LSBs and Address Counter Preset Inputs An I Address Inputs DQA DQB DQC DQD I/O Data Input and Output pins BA, BB, BC, BD I Byte Write Enable for DQA, DQB, DQC, DQD I/Os; active low NC — No Connect CK I Clock Input Signal; active high CKE I Clock Enable; active low W I Write Enable; active low E1 I Chip Enable; active low E3 I Chip Enable; active low E2 I Chip Enable; active high G I Output Enable; active low ADV I Burst address counter advance enable ZZ I Sleep mode control; active high FT I Flow Through or Pipeline mode; active low LBO I Linear Burst Order mode; active low ZQ I FLXDrive Output Impedance Control Low = Low Impedance [High Drive], High = High Impedance [Low Drive]) TMS I Scan Test Mode Select TDI I Scan Test Data In TDO O Scan Test Data Out TCK I Scan Test Clock VDD I Core power supply VSS I I/O and Core Ground VDDQ I Output driver power supply BPR1999.05.18 |
Podobny numer części - GS8322ZV36E-166I |
|
Podobny opis - GS8322ZV36E-166I |