Zakładka z wyszukiwarką danych komponentów |
|
GS864436E-250I Arkusz danych(PDF) 10 Page - GSI Technology |
|
GS864436E-250I Arkusz danych(HTML) 10 Page - GSI Technology |
10 / 32 page First Write First Read Burst Write Burst Read Deselect R W CR CW X X WR R W R X X X CR R CW CR CR W CW W CW Notes: 1. The diagram shows supported (tested) synchronous state transitions plus supported transitions that depend upon the use of G. 2. Use of “Dummy Reads” (Read Cycles with G High) may be used to make the transition from read cycles to write cycles without passing through a Deselect cycle. Dummy Read cycles increment the address counter just like normal read cycles. 3. Transitions shown in grey tone assume G has been pulsed high long enough to turn the RAM’s drivers off and for incoming data to meet Data Input Set Up Time. Preliminary GS864418/36E-xxxV Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com. Rev: 1.05 6/2006 10/32 © 2003, GSI Technology Simplified State Diagram with G |
Podobny numer części - GS864436E-250I |
|
Podobny opis - GS864436E-250I |