Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74LVX373MX Arkusz danych(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Numer części 74LVX373MX
Szczegółowy opis  Low Voltage Octal Transparent Latch with TRI-STATE Outputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NSC [National Semiconductor (TI)]
Strona internetowa  http://www.national.com
Logo NSC - National Semiconductor (TI)

74LVX373MX Arkusz danych(HTML) 4 Page - National Semiconductor (TI)

  74LVX373MX Datasheet HTML 1Page - National Semiconductor (TI) 74LVX373MX Datasheet HTML 2Page - National Semiconductor (TI) 74LVX373MX Datasheet HTML 3Page - National Semiconductor (TI) 74LVX373MX Datasheet HTML 4Page - National Semiconductor (TI) 74LVX373MX Datasheet HTML 5Page - National Semiconductor (TI) 74LVX373MX Datasheet HTML 6Page - National Semiconductor (TI) 74LVX373MX Datasheet HTML 7Page - National Semiconductor (TI) 74LVX373MX Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Noise Characteristics
Symbol
Parameter
VCC
(V)
74LVX373
Units
CL (pF)
TA e 25 C
Typ
Limit
VOLP
Quiet Output Maximum Dynamic VOL
33
05
08
V
50
VOLV
Quiet Output Minimum Dynamic VOL
33
b
05
b
08
V
50
VIHD
Minimum High Level Dynamic Input Voltage
33
20
V
50
VILD
Maximum Low Level Dynamic Input Voltage
33
08
V
50
Note
Input tr e tf e 3 ns
AC Electrical Characteristics
Symbol
Parameter
VCC
(V)
74LVX373
74LVX373
Units
Conditions
TA ea25 C
TA e
b
40 Cto a85 C
Min
Typ
Max
Min
Max
tPLH
Propagation Delay Time
27
77
150
10
185
ns
CL e 15 pF
tPHL
Dn to On
102
185
10
220
CL e 50 pF
33 g03
60
97
10
115
CL e 15 pF
85
132
10
150
CL e 50 pF
tPLH
Propagation Delay Time
27
75
145
10
175
ns
CL e 15 pF
tPHL
LE to On
100
180
10
210
CL e 50 pF
33 g03
58
93
10
110
CL e 15 pF
83
128
10
145
CL e 50 pF
tPZL
TRI-STATE Output
27
77
150
10
185
ns
CL e 15 pF RL e 1kX
tPZH
Enable Time
102
185
10
220
CL e 50 pF RL e 1kX
33 g03
60
97
10
115
CL e 15 pF RL e 1kX
85
132
10
150
CL e 50 pF RL e 1kX
tPLZ
TRI-STATE Output
27
98
180
10
210
ns
CL e 50 pF RL e 1kX
tPHZ
Disable Time
33 g03
82
128
10
145
CL e 50 pF RL e 1kX
tW
LE Pulse Width HIGH
27
65
75
ns
33 g03
50
50
tS
Setup Time Dn to LE
27
60
60
ns
33 g03
40
40
tH
Hold Time Dn to LE
27
10
10
ns
33 g03
10
10
tOSLH
Output to Output Skew
27
15
15
ns
CL e 50 pF
tOSHL
(Note 1)
Note 1
Parameter guaranteed by design tOSLH e
ltPLHm b tPLHnl tOSHL e ltPHLm b tPHLnl
http
www nationalcom
4


Podobny numer części - 74LVX373MX

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
74LVX373M FAIRCHILD-74LVX373M Datasheet
80Kb / 7P
   Low Voltage Octal Transparent Latch with 3-STATE Outputs
logo
STMicroelectronics
74LVX373M STMICROELECTRONICS-74LVX373M Datasheet
77Kb / 10P
   LOW VOLTAGE CMOS OCTAL D-TYPE LATCH (3-STATE NON INV.) WITH 5V TOLERANT INPUTS
logo
ON Semiconductor
74LVX373M ONSEMI-74LVX373M Datasheet
198Kb / 9P
   Low Voltage Octal Transparent Latch with 3-STATE Outputs
Revised April 2005
logo
Fairchild Semiconductor
74LVX373MTC FAIRCHILD-74LVX373MTC Datasheet
80Kb / 7P
   Low Voltage Octal Transparent Latch with 3-STATE Outputs
logo
ON Semiconductor
74LVX373MTC ONSEMI-74LVX373MTC Datasheet
198Kb / 9P
   Low Voltage Octal Transparent Latch with 3-STATE Outputs
Revised April 2005
More results

Podobny opis - 74LVX373MX

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
74ABT373 NSC-74ABT373 Datasheet
333Kb / 16P
   Octal Transparent Latch with TRI-STATE Outputs
54F373DM NSC-54F373DM Datasheet
174Kb / 8P
   Octal Transparent Latch with TRI-STATE Outputs
54FCT533 NSC-54FCT533 Datasheet
152Kb / 6P
   Octal Transparent Latch with TRI-STATE Outputs
54ABT373 NSC-54ABT373 Datasheet
357Kb / 14P
   Octal Transparent Latch with TRI-STATE Outputs
54F533DM NSC-54F533DM Datasheet
166Kb / 8P
   Octal Transparent Latch with TRI-STATE Outputs
54AC373 NSC-54AC373 Datasheet
166Kb / 10P
   Octal Transparent Latch with TRI-STATE Outputs
54FCT373 NSC-54FCT373 Datasheet
146Kb / 8P
   Octal Transparent Latch with TRI-STATE Outputs
logo
Texas Instruments
JM54AC373BRA TI-JM54AC373BRA Datasheet
211Kb / 12P
[Old version datasheet]   54AC373 54ACT373 Octal Transparent Latch with TRI-STATE Outputs
54ACQ373 TI1-54ACQ373 Datasheet
214Kb / 10P
[Old version datasheet]   Quiet Series Octal Transparent Latch with TRI-STATE Outputs
logo
National Semiconductor ...
54ACQ373 NSC-54ACQ373 Datasheet
170Kb / 8P
   Quiet Series Octal Transparent Latch with TRI-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com