Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74ACT534FMQR Arkusz danych(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Numer części 74ACT534FMQR
Szczegółowy opis  Octal D Flip-Flop with TRI-STATE Outputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NSC [National Semiconductor (TI)]
Strona internetowa  http://www.national.com
Logo NSC - National Semiconductor (TI)

74ACT534FMQR Arkusz danych(HTML) 4 Page - National Semiconductor (TI)

  74ACT534FMQR Datasheet HTML 1Page - National Semiconductor (TI) 74ACT534FMQR Datasheet HTML 2Page - National Semiconductor (TI) 74ACT534FMQR Datasheet HTML 3Page - National Semiconductor (TI) 74ACT534FMQR Datasheet HTML 4Page - National Semiconductor (TI) 74ACT534FMQR Datasheet HTML 5Page - National Semiconductor (TI) 74ACT534FMQR Datasheet HTML 6Page - National Semiconductor (TI) 74ACT534FMQR Datasheet HTML 7Page - National Semiconductor (TI) 74ACT534FMQR Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
DC Characteristics for ’ACT Family Devices (Continued)
74ACT
54ACT
74ACT
Symbol
Parameter
VCC
TA e
TA e
TA e
Units
Conditions
(V)
a
25 C
b
55 Cto a125 C
b
40 Cto a85 C
Typ
Guaranteed Limits
IOLD
Minimum Dynamic
55
50
75
mA
VOLD e 165V Max
IOHD
Output Current
55
b
50
b
75
mA
VOHD e 385V Min
ICC
Maximum Quiescent
55
40
800
400
m
A
VIN e VCC
Supply Current
or GND
Maximum test duration 20 ms one output loaded at a time
Note
ICC for 54ACT
25 C is identical to 74ACT
25 C
AC Electrical Characteristics
74ACT
54ACT
74ACT
VCC
TA ea25 C
TA eb55 CTA eb40 C
Symbol
Parameter
(V)
CL e 50 pF
to a125 Cto a85 C
Units
CL e 50 pF
CL e 50 pF
Min
Typ
Max
Min
Max
Min
Max
fmax
Maximum Clock
50
100
85
120
MHz
Frequency
tPLH
Propagation Delay
50
25
65
115
15
140
20
125
ns
CP to Qn
tPHL
Propagation Delay
50
20
60
105
15
130
20
120
ns
CP to Qn
tPZH
Output Enable Time
50
25
65
120
15
140
20
125
ns
tPZL
Output Enable Time
50
20
60
110
15
130
20
115
ns
tPHZ
Output Disable Time
50
15
70
125
15
145
10
135
ns
tPLZ
Output Disable Time
50
15
55
105
15
115
10
105
ns
Voltage Range 50 is 50V g05V
AC Operating Requirements
74ACT
54ACT
74ACT
VCC
TA ea25 C
TA eb55 CTA eb40 C
Symbol
Parameter
(V)
CL e 50 pF
to a125 Cto a85 C
Units
CL e 50 pF
CL e 50 pF
Typ
Guaranteed Minimum
ts
Setup Time HIGH or LOW
50
10
35
50
40
ns
Dn to CP
th
Hold Time HIGH or LOW
50
b
10
10
30
15
ns
Dn to CP
tw
CP Pulse Width
50
20
35
50
35
ns
HIGH or LOW
Voltage Range 50 is 50V g05V
4


Podobny numer części - 74ACT534FMQR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
74ACT534 FAIRCHILD-74ACT534 Datasheet
74Kb / 7P
   Octal D-Type Flip-Flop with 3-STATE Outputs
74ACT534 FAIRCHILD-74ACT534 Datasheet
209Kb / 8P
   Octal D-Type Flip-Flop with 3-STATE Outputs
74ACT534PC FAIRCHILD-74ACT534PC Datasheet
74Kb / 7P
   Octal D-Type Flip-Flop with 3-STATE Outputs
74ACT534SC FAIRCHILD-74ACT534SC Datasheet
74Kb / 7P
   Octal D-Type Flip-Flop with 3-STATE Outputs
74ACT534SC FAIRCHILD-74ACT534SC Datasheet
209Kb / 8P
   Octal D-Type Flip-Flop with 3-STATE Outputs
More results

Podobny opis - 74ACT534FMQR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
54AC374 NSC-54AC374 Datasheet
170Kb / 8P
   Octal D Flip-Flop with TRI-STATE Outputs
74FCT534 NSC-74FCT534 Datasheet
142Kb / 8P
   Octal D Flip-Flop with TRI-STATE Outputs
logo
Texas Instruments
54AC374 TI1-54AC374 Datasheet
215Kb / 10P
[Old version datasheet]   Octal D Flip-Flop with TRI-STATE Outputs
logo
National Semiconductor ...
54FCT374A NSC-54FCT374A Datasheet
213Kb / 8P
   Octal D Flip-Flop with TRI-STATE Outputs
MN54ACTQ574-X NSC-MN54ACTQ574-X Datasheet
34Kb / 8P
   Octal D Flip-Flop with TRI-STATE Outputs
54ACT534 NSC-54ACT534 Datasheet
149Kb / 6P
   Octal D Flip-Flop with TRI-STATE Outputs
54F574DM NSC-54F574DM Datasheet
169Kb / 8P
   Octal D-Type Flip-Flop with TRI-STATE Outputs
54FCT574 NSC-54FCT574 Datasheet
145Kb / 7P
   Octal D-Type Flip-Flop with TRI-STATE Outputs
54ABT374 NSC-54ABT374 Datasheet
334Kb / 12P
   Octal D-Type Flip-Flop with TRI-STATE Outputs
DM74LS564 NSC-DM74LS564 Datasheet
109Kb / 4P
   Octal D-Type Flip-Flop with TRI-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com