Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

GS832436C-133 Arkusz danych(PDF) 9 Page - GSI Technology

Numer części GS832436C-133
Szczegółowy opis  2M x 18, 1M x 36, 512K x 72 36Mb S/DCD Sync Burst SRAMs
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  GSI [GSI Technology]
Strona internetowa  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS832436C-133 Arkusz danych(HTML) 9 Page - GSI Technology

Back Button GS832436C-133 Datasheet HTML 5Page - GSI Technology GS832436C-133 Datasheet HTML 6Page - GSI Technology GS832436C-133 Datasheet HTML 7Page - GSI Technology GS832436C-133 Datasheet HTML 8Page - GSI Technology GS832436C-133 Datasheet HTML 9Page - GSI Technology GS832436C-133 Datasheet HTML 10Page - GSI Technology GS832436C-133 Datasheet HTML 11Page - GSI Technology GS832436C-133 Datasheet HTML 12Page - GSI Technology GS832436C-133 Datasheet HTML 13Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 46 page
background image
Rev: 1.00 10/2001
9/46
© 2001, Giga Semiconductor, Inc.
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Preliminary
GS832418(B/C)/GS832436(B/C)/GS832472(C)
GS832418/36 119-Bump BGA Pin Description
Pin Location
Symbol
Type
Description
P4, N4
A0, A1
I
Address field LSBs and Address Counter Preset Inputs
R2, C3, B3, C2, A2, A3, A5, A6, T3,
T5, R6, C5, B5, C6, B6, B2
An
I
Address Inputs
T4, T6
An
Address Input (x36 Version)
T2
NC
No Connect (x36 Version)
T2, T6, T4
An
I
Address Input (x18 Version)
K7, L7, N7, P7, K6, L6, M6, N6
H7, G7, E7, D7, H6, G6, F6, E6
H1, G1, E1, D1, H2, G2, F2, E2
K1, L1, N1, P1, K2, L2, M2, N2
DQA1–DQA8
DQB1–DQB8
DQC1–DQC8
DQD1–DQD8
I/O
Data Input and Output pins. (x36 Version)
P6, D6, D2, P2
DQA9, DQB9,
DQC9, DQD9
I/O
Data Input and Output pins. (x36 Version)
L5, G5, G3, L3
BA, BB, BC, BD
I
Byte Write Enable for DQA, DQB, DQC, DQD I/Os; active low (x36 Version)
P7, N6, L6, K7, H6, G7, F6, E7, D6
D1, E2, G2, H1, K2, L1, M2, N1, P2
DQA1–DQA9
DQB1–DQB9
I/O
Data Input and Output pins (x18 Version)
L5, G3
BA, BB
I
Byte Write Enable for DQA, DQB I/Os; active low (x18 Version)
B1, C1, R1, T1, U6, B7, C7, J3, J5,
R7
NC
No Connect
P6, N7, M6, L7, K6, H7, G6, E6, D7,
D2, E1, F2, G1, H2, K1, L2, N2, P1,
G5, L3
NC
No Connect (x18 Version)
K4
CK
I
Clock Input Signal; active high
M4
BW
I
Byte Write—Writes all enabled bytes; active low
H4
GW
I
Global Write Enable—Writes all bytes; active low
E4
E1
I
Chip Enable; active low
F4
G
I
Output Enable; active low
G4
ADV
I
Burst address counter advance enable; active low
A4, B4
ADSP, ADSC
I
Address Strobe (Processor, Cache Controller); active low
T7
ZZ
I
Sleep mode control; active high
R5
FT
I
Flow Through or Pipeline mode; active low
R3
LBO
I
Linear Burst Order mode; active low
D4
ZQ
I
FLXDrive Output Impedance Control (Low = Low Impedance [High Drive],
High = High Impedance [Low Drive])
L4
SCD
I
Single Cycle Deselect/Dual Cyle Deselect Mode Control (x36 version)
U2
TMS
I
Scan Test Mode Select


Podobny numer części - GS832436C-133

ProducentNumer częściArkusz danychSzczegółowy opis
logo
GSI Technology
GS8324Z18B GSI-GS8324Z18B Datasheet
1Mb / 46P
   2M x 18, 1M x 36, 512K x 72 36Mb Sync NBT SRAMs
GS8324Z18B-133 GSI-GS8324Z18B-133 Datasheet
1Mb / 46P
   2M x 18, 1M x 36, 512K x 72 36Mb Sync NBT SRAMs
GS8324Z18B-133I GSI-GS8324Z18B-133I Datasheet
1Mb / 46P
   2M x 18, 1M x 36, 512K x 72 36Mb Sync NBT SRAMs
GS8324Z18B-150 GSI-GS8324Z18B-150 Datasheet
1Mb / 46P
   2M x 18, 1M x 36, 512K x 72 36Mb Sync NBT SRAMs
GS8324Z18B-150I GSI-GS8324Z18B-150I Datasheet
1Mb / 46P
   2M x 18, 1M x 36, 512K x 72 36Mb Sync NBT SRAMs
More results

Podobny opis - GS832436C-133

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
GS832218 ETC1-GS832218 Datasheet
1Mb / 41P
   2M x 18, 1M x 36, 512K x 72 36Mb S/DCD Sync Burst SRAMs
logo
GSI Technology
GS8322V18B GSI-GS8322V18B Datasheet
1Mb / 42P
   2M x 18, 1M x 36, 512K x 72 36Mb S/DCD Sync Burst SRAMs
GS8324Z18B GSI-GS8324Z18B Datasheet
1Mb / 46P
   2M x 18, 1M x 36, 512K x 72 36Mb Sync NBT SRAMs
GS864418 GSI-GS864418 Datasheet
850Kb / 41P
   4M x 18, 2M x 36, 1M x 72 72Mb S/DCD Sync Burst SRAMs
GS8644V18B GSI-GS8644V18B Datasheet
1Mb / 40P
   4M x 18, 2M x 36, 1M x 72 72Mb S/DCD Sync Burst SRAMs
GS864236GB-250I GSI-GS864236GB-250I Datasheet
574Kb / 37P
   4M x 18, 2M x 36, 1M x 72 72Mb S/DCD Sync Burst SRAMs
GS864218B-V GSI-GS864218B-V Datasheet
1Mb / 35P
   4M x 18, 2M x 36, 1M x 72 72Mb S/DCD Sync Burst SRAMs
GS816218 GSI-GS816218 Datasheet
618Kb / 31P
   1M x 18, 512K x 36 18Mb S/DCD Sync Burst SRAMs
GS832118E GSI-GS832118E Datasheet
1,004Kb / 32P
   2M x 18, 1M x 32, 1M x 36 36Mb Sync Burst SRAMs
GS832018 GSI-GS832018 Datasheet
669Kb / 25P
   2M x 18, 1M x 32, 1M x 36 36Mb Sync Burst SRAMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com