Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74ABT657DB Arkusz danych(PDF) 3 Page - NXP Semiconductors

Numer części 74ABT657DB
Szczegółowy opis  Octal transceiver with parity generator/checker 3-State
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ABT657DB Arkusz danych(HTML) 3 Page - NXP Semiconductors

  74ABT657DB Datasheet HTML 1Page - NXP Semiconductors 74ABT657DB Datasheet HTML 2Page - NXP Semiconductors 74ABT657DB Datasheet HTML 3Page - NXP Semiconductors 74ABT657DB Datasheet HTML 4Page - NXP Semiconductors 74ABT657DB Datasheet HTML 5Page - NXP Semiconductors 74ABT657DB Datasheet HTML 6Page - NXP Semiconductors 74ABT657DB Datasheet HTML 7Page - NXP Semiconductors 74ABT657DB Datasheet HTML 8Page - NXP Semiconductors 74ABT657DB Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Philips Semiconductors
Product specification
74ABT657
Octal transceiver with parity generator/checker
(3-State)
1995 Dec 11
3
LOGIC SYMBOL
T/R
OE
B0 B1 B2 B3
ODD/EVEN
B4 B5 B6 B7
1
24
11
A0 A1 A2 A3 A4 A5 A6 A7
23
45
689
10
23
22
21
20
17
16
15
14
13
12
PARITY
ERROR
SA00182
LOGIC SYMBOL (IEEE/IEC)
322
421
520
617
816
915
10
14
G4[ODD]
G3[EVEN]
11
1
24
0
1
M
0
2
0 BUSBTO A
1 BUSATO B
2HIGH Z
2K
=
1,3[EVEN]
1,4[ODD]
0,3[EVEN
0,4]ODD
2
223
0
12
13
SA00194
FUNCTION TABLE
NUMBER OF HIGH INPUTS
INPUTS
INPUT/
OUTPUT
OUTPUTS
OE
T/R
ODD/EVEN
PARITY
ERROR
OUTPUTS MODE
0, 2, 4, 6, 8
L
L
L
L
L
L
H
H
L
L
L
L
H
L
H
H
L
L
H
L
H
L
H
L
Z
Z
H
L
L
H
Transmit
Transmit
Receive
Receive
Receive
Receive
1, 3, 5, 7
L
L
L
L
L
L
H
H
L
L
L
L
H
L
H
H
L
L
L
H
H
L
H
L
Z
Z
L
H
H
L
Transmit
Transmit
Receive
Receive
Receive
Receive
Don’t care
H
X
X
Z
Z
3-State
H = High voltage level
L
= Low voltage level
X = Don’t care
Z = High impedance ”off” state


Podobny numer części - 74ABT657DB

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74ABT657DB NXP-74ABT657DB Datasheet
112Kb / 17P
   Octal transceiver with parity generator/checker; 3-state
Rev. 03-15 March 2010
More results

Podobny opis - 74ABT657DB

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74ABT833 PHILIPS-74ABT833 Datasheet
57Kb / 11P
   Octal transceiver with parity generator/checker 3-State
1993 Jun 21
74ABT657 NXP-74ABT657 Datasheet
112Kb / 17P
   Octal transceiver with parity generator/checker; 3-state
Rev. 03-15 March 2010
74ABT834 PHILIPS-74ABT834 Datasheet
58Kb / 7P
   Octal inverting transceiver with parity generator/checker 3-State
June 9, 1992
logo
Texas Instruments
74ACT11657 TI1-74ACT11657 Datasheet
120Kb / 8P
[Old version datasheet]   OCTAL TRANSCEIVER WITH PARITY GENERATOR/CHECKER AND 3-STATE OUTPUTS
SN64BCT657 TI1-SN64BCT657 Datasheet
127Kb / 7P
[Old version datasheet]   OCTAL TRANSCEIVER WITH PARITY GENERATOR/CHECKER AND 3-STATE OUTPUTS
SN74F657 TI-SN74F657 Datasheet
230Kb / 10P
[Old version datasheet]   OCTAL TRANSCEIVER WITH PARITY GENERATOR/CHECKER AND 3-STATE OUTPUTS
SN74BCT657 TI1-SN74BCT657 Datasheet
241Kb / 10P
[Old version datasheet]   OCTAL TRANSCEIVER WITH PARITY GENERATOR/CHECKER AND 3-STATE OUTPUTS
SN74F657 TI1-SN74F657_14 Datasheet
248Kb / 11P
[Old version datasheet]   OCTAL TRANSCEIVER WITH PARITY GENERATOR/CHECKER AND 3-STATE OUTPUTS
logo
Motorola, Inc
MC74F657A MOTOROLA-MC74F657A Datasheet
124Kb / 5P
   OCTAL BIDIRECTIONAL TRANSCEIVER WITH 8-BIT PARITY GENERATOR CHECKER (3-STATE OUTPUTS)
logo
Fairchild Semiconductor
74F657 FAIRCHILD-74F657 Datasheet
61Kb / 7P
   Octal Bidirectional Transceiver with 8-Bit Parity Generator/Checker and 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com