Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74ABT74PW Arkusz danych(PDF) 3 Page - NXP Semiconductors

Numer części 74ABT74PW
Szczegółowy opis  Dual D-type flip-flop
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ABT74PW Arkusz danych(HTML) 3 Page - NXP Semiconductors

  74ABT74PW Datasheet HTML 1Page - NXP Semiconductors 74ABT74PW Datasheet HTML 2Page - NXP Semiconductors 74ABT74PW Datasheet HTML 3Page - NXP Semiconductors 74ABT74PW Datasheet HTML 4Page - NXP Semiconductors 74ABT74PW Datasheet HTML 5Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Philips Semiconductors
Product specification
74ABT74
Dual D-type flip-flop
1995 Sep 22
3
DC ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
TEST CONDITIONS
LIMITS
UNIT
SYMBOL
PARAMETER
TEST CONDITIONS
Tamb = +25°C
Tamb = –40°C
to +85
°C
UNIT
MIN
TYP
MAX
MIN
MAX
VIK
Input clamp voltage
VCC = 4.5V; IIK = –18mA
–0.9
–1.2
–1.2
V
VOH
High-level output voltage
VCC = 4.5V; IOH = –15mA; VI = VIL or VIH
2.5
2.9
2.5
V
VOL
Low-level output voltage
VCC = 4.5V; IOL = 20mA; VI = VIL or VIH
0.35
0.5
0.5
V
II
Input leakage current
VCC = 5.5V; VI = GND or 5.5V
±0.01
±1.0
±1.0
µA
IOFF
Power-off leakage current
VCC = 0.0V; VO or VI ≤ 4.5V
±5.0
±100
±100
µA
ICEX
Output High leakage current
VCC = 5.5V; VO = 5.5V; VI = GND or VCC
5.0
50
50
µA
IO
Output current1
VCC = 5.5V; VO = 2.5V
–50
–75
–180
–50
–180
mA
ICC
Quiescent supply current
VCC = 5.5V; VI = GND or VCC
2
50
50
µA
∆ICC
Additional supply current per
input pin2
VCC = 5.5V; One data input at 3.4V, other
inputs at VCC or GND
0.25
500
500
µA
NOTES:
1. Not more than one output should be tested at a time, and the duration of the test should not exceed one second.
2. This is the increase in supply current for each input at 3.4V.
3. For valid test results, data must not be loaded into the flip-flop or latch after applying the power.
AC ELECTRICAL CHARACTERISTICS
GND = 0V; tR = tF = 2.5ns; CL = 50pF, RL = 500Ω
SYMBOL
PARAMETER
WAVEFORM
LIMITS
UNIT
SYMBOL
PARAMETER
WAVEFORM
Tamb = +25°C
VCC = +5.0V
Tamb = –40°C to +85°C
VCC = +5.0V ±0.5V
UNIT
MIN
TYP
MAX
MIN
MAX
fMAX
Maximum clock frequency
1
180
250
150
MHz
tPLH
tPHL
Propagation delay
CPn to Qn, Qn
1
1.0
1.0
3.0
2.5
4.2
3.5
1.0
1.0
4.7
4.0
ns
tPLH
tPHL
Propagation delay
Sn, Rn to Qn, Qn
3
1.0
1.0
3.4
2.9
4.9
4.5
1.0
1.0
6.2
5.2
ns
tOSHL
tOSLH1
Output to Output skew
An or Bn to Yn
4
0.5
0.6
0.6
ns
NOTE:
1. Skew is defined as the absolute value of the difference between the actual propagation delay for any two separate outputs of the same
device. The specification applies to any outputs switching in the the same direction, either HIGH–to-LOW (tOSHL) or LOW-to-HIGH (tOSLH);
parameter guaranteed by design.
AC SETUP REQUIREMENTS
GND = 0V; tR = tF = 2.5ns; CL = 50pF, RL = 500Ω
SYMBOL
PARAMETER
WAVEFORM
LIMITS
UNIT
SYMBOL
PARAMETER
WAVEFORM
Tamb = +25°C
VCC = +5.0V
Tamb = –40°C to +85°C
VCC = +5.0V ±0.5V
UNIT
MIN
TYP
MIN
tsu (H)
tsu (L)
Setup time, high or low
Dn to CPn
1
2.6
2.4
1.4
1.4
2.6
2.4
ns
th (H)
th (L)
Hold time, high or low
Dn to CPn
1
0
0
–1.4
–1.4
0
0
ns
tw (H)
tw (L)
CPn pulse width,
high or low
1
1.7
1.7
1.0
1.0
2.1
2.1
ns
tw (L)
SDn, RDn pulse width, low
3
2.0
1.3
2.2
ns
trec
Recovery time
SDn, RDn to CPn
2
2.1
1.4
2.4
ns


Podobny numer części - 74ABT74PW

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Nexperia B.V. All right...
74ABT74PW NEXPERIA-74ABT74PW Datasheet
227Kb / 13P
   Dual D-type flip-flop with set and reset; positive edge-trigger
Rev. 3 - 12 October 2020
More results

Podobny opis - 74ABT74PW

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
MM74C74 FAIRCHILD-MM74C74 Datasheet
76Kb / 7P
   Dual D-Type Flip-Flop
logo
Hitachi Semiconductor
HD14013B HITACHI-HD14013B Datasheet
80Kb / 7P
   Dual D-type Flip Flop
logo
Fairchild Semiconductor
CD4013BC FAIRCHILD-CD4013BC_02 Datasheet
89Kb / 7P
   Dual D-Type Flip-Flop
logo
Toshiba Semiconductor
TC4013BP TOSHIBA-TC4013BP_07 Datasheet
343Kb / 9P
   Dual D-Type Flip Flop
logo
ON Semiconductor
MC74VHC74 ONSEMI-MC74VHC74_11 Datasheet
144Kb / 8P
   Dual D-Type Flip-Flop
May, 2011 ??Rev. 8
logo
Motorola, Inc
MC14013B MOTOROLA-MC14013B Datasheet
210Kb / 6P
   Dual Type D Flip-Flop
logo
ON Semiconductor
MC14013B ONSEMI-MC14013B Datasheet
209Kb / 8P
   Dual Type D Flip-Flop
March, 2000 ??Rev. 3
logo
NXP Semiconductors
74F74 PHILIPS-74F74 Datasheet
80Kb / 8P
   Dual D-type flip-flop
1996 Mar 12
logo
Nexperia B.V. All right...
HEF4013B-Q100 NEXPERIA-HEF4013B-Q100 Datasheet
770Kb / 17P
   Dual D-type flip-flop
logo
STMicroelectronics
HCF4013 STMICROELECTRONICS-HCF4013 Datasheet
375Kb / 13P
   Dual D-type flip-flop
May 2013 Rev 4
logo
Nexperia B.V. All right...
HEF4013B NEXPERIA-HEF4013B Datasheet
247Kb / 14P
   Dual D-type flip-flop
Rev. 11 - 9 March 2023
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com