Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74ABT853 Arkusz danych(PDF) 6 Page - NXP Semiconductors

Numer części 74ABT853
Szczegółowy opis  8-bit transceiver with 9-bit parity checker/ generator and flag latch 3-State
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ABT853 Arkusz danych(HTML) 6 Page - NXP Semiconductors

  74ABT853 Datasheet HTML 1Page - NXP Semiconductors 74ABT853 Datasheet HTML 2Page - NXP Semiconductors 74ABT853 Datasheet HTML 3Page - NXP Semiconductors 74ABT853 Datasheet HTML 4Page - NXP Semiconductors 74ABT853 Datasheet HTML 5Page - NXP Semiconductors 74ABT853 Datasheet HTML 6Page - NXP Semiconductors 74ABT853 Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Philips Semiconductors
Product specification
74ABT853
8-bit transceiver with 9-bit parity checker/
generator and flag latch (3-State)
1995 Sep 06
6
AC WAVEFORMS
VM = 1.5V, VIN = GND to 3.0V
INPUT
VM
tPHL
tPLH
VM
VM
VM
OUTPUT
SA00216
Waveform 1. Propagation Delay For Inverting Output
OEA, OEB
VM
tPZH
tPHZ
0V
VOH –0.3V
VM
VM
OUTPUT
SA00238
Waveform 2. 3-State Output Enable Time to High Level and
Output Disable Time from High Level
VM
CLEAR
VM
ERROR
tw(L)
tPLH
VM
SA00265
Waveform 3. CLEAR Pulse Width and CLEAR to ERROR Delay
INPUT
VM
VM
OUTPUT
VM
VM
tPLH
tPHL
SA00023
Waveform 4. Propagation Delay For Non-Inverting Output
tPZL
tPLZ
0V
VOL +0.3V
VM
VM
VM
OEA, OEB
OUTPUT
SA00239
Waveform 5. 3-State Output Enable Time to Low Level and
Output Disable Time from Low Level
NOTE: The shaded areas indicate when the input is permitted to
change for predictable output performance.
VM
CLEAR,
Bn, PARITY
VM
VM
VM
VM
VM
ENABLE
ts(H)
th(H)
ts(L)
th(L)
VM
tw(L)
SA00266
Waveform 6. Data Setup and Hold Times and ENABLE Pulse
Width


Podobny numer części - 74ABT853

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74ABT821 PHILIPS-74ABT821 Datasheet
69Kb / 6P
   10-bit D-type flip-flop; positive-edge trigger 3-State
1995 Sep 06
74ABT821 NXP-74ABT821 Datasheet
100Kb / 16P
   10-bit D-type flip-flop; positive-edge trigger; 3-state
Rev. 03-25 February 2010
74ABT821D PHILIPS-74ABT821D Datasheet
69Kb / 6P
   10-bit D-type flip-flop; positive-edge trigger 3-State
1995 Sep 06
74ABT821D NXP-74ABT821D Datasheet
100Kb / 16P
   10-bit D-type flip-flop; positive-edge trigger; 3-state
Rev. 03-25 February 2010
74ABT821DB PHILIPS-74ABT821DB Datasheet
69Kb / 6P
   10-bit D-type flip-flop; positive-edge trigger 3-State
1995 Sep 06
More results

Podobny opis - 74ABT853

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74ABT899 PHILIPS-74ABT899 Datasheet
123Kb / 16P
   9-bit dual latch transceiver with 8-bit parity generator/checker 3-State
1998 Jan 16
logo
Fairchild Semiconductor
74ABT899 FAIRCHILD-74ABT899 Datasheet
128Kb / 16P
   9-Bit Latchable Transceiver with Parity Generator/Checker
logo
National Semiconductor ...
74AC899 NSC-74AC899 Datasheet
214Kb / 14P
   9-Bit Latchable Transceiver with Parity Generator/Checker
54ACT899 NSC-54ACT899 Datasheet
311Kb / 12P
   9-Bit Latchable Transceiver with Parity Generator/Checker
logo
Texas Instruments
SN74BCT899 TI1-SN74BCT899 Datasheet
120Kb / 8P
[Old version datasheet]   9-BIT LATCHABLE TRANSCEIVER WITH PARITY GENERATOR/CHECKER
logo
Fairchild Semiconductor
74ACT899 FAIRCHILD-74ACT899 Datasheet
78Kb / 9P
   9-Bit Latchable Transceiver with Parity Generator/Checker
logo
Aeroflex Circuit Techno...
UT54ACTS899 AEROFLEX-UT54ACTS899 Datasheet
171Kb / 17P
   9-bit Latchable Transceiver with Parity Generator/Checker
logo
Fairchild Semiconductor
74F899 FAIRCHILD-74F899 Datasheet
89Kb / 12P
   9-Bit Latchable Transceiver with Parity Generator/Checker
74F657 FAIRCHILD-74F657 Datasheet
61Kb / 7P
   Octal Bidirectional Transceiver with 8-Bit Parity Generator/Checker and 3-STATE Outputs
logo
Toshiba Semiconductor
TC74AC280P TOSHIBA-TC74AC280P Datasheet
265Kb / 7P
   9 - BIT PARITY GENERATOR CHECKER
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com