Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74ABT841PWDH Arkusz danych(PDF) 1 Page - NXP Semiconductors

Numer części 74ABT841PWDH
Szczegółowy opis  10-bit bus interface latch 3-State
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ABT841PWDH Arkusz danych(HTML) 1 Page - NXP Semiconductors

  74ABT841PWDH Datasheet HTML 1Page - NXP Semiconductors 74ABT841PWDH Datasheet HTML 2Page - NXP Semiconductors 74ABT841PWDH Datasheet HTML 3Page - NXP Semiconductors 74ABT841PWDH Datasheet HTML 4Page - NXP Semiconductors 74ABT841PWDH Datasheet HTML 5Page - NXP Semiconductors 74ABT841PWDH Datasheet HTML 6Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Philips Semiconductors
Product specification
74ABT841
10-bit bus interface latch (3-State)
1
1995 Sep 06
853-1628 15703
FEATURES
High speed parallel latches
Extra data width for wide address/data paths or buses carrying
parity
Ideal where high speed, light loading, or increased fan-in are
required with MOS microprocessors
Slim DIP 300 mil package
Broadside pinout
Output capability: +64mA/–32mA
Latch-up protection exceeds 500mA per Jedec Std 17
ESD protection exceeds 2000 V per MIL STD 883 Method 3015
and 200 V per Machine Model
Power-up 3-State
Power-up reset
DESCRIPTION
The 74ABT841 Bus interface register is designed to provide extra
data width for wider data/address paths of buses carrying parity.
The 74ABT841 consists of ten D-type latches with 3-State outputs.
The flip-flops appear transparent to the data when Latch Enable
(LE) is High. This allows asynchronous operation, as the output
transition follows the data in transition. On the LE High-to-Low
transition, the data that meets the setup and hold time is latched.
Data appears on the bus when the Output Enable (OE) is Low.
When OE is High the output is in the High-impedance state.
QUICK REFERENCE DATA
SYMBOL
PARAMETER
CONDITIONS
Tamb = 25°C; GND = 0V
TYPICAL
UNIT
tPLH
tPHL
Propagation delay
Dn to Qn
CL = 50pF; VCC = 5V
4.1
ns
CIN
Input capacitance
VI = 0V or VCC
4
pF
COUT
Output capacitance
Outputs disabled;
VO = 0V or VCC
7
pF
ICCZ
Total supply current
Outputs disabled; VCC = 5.5V
500
nA
ORDERING INFORMATION
PACKAGES
TEMPERATURE RANGE
OUTSIDE NORTH AMERICA
NORTH AMERICA
DWG NUMBER
24-Pin Plastic DIP
–40
°C to +85°C
74ABT841 N
74ABT841 N
SOT222-1
24-Pin plastic SO
–40
°C to +85°C
74ABT841 D
74ABT841 D
SOT137-1
24-Pin Plastic SSOP Type II
–40
°C to +85°C
74ABT841 DB
74ABT841 DB
SOT340-1
24-Pin Plastic TSSOP Type I
–40
°C to +85°C
74ABT841 PW
74ABT841PW DH
SOT355-1
PIN CONFIGURATION
1
2
3
4
5
6
7
8
9
10
15
16
17
18
19
20
21
22
23
24
OE
D0
D1
D2
D3
D4
D5
D6
D7
Q7
D8
Q6
Q5
Q4
Q3
Q2
Q1
Q0
VCC
Q8
11
14
D9
Q9
12
13
GND
LE
TOP VIEW
SA00247
PIN DESCRIPTION
PIN NUMBER
SYMBOL
FUNCTION
1
OE
Output enable input
(active-Low)
2, 3, 4, 5, 6,
7, 8, 9, 10, 11
D0-D9
Data inputs
23, 22, 21, 20, 19,
18, 17, 16, 15, 14
Q0-Q9
Data outputs
13
LE
Latch enable input (active
falling edge)
12
GND
Ground (0V)
24
VCC
Positive supply voltage


Podobny numer części - 74ABT841PWDH

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74ABT841PW NXP-74ABT841PW Datasheet
304Kb / 15P
   10-bit bus interface latch; 3-state
Rev. 03-25 March 2010
More results

Podobny opis - 74ABT841PWDH

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74ABT841 NXP-74ABT841 Datasheet
304Kb / 15P
   10-bit bus interface latch; 3-state
Rev. 03-25 March 2010
MB2841 PHILIPS-MB2841 Datasheet
66Kb / 10P
   Dual 10-bit bus interface latch 3-State
August 24, 1993
74ABT16841A PHILIPS-74ABT16841A Datasheet
82Kb / 10P
   20-bit bus interface latch 3-State
1998 Feb 27
logo
Texas Instruments
SN74LVC841A TI-SN74LVC841A Datasheet
136Kb / 9P
[Old version datasheet]   10-BIT BUS-INTERFACE D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74LVC841APWR TI-SN74LVC841APWR Datasheet
633Kb / 17P
[Old version datasheet]   10-BIT BUS-INTERFACE D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74ALS29841 TI-SN74ALS29841 Datasheet
88Kb / 6P
[Old version datasheet]   10-BIT BUS-INTERFACE D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74LVC841A TI1-SN74LVC841A_16 Datasheet
843Kb / 17P
[Old version datasheet]   10-BIT BUS-INTERFACE D-TYPE LATCH WITH 3-STATE OUTPUTS
logo
NXP Semiconductors
74ALVCH16841 PHILIPS-74ALVCH16841 Datasheet
77Kb / 10P
   20-bit bus interface D-type latch 3-State
1998 Jul 27
74ALVCH16843 PHILIPS-74ALVCH16843 Datasheet
84Kb / 12P
   18-bit bus-interface D-type latch 3-State
1998 Aug 04
74ALVCH16843 PHILIPS-74ALVCH16843_15 Datasheet
88Kb / 12P
   18-bit bus-interface D-type latch (3-State)
1998 Aug 04
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com