Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74ABT863PW Arkusz danych(PDF) 2 Page - NXP Semiconductors

Numer części 74ABT863PW
Szczegółowy opis  9-bit bus transceiver 3-State
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ABT863PW Arkusz danych(HTML) 2 Page - NXP Semiconductors

  74ABT863PW Datasheet HTML 1Page - NXP Semiconductors 74ABT863PW Datasheet HTML 2Page - NXP Semiconductors 74ABT863PW Datasheet HTML 3Page - NXP Semiconductors 74ABT863PW Datasheet HTML 4Page - NXP Semiconductors 74ABT863PW Datasheet HTML 5Page - NXP Semiconductors 74ABT863PW Datasheet HTML 6Page - NXP Semiconductors 74ABT863PW Datasheet HTML 7Page - NXP Semiconductors 74ABT863PW Datasheet HTML 8Page - NXP Semiconductors 74ABT863PW Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Philips Semiconductors
Product specification
74ABT863
9-bit bus transceiver (3-State)
2
1998 Jan 16
853–1622 18869
FEATURES
Provides high performance bus interface buffering for wide
data/address paths or buses carrying parity
Buffered control inputs for light loading, or increased fan-in as
required with MOS microprocessors
Output capability: +64mA/–32mA
Latch-up protection exceeds 500mA per Jedec Std 17
ESD protection exceeds 2000V per MIL STD 883 Method 3015
and 200 V per Machine Model
Power-up 3-State
Live insertion/extraction permitted
Inputs are disabled during 3-State mode
DESCRIPTION
The 74ABT863 bus transceiver provides high performance bus
interface buffering for wide data/address paths of buses carrying
parity.
The 74ABT863 9-bit bus transceiver has NOR-ed transmit and
receive output enables for maximum control flexibility.
QUICK REFERENCE DATA
SYMBOL
PARAMETER
CONDITIONS
Tamb = 25°C; GND = 0V
TYPICAL
UNIT
tPLH
tPHL
Propagation delay
An to Bn or Bn to An
CL = 50pF; VCC = 5V
3.3
ns
CIN
Input capacitance
VI = 0V or VCC
4
pF
CI/O
I/O capacitance
Outputs disabled; VO = 0V or VCC
7
pF
ICCZ
Total supply current
Outputs disabled; VCC = 5.5V
110
µA
ORDERING INFORMATION
PACKAGES
TEMPERATURE RANGE
OUTSIDE NORTH AMERICA
NORTH AMERICA
DWG NUMBER
24-Pin Plastic DIP
–40
°C to +85°C
74ABT863 N
74ABT863 N
SOT222-1
24-Pin plastic SO
–40
°C to +85°C
74ABT863 D
74ABT863 D
SOT137-1
24-Pin Plastic SSOP Type II
–40
°C to +85°C
74ABT863 DB
74ABT863 DB
SOT340-1
24-Pin Plastic TSSOP Type I
–40
°C to +85°C
74ABT863 PW
74ABT863PW DH
SOT355-1
PIN CONFIGURATION
1
2
3
4
5
6
7
8
9
10
15
16
17
18
19
20
21
22
23
24
OEBA0
A0
A1
A2
A3
A4
A5
A6
A7
B7
A8
B6
B5
B4
B3
B2
B1
B0
VCC
B8
11
14
OEBA1
OEAB0
12
13
GND
OEAB1
TOP VIEW
SA00283
PIN DESCRIPTION
PIN NUMBER
SYMBOL
FUNCTION
14, 13
OEAB0, OEAB1
Output enable inputs
(active-Low)
2, 3, 4, 5,
6, 7, 8, 9, 10
A0-A8
Data inputs/outputs (A
side)
23, 22, 21, 20,
19, 18, 17, 16, 15
B0-B8
Data inputs/outputs (B
side)
1, 11
OEBA0, OEBA1
Output enable inputs
(active-Low)
12
GND
Ground (0V)
24
VCC
Positive supply voltage


Podobny numer części - 74ABT863PW

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74ABT861 PHILIPS-74ABT861 Datasheet
100Kb / 10P
   10-bit bus transceiver 3-State
1998 Jan 16
74ABT861D PHILIPS-74ABT861D Datasheet
100Kb / 10P
   10-bit bus transceiver 3-State
1998 Jan 16
74ABT861DB PHILIPS-74ABT861DB Datasheet
100Kb / 10P
   10-bit bus transceiver 3-State
1998 Jan 16
74ABT861N PHILIPS-74ABT861N Datasheet
100Kb / 10P
   10-bit bus transceiver 3-State
1998 Jan 16
74ABT861PW PHILIPS-74ABT861PW Datasheet
100Kb / 10P
   10-bit bus transceiver 3-State
1998 Jan 16
More results

Podobny opis - 74ABT863PW

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74LVC863A TI-SN74LVC863A Datasheet
137Kb / 9P
[Old version datasheet]   9-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74BCT29864B TI1-SN74BCT29864B Datasheet
176Kb / 7P
[Old version datasheet]   9-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
logo
NXP Semiconductors
74ABT16245B(1) PHILIPS-74ABT16245B(1)_15 Datasheet
154Kb / 15P
   16-bit bus transceiver; 3-state
Rev. 4-19 August 2014
74ABT861 PHILIPS-74ABT861 Datasheet
100Kb / 10P
   10-bit bus transceiver 3-State
1998 Jan 16
logo
Nexperia B.V. All right...
74ABT16245B-Q100 NEXPERIA-74ABT16245B-Q100 Datasheet
186Kb / 14P
   16-bit bus transceiver; 3-state
logo
NXP Semiconductors
74ABT16245B PHILIPS-74ABT16245B Datasheet
80Kb / 11P
   16-bit bus transceiver 3-state
1998 Feb 25
logo
Nexperia B.V. All right...
74ABT16245B NEXPERIA-74ABT16245B Datasheet
215Kb / 12P
   16-bit bus transceiver; 3-state
Rev. 6 - 14 July 2021
logo
Texas Instruments
SN74ALS29863 TI1-SN74ALS29863_15 Datasheet
145Kb / 8P
[Old version datasheet]   9-BIT TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALS29863 TI-SN74ALS29863 Datasheet
81Kb / 5P
[Old version datasheet]   9-BIT TRANSCEIVER WITH 3-STATE OUTPUTS
logo
NXP Semiconductors
74ALVCH16601 PHILIPS-74ALVCH16601 Datasheet
86Kb / 12P
   18-bit universal bus transceiver 3-State
1998 Sep 24
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com