Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74AHCT04 Arkusz danych(PDF) 2 Page - NXP Semiconductors

Numer części 74AHCT04
Szczegółowy opis  Hex inverter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74AHCT04 Arkusz danych(HTML) 2 Page - NXP Semiconductors

  74AHCT04 Datasheet HTML 1Page - NXP Semiconductors 74AHCT04 Datasheet HTML 2Page - NXP Semiconductors 74AHCT04 Datasheet HTML 3Page - NXP Semiconductors 74AHCT04 Datasheet HTML 4Page - NXP Semiconductors 74AHCT04 Datasheet HTML 5Page - NXP Semiconductors 74AHCT04 Datasheet HTML 6Page - NXP Semiconductors 74AHCT04 Datasheet HTML 7Page - NXP Semiconductors 74AHCT04 Datasheet HTML 8Page - NXP Semiconductors 74AHCT04 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
1999 Sep 27
2
Philips Semiconductors
Product specification
Hex inverter
74AHC04; 74AHCT04
FEATURES
• ESD protection:
HBM EIA/JESD22-A114-A
exceeds 2000 V
MM EIA/JESD22-A115-A
exceeds 200 V
• Balanced propagation delays
• Inputs accepts voltages higher than
VCC
• For AHC only:
operates with CMOS input levels
• For AHCT only:
operates with TTL input levels
• Specified from
−40 to +85 and +125 °C.
DESCRIPTION
The 74AHC/AHCT04 are high-speed
Si-gate CMOS devices and are pin
compatible with low power Schottky
TTL (LSTTL). They are specified in
compliance with JEDEC standard
No. 7A.
The 74AHC/AHCT04 provide six
inverting buffers.
FUNCTION TABLE
See note 1.
Note
1. H = HIGH voltage level;
L = LOW voltage level.
INPUT nA
OUTPUT nY
LH
HL
QUICK REFERENCE DATA
GND = 0 V; Tamb =25 °C; tr =tf ≤ 3.0 ns.
Notes
1. CPD is used to determine the dynamic power dissipation (PD in µW).
PD =CPD × VCC2 × fi + ∑ (CL × VCC2 × fo) where:
fi = input frequency in MHz;
fo = output frequency in MHz;
∑ (CL × VCC2 × fo) = sum of outputs;
CL = output load capacitance in pF;
VCC = supply voltage in Volts.
2. The condition is VI = GND to VCC.
PINNING
SYMBOL
PARAMETER
CONDITIONS
TYPICAL
UNIT
AHC
AHCT
tPHL/tPLH
propagation
delay nA to nY
CL =15pF;
VCC =5V
3.0
3.0
ns
CI
input
capacitance
VI =VCC or GND
4.0
4.0
pF
CPD
power dissipation
capacitance
CL =50pF;
f = 1 MHz;
notes 1 and 2
13.5
13.9
pF
PIN
SYMBOL
DESCRIPTION
1, 3, 5, 9, 11 and 13
1A to 6A
data inputs
2, 4, 6, 8, 10 and 12
1Y to 6Y
data outputs
7
GND
ground (0 V)
14
VCC
DC supply voltage


Podobny numer części - 74AHCT04

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Diodes Incorporated
74AHCT04 DIODES-74AHCT04 Datasheet
286Kb / 8P
   HEX INVERTERS
logo
Nexperia B.V. All right...
74AHCT04 NEXPERIA-74AHCT04 Datasheet
234Kb / 13P
   Hex inverter
Rev. 7 - 10 September 2020
74AHCT04-Q100 NEXPERIA-74AHCT04-Q100 Datasheet
701Kb / 15P
   Hex inverter
74AHCT04A NEXPERIA-74AHCT04A Datasheet
171Kb / 12P
   Direct interface with TTL levels
74AHCT04APW NEXPERIA-74AHCT04APW Datasheet
171Kb / 12P
   Direct interface with TTL levels
More results

Podobny opis - 74AHCT04

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74LVC04A PHILIPS-74LVC04A Datasheet
87Kb / 10P
   Hex inverter
1997 Jun 30
logo
Texas Instruments
74AC11004 TI-74AC11004 Datasheet
75Kb / 5P
[Old version datasheet]   HEX INVERTER
REVISED APRIL 1996
logo
Fairchild Semiconductor
74AC04 FAIRCHILD-74AC04 Datasheet
104Kb / 8P
   Hex Inverter
74VHCT04A FAIRCHILD-74VHCT04A Datasheet
128Kb / 8P
   Hex Inverter
MM74HC04 FAIRCHILD-MM74HC04 Datasheet
77Kb / 6P
   Hex Inverter
MM74HCU04 FAIRCHILD-MM74HCU04 Datasheet
81Kb / 6P
   Hex Inverter
logo
NXP Semiconductors
74HC04 PHILIPS-74HC04 Datasheet
33Kb / 5P
   Hex inverter
2003 Jul 23
logo
STMicroelectronics
HCC4069UB STMICROELECTRONICS-HCC4069UB Datasheet
283Kb / 12P
   HEX INVERTER
logo
Motorola, Inc
74LS04 MOTOROLA-74LS04 Datasheet
34Kb / 2P
   HEX INVERTER
logo
NXP Semiconductors
74ALS04B PHILIPS-74ALS04B Datasheet
100Kb / 8P
   Hex inverter
1991 Feb 08
logo
STMicroelectronics
74AC04 STMICROELECTRONICS-74AC04_01 Datasheet
176Kb / 8P
   HEX INVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com