Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM3355MMX-4.1 Arkusz danych(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Numer części LM3355MMX-4.1
Szczegółowy opis  Regulated 50mA Buck-Boost Switched Capacitor DC/DC Converter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NSC [National Semiconductor (TI)]
Strona internetowa  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3355MMX-4.1 Arkusz danych(HTML) 1 Page - National Semiconductor (TI)

  LM3355MMX-4.1 Datasheet HTML 1Page - National Semiconductor (TI) LM3355MMX-4.1 Datasheet HTML 2Page - National Semiconductor (TI) LM3355MMX-4.1 Datasheet HTML 3Page - National Semiconductor (TI) LM3355MMX-4.1 Datasheet HTML 4Page - National Semiconductor (TI) LM3355MMX-4.1 Datasheet HTML 5Page - National Semiconductor (TI) LM3355MMX-4.1 Datasheet HTML 6Page - National Semiconductor (TI) LM3355MMX-4.1 Datasheet HTML 7Page - National Semiconductor (TI) LM3355MMX-4.1 Datasheet HTML 8Page - National Semiconductor (TI) LM3355MMX-4.1 Datasheet HTML 9Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
LM3355
Regulated 50mA Buck-Boost Switched Capacitor DC/DC
Converter
General Description
The LM3355 is a CMOS switched capacitor DC/DC con-
verter that produces a regulated output voltage by automati-
cally stepping up (boost) or stepping down (buck) the input
voltage. It accepts an input voltage between 2.5V and 5.5V.
The LM3355 is available with a standard output voltage of
4.1V (ideal for white LED applications). If other output volt-
age options between 1.8V and 4.1V are desired for other
applications, please contact your National Semiconductor
representative.
The LM3355’s proprietary buck-boost architecture enables
up to 50 mA of load current at an average efficiency greater
than 75%. Typical operating current is only 375 µA and the
typical shutdown current is only 2.3 µA.
The LM3355 is available in a 10-pin MSOP package. This
package has a maximum height of only 1.1 mm.
The high efficiency of the LM3355, low operating and shut-
down currents, small package size, and the small size of the
overall solution make this device ideal for battery powered,
portable, and hand-held applications.
See the LM3352 for up to 200mA of output current.
Features
n
Regulated V
OUT with ±3% accuracy
n
Standard output voltage of 4.1V
n
Custom output voltages available from 1.8V to 4.1V in
100 mV increments
n
2.5V to 5.5V input voltage
n
Up to 50 mA output current
n >
75% average efficiency
n
Uses few, low-cost external components
n
Very small solution size
n
375 µA typical operating current
n
2.3 µA typical shutdown current
n
1 MHz switching frequency (typical)
n
Architecture and control methods provide high load
current and good efficiency
n
MSOP-10 package
n
Over-temperature protection
Applications
n
White LED display backlights
n
1-cell Lilon battery-operated equipment including PDAs,
hand-held PCs, cellular phones
n
Flat panel displays
n
Hand-held instruments
n
NiCd, NiMH, or alkaline battery powered systems
Typical Operating Circuit
DS200219-1
December 2001
© 2001 National Semiconductor Corporation
DS200219
www.national.com


Podobny numer części - LM3355MMX-4.1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
saftbatteries
LM33550 SAFT-LM33550 Datasheet
343Kb / 2P
   3 V Primary lithium-manganese dioxide High power D-size spiral cell
More results

Podobny opis - LM3355MMX-4.1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
LM3354 NSC-LM3354 Datasheet
394Kb / 12P
   Regulated 90mA Buck-Boost Switched Capacitor DC/DC Converter
LM3352 NSC-LM3352 Datasheet
516Kb / 11P
   Regulated 200 mA Buck-Boost Switched Capacitor DC/DC Converter
LM3354-37 NSC-LM3354-37 Datasheet
356Kb / 11P
   Regulated 90mA Buck-Boost Switched Capacitor DC/DC
logo
Texas Instruments
LM3354-3.7 TI1-LM3354-3.7 Datasheet
1Mb / 14P
[Old version datasheet]   LM3354-3.7 Regulated 90mA Buck-Boost Switched Capacitor DC/DC Converter
REG711 TI1-REG711_16 Datasheet
737Kb / 13P
[Old version datasheet]   50mA SWITCHED-CAP DC/DC CONVERTER
REG711-25 TI1-REG711-25 Datasheet
515Kb / 13P
[Old version datasheet]   50mA SWITCHED-CAP DC/DC CONVERTER
REG711 TI-REG711 Datasheet
181Kb / 10P
[Old version datasheet]   50mA SWITCHED-CAP DC/DC CONVERTER
logo
Zetex Semiconductors
ZXCP330 ZETEX-ZXCP330 Datasheet
341Kb / 9P
   SWITCHED CAPACITOR DC-DC CONVERTER
logo
STMicroelectronics
STBB1XX STMICROELECTRONICS-STBB1XX Datasheet
1Mb / 20P
   Buck-boost DC-DC converter
February 2009 Rev 1
logo
Murata Manufacturing Co...
LXDC2SCAAB-352 MURATA-LXDC2SCAAB-352 Datasheet
1Mb / 23P
   Buck-Boost DC-DC converter
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com