Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74AHC1G79 Arkusz danych(PDF) 7 Page - NXP Semiconductors

Numer części 74AHC1G79
Szczegółowy opis  Single D-type flip-flop; positive-edge trigger
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74AHC1G79 Arkusz danych(HTML) 7 Page - NXP Semiconductors

Back Button 74AHC1G79 Datasheet HTML 3Page - NXP Semiconductors 74AHC1G79 Datasheet HTML 4Page - NXP Semiconductors 74AHC1G79 Datasheet HTML 5Page - NXP Semiconductors 74AHC1G79 Datasheet HTML 6Page - NXP Semiconductors 74AHC1G79 Datasheet HTML 7Page - NXP Semiconductors 74AHC1G79 Datasheet HTML 8Page - NXP Semiconductors 74AHC1G79 Datasheet HTML 9Page - NXP Semiconductors 74AHC1G79 Datasheet HTML 10Page - NXP Semiconductors 74AHC1G79 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
1999 May 18
7
Philips Semiconductors
Product specification
Single D-type flip-flop; positive-edge trigger
74AHC1G79;
74AHCT1G79
AC CHARACTERISTICS
Type 74AHC1G79
GND = 0 V; tr =tf ≤ 3.0 ns.
Notes
1. Typical values at VCC = 3.3 V.
2. Typical values at VCC = 5.0 V.
Type 74AHCT1G79
GND = 0 V; tr =tf ≤ 3.0 ns.
Note
1. Typical values at VCC = 5.0 V.
SYMBOL
PARAMETER
TEST CONDITIONS
Tamb (°C)
UNIT
WAVEFORMS
CL
VCC (V)
25
−40 to +85
MIN.
TYP.
MAX.
MIN.
MAX.
tPHL/tPLH
propagation delay
CP to Q
see Figs 5 and 6
15 pF 3.0 to 3.6
4.9(1)
8.4
1.0
9.8
ns
50 pF 3.0 to 3.6
6.9(1)
12.0
1.0
14.0
ns
15 pF 4.5 to 5.5
3.5(2)
5.6
1.0
7.0
ns
50 pF 4.5 to 5.5
5.1(2)
8.0
1.0
10.0
ns
tsu
set-up time D to CP
4.5 to 5.5
3.0
1.0
3.0
ns
th
hold time D to CP
4.5 to 5.5
+2.0
−1.0
0
ns
tW
clock pulse width
HIGH or LOW
4.5 to 5.5
3.0
−−
3.0
ns
fmax
maximum clock
pulse frequency
4.5 to 5.5
90
−−
90
MHz
SYMBOL
PARAMETER
TEST CONDITIONS
Tamb (°C)
UNIT
WAVEFORMS
CL
VCC (V)
25
−40 to +85
MIN.
TYP.
MAX.
MIN.
MAX.
tPHL/tPLH
propagation delay
CP to Q
see Figs 5 and 6
15 pF 4.5 to 5.5
3.5(1)
5.0
1.0
6.0
ns
50 pF 4.5 to 5.5
5.0(1)
8.0
1.0
10.0
ns
tsu
set-up time D to CP
4.5 to 5.5
3.0
1.0
3.0
ns
th
hold time D to CP
4.5 to 5.5
+2.0
−1.0
0
ns
tW
clock pulse width
HIGH or LOW
4.5 to 5.5
3.0
−−
3.0
ns
fmax
maximum clock
pulse frequency
4.5 to 5.5
90
−−
90
MHz


Podobny numer części - 74AHC1G79

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74AHC1G79 NXP-74AHC1G79 Datasheet
82Kb / 12P
   Single D-type flip-flop; positive-edge trigger
Rev. 05-2 July 2007
74AHC1G79 NXP-74AHC1G79 Datasheet
82Kb / 12P
   Single D-type flip-flop; positive-edge trigger
Rev. 05-2 July 2007
logo
Nexperia B.V. All right...
74AHC1G79 NEXPERIA-74AHC1G79 Datasheet
218Kb / 12P
   Single D-type flip-flop; positive-edge trigger
Rev. 8 - 11 January 2022
74AHC1G79-Q100 NEXPERIA-74AHC1G79-Q100 Datasheet
721Kb / 14P
   Single D-type flip-flop; positive-edge trigger
logo
NXP Semiconductors
74AHC1G79GV NXP-74AHC1G79GV Datasheet
82Kb / 12P
   Single D-type flip-flop; positive-edge trigger
Rev. 05-2 July 2007
More results

Podobny opis - 74AHC1G79

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Panasonic Semiconductor
74LVC1G80 PANASONIC-74LVC1G80 Datasheet
99Kb / 18P
   Single D-type flip-flop; positive-edge trigger
logo
Nexperia B.V. All right...
74LVC1G80-Q100 NEXPERIA-74LVC1G80-Q100 Datasheet
796Kb / 15P
   Single D-type flip-flop; positive-edge trigger
74AHCT1G79 NEXPERIA-74AHCT1G79 Datasheet
218Kb / 12P
   Single D-type flip-flop; positive-edge trigger
Rev. 8 - 11 January 2022
logo
NXP Semiconductors
74AHC1G79GW125 NXP-74AHC1G79GW125 Datasheet
82Kb / 12P
   Single D-type flip-flop; positive-edge trigger
Rev. 05-2 July 2007
logo
Nexperia B.V. All right...
74AHC1G79-Q100 NEXPERIA-74AHC1G79-Q100 Datasheet
721Kb / 14P
   Single D-type flip-flop; positive-edge trigger
74AHCAHC1G79-Q100 NEXPERIA-74AHCAHC1G79-Q100 Datasheet
218Kb / 12P
   Single D-type flip-flop; positive-edge trigger
Rev. 4 - 11 January 2022
74LVC1G79-Q100 NEXPERIA-74LVC1G79-Q100 Datasheet
794Kb / 15P
   Single D-type flip-flop; positive-edge trigger
74LVC1G80 NEXPERIA-74LVC1G80 Datasheet
277Kb / 19P
   Single D-type flip-flop; positive-edge trigger
Rev. 15 - 29 March 2022
74LVC1G79 NEXPERIA-74LVC1G79 Datasheet
275Kb / 19P
   Single D-type flip-flop; positive-edge trigger
Rev. 14 - 29 March 2022
logo
NXP Semiconductors
74AHC1G79 NXP-74AHC1G79 Datasheet
82Kb / 12P
   Single D-type flip-flop; positive-edge trigger
Rev. 05-2 July 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com