Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74AHC244PW Arkusz danych(PDF) 9 Page - NXP Semiconductors

Numer części 74AHC244PW
Szczegółowy opis  Octal buffer/line driver; 3-state
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74AHC244PW Arkusz danych(HTML) 9 Page - NXP Semiconductors

Back Button 74AHC244PW Datasheet HTML 5Page - NXP Semiconductors 74AHC244PW Datasheet HTML 6Page - NXP Semiconductors 74AHC244PW Datasheet HTML 7Page - NXP Semiconductors 74AHC244PW Datasheet HTML 8Page - NXP Semiconductors 74AHC244PW Datasheet HTML 9Page - NXP Semiconductors 74AHC244PW Datasheet HTML 10Page - NXP Semiconductors 74AHC244PW Datasheet HTML 11Page - NXP Semiconductors 74AHC244PW Datasheet HTML 12Page - NXP Semiconductors 74AHC244PW Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
1999 Sep 28
9
Philips Semiconductors
Product specification
Octal buffer/line driver; 3-state
74AHC244; 74AHCT244
Type 74AHCT244
GND = 0 V; tr =tf ≤ 3.0 ns.
Note
1. Typical values at VCC = 5.0 V.
AC WAVEFORMS
SYMBOL
PARAMETER
TEST CONDITIONS
Tamb (°C)
UNIT
WAVEFORMS
CL
25
−40 to +85
−40 to +125
MIN.
TYP.
MAX.
MIN.
MAX.
MIN.
MAX.
VCC = 4.5 to 5.5 V; note 1
tPHL/tPLH
propagation delay
nAn to nYn
see Figs 4 and 6
15 pF
3.5
7.4
1.0
8.5
1.0
9.5
ns
tPZL/tPZH
propagation delay
nOE to nYn
see Figs 5 and 6
3.5
10.4
1.0
12.0
1.0
13.0
ns
tPLZ/tPHZ
propagation delay
nOE to nYn
5.0
9.4
1.0
10.0
1.0
12.0
ns
tPHL/tPLH
propagation delay
nAn to nYn
see Figs 4 and 6
50 pF
5.0
8.4
1.0
9.5
1.0
10.5
ns
tPZL/tPZH
propagation delay
nOE to nYn
see Figs 5 and 6
5.5
11.4
1.0
13.0
1.0
14.5
ns
tPLZ/tPHZ
propagation delay
nOE to nYn
7.0
11.4
1.0
13.0
1.0
14.5
ns
Fig.4 The input (nAn) to output (nYn) propagation delays.
handbook, halfpage
MNA171
nAn INPUT
nYn OUTPUT
tPLH
tPHL
GND
VI
VM
VM
VM
VM
VOH
VOL
FAMILY
VI INPUT
REQUIREMENTS
VM
INPUT
VM
OUTPUT
AHC
GND to VCC
50% VCC
50% VCC
AHCT
GND to 3.0 V
1.5 V
50% VCC


Podobny numer części - 74AHC244PW

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74AHC244PW NXP-74AHC244PW Datasheet
103Kb / 16P
   Octal buffer/line driver; 3-state
Rev. 05-20 December 2007
74AHC244PW NXP-74AHC244PW Datasheet
103Kb / 16P
   Octal buffer/line driver; 3-state
Rev. 05-20 December 2007
logo
Nexperia B.V. All right...
74AHC244PW NEXPERIA-74AHC244PW Datasheet
264Kb / 16P
   Octal buffer/line driver; 3-state
Rev. 6 - 2 July 2020
74AHC244PW-Q100 NEXPERIA-74AHC244PW-Q100 Datasheet
824Kb / 17P
   Octal buffer/line driver; 3-state
More results

Podobny opis - 74AHC244PW

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74AHC541 PHILIPS-74AHC541 Datasheet
81Kb / 16P
   Octal buffer/line driver; 3-state
1999 Nov 24
74HC541D-T NXP-74HC541D-T Datasheet
55Kb / 7P
   Octal buffer/line driver; 3-state
December 1990
74VHC_VHCT541 PHILIPS-74VHC_VHCT541_15 Datasheet
103Kb / 16P
   Octal buffer/line driver; 3-state
Rev. 01-12 August 2009
74HC_HCT244 PHILIPS-74HC_HCT244_15 Datasheet
145Kb / 18P
   Octal buffer/line driver; 3-state
Rev. 4-24 September 2012
74LVC244APW-T NXP-74LVC244APW-T Datasheet
150Kb / 19P
   Octal buffer/line driver; 3-state
Rev. 8-26 June 2013
logo
Nexperia B.V. All right...
74AHCV244A NEXPERIA-74AHCV244A Datasheet
202Kb / 15P
   Octal buffer/line driver 3-state
74HC244-Q100 NEXPERIA-74HC244-Q100 Datasheet
249Kb / 15P
   Octal buffer/line driver; 3-state
74VHC244 NEXPERIA-74VHC244 Datasheet
608Kb / 16P
   Octal buffer/line driver; 3-state
74VHC541-Q100 NEXPERIA-74VHC541-Q100 Datasheet
714Kb / 17P
   Octal buffer/line driver; 3-state
74HC541-Q100 NEXPERIA-74HC541-Q100 Datasheet
742Kb / 17P
   Octal buffer/line driver; 3-state
74AHC541-Q100 NEXPERIA-74AHC541-Q100 Datasheet
717Kb / 17P
   Octal buffer/line driver; 3-state
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com