Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74AHCT32 Arkusz danych(PDF) 8 Page - NXP Semiconductors

Numer części 74AHCT32
Szczegółowy opis  Quad 2-input OR gate
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74AHCT32 Arkusz danych(HTML) 8 Page - NXP Semiconductors

Back Button 74AHCT32 Datasheet HTML 4Page - NXP Semiconductors 74AHCT32 Datasheet HTML 5Page - NXP Semiconductors 74AHCT32 Datasheet HTML 6Page - NXP Semiconductors 74AHCT32 Datasheet HTML 7Page - NXP Semiconductors 74AHCT32 Datasheet HTML 8Page - NXP Semiconductors 74AHCT32 Datasheet HTML 9Page - NXP Semiconductors 74AHCT32 Datasheet HTML 10Page - NXP Semiconductors 74AHCT32 Datasheet HTML 11Page - NXP Semiconductors 74AHCT32 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
1999 Sep 27
8
Philips Semiconductors
Product specification
Quad 2-input OR gate
74AHC32; 74AHCT32
AC WAVEFORMS
Fig.5 The input (nA, nB) to output (nY) propagation delays.
handbook, halfpage
MNA244
tPHL
tPLH
VM
(1)
VM
(1)
nA, nB input
nY output
GND
VI
FAMILY
VI INPUT
REQUIREMENTS
VM(1)
INPUT
VM(1)
OUTPUT
AHC
GND to VCC
50% VCC
50% VCC
AHCT
GND to 3.0 V
1.5 V
50% VCC
Fig.6 Load circuitry for switching times.
TEST
S1
tPLH/tPHL
open
tPLZ/tPZL
VCC
tPHZ/tPZH
GND
handbook, full pagewidth
open
GND
VCC
VCC
VI
VO
MNA245
D.U.T.
CL
RT
1000
PULSE
GENERATOR
S1


Podobny numer części - 74AHCT32

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Diodes Incorporated
74AHCT32 DIODES-74AHCT32 Datasheet
289Kb / 8P
   QUADRUPLE 2-INPUT OR GATES
logo
NXP Semiconductors
74AHCT32 NXP-74AHCT32 Datasheet
93Kb / 14P
   Quad 2-input OR gate
Rev. 04-22 May 2008
logo
Nexperia B.V. All right...
74AHCT32 NEXPERIA-74AHCT32 Datasheet
228Kb / 13P
   Quad 2-input OR gate
Rev. 5 - 5 June 2020
74AHCT32-Q100 NEXPERIA-74AHCT32-Q100 Datasheet
705Kb / 15P
   Quad 2-input OR gate
74AHCT32BQ NEXPERIA-74AHCT32BQ Datasheet
228Kb / 13P
   Quad 2-input OR gate
Rev. 5 - 5 June 2020
More results

Podobny opis - 74AHCT32

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TC4071BP TOSHIBA-TC4071BP Datasheet
181Kb / 5P
   QUAD 2 INPUT OR GATE
logo
Intersil Corporation
CD54AC32 INTERSIL-CD54AC32 Datasheet
14Kb / 1P
   Quad 2-Input OR Gate
June 1997
logo
National Semiconductor ...
54F32 NSC-54F32 Datasheet
128Kb / 6P
   Quad 2-Input OR Gate
logo
Motorola, Inc
SN54LS32 MOTOROLA-SN54LS32 Datasheet
121Kb / 4P
   QUAD 2-INPUT OR GATE
logo
ON Semiconductor
MC74HC32A ONSEMI-MC74HC32A Datasheet
129Kb / 8P
   Quad 2-Input OR Gate
March, 2000 ??Rev. 7
logo
NXP Semiconductors
74ALS32 PHILIPS-74ALS32 Datasheet
97Kb / 8P
   Quad 2-Input OR gate
1991 Feb 08
logo
ON Semiconductor
MC74AC32 ONSEMI-MC74AC32 Datasheet
138Kb / 9P
   QUAD 2-INPUT OR GATE
October, 2006 ??Rev. 7
logo
Integral Corp.
IN74VHCT32 INTEGRAL-IN74VHCT32 Datasheet
253Kb / 6P
   Quad 2-Input OR Gate
logo
STMicroelectronics
74AC32 STMICROELECTRONICS-74AC32 Datasheet
70Kb / 8P
   QUAD 2-INPUT OR GATE
74LVQ32 STMICROELECTRONICS-74LVQ32 Datasheet
56Kb / 8P
   QUAD 2-INPUT OR GATE
February 1999
logo
System Logic Semiconduc...
SL74HC32 SLS-SL74HC32 Datasheet
35Kb / 4P
   Quad 2-Input OR Gate
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com