Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74AHC32D Arkusz danych(PDF) 2 Page - NXP Semiconductors

Numer części 74AHC32D
Szczegółowy opis  Quad 2-input OR gate
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74AHC32D Arkusz danych(HTML) 2 Page - NXP Semiconductors

  74AHC32D Datasheet HTML 1Page - NXP Semiconductors 74AHC32D Datasheet HTML 2Page - NXP Semiconductors 74AHC32D Datasheet HTML 3Page - NXP Semiconductors 74AHC32D Datasheet HTML 4Page - NXP Semiconductors 74AHC32D Datasheet HTML 5Page - NXP Semiconductors 74AHC32D Datasheet HTML 6Page - NXP Semiconductors 74AHC32D Datasheet HTML 7Page - NXP Semiconductors 74AHC32D Datasheet HTML 8Page - NXP Semiconductors 74AHC32D Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
1999 Sep 27
2
Philips Semiconductors
Product specification
Quad 2-input OR gate
74AHC32; 74AHCT32
FEATURES
• ESD protection:
HBM EIA/JESD22-A114-A
exceeds 2000 V
MM EIA/JESD22-A115-A
exceeds 200 V
CDM EIA/JESD22-C101
exceeds 1000 V
• Balanced propagation delays
• All inputs have Schmitt-trigger
actions
• Inputs accepts voltages higher than
VCC
• For AHC only:
operates with CMOS input levels
• For AHCT only:
operates with TTL input levels
• Specified from
−40 to +85 and +125 °C.
DESCRIPTION
The 74AHC/AHCT32 are high-speed
Si-gate CMOS devices and are pin
compatible with low power Schottky
TTL (LSTTL). They are specified in
compliance with JEDEC standard
No. 7A.
The 74AHC/AHCT32 provides the
2-input OR function.
FUNCTION TABLE
See note 1.
Note
1. H = HIGH voltage level
L = LOW voltage level.
INPUT
OUTPUT
nA
nB
nY
LLL
LH
H
HLH
HHH
QUICK REFERENCE DATA
GND = 0 V; Tamb =25 °C; tr =tf ≤ 3.0 ns.
Notes
1. CPD is used to determine the dynamic power dissipation (PD in µW).
PD =CPD × VCC2 × fi + ∑ (CL × VCC2 × fo) where:
fi = input frequency in MHz;
fo = output frequency in MHz;
∑ (CL × VCC2 × fo) = sum of outputs;
CL = output load capacitance in pF;
VCC = supply voltage in Volts.
2. The condition is VI = GND to VCC.
PINNING
SYMBOL
PARAMETER
CONDITIONS
TYPICAL
UNIT
AHC
AHCT
tPHL/tPLH
propagation delay
nA, nB to nY
CL = 15 pF;
VCC =5V
3.5
5.0
ns
CI
input capacitance
VI =VCC or GND
3.0
3.0
pF
CO
output capacitance
4.0
4.0
pF
CPD
power dissipation
capacitance
CL = 50 pF;
f = 1 MHz;
notes 1 and 2
10
12
pF
PIN
SYMBOL
DESCRIPTION
1, 4, 9 and 12
1A to 4A
data inputs
2, 5, 10 and 13
1B to 4B
data inputs
3, 6, 8 and 11
1Y to 4Y
data outputs
7
GND
ground (0 V)
14
VCC
DC supply voltage


Podobny numer części - 74AHC32D

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74AHC32D NXP-74AHC32D Datasheet
93Kb / 14P
   Quad 2-input OR gate
Rev. 04-22 May 2008
logo
Nexperia B.V. All right...
74AHC32D NEXPERIA-74AHC32D Datasheet
228Kb / 13P
   Quad 2-input OR gate
Rev. 5 - 5 June 2020
74AHC32D-Q100 NEXPERIA-74AHC32D-Q100 Datasheet
705Kb / 15P
   Quad 2-input OR gate
More results

Podobny opis - 74AHC32D

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TC4071BP TOSHIBA-TC4071BP Datasheet
181Kb / 5P
   QUAD 2 INPUT OR GATE
logo
Intersil Corporation
CD54AC32 INTERSIL-CD54AC32 Datasheet
14Kb / 1P
   Quad 2-Input OR Gate
June 1997
logo
National Semiconductor ...
54F32 NSC-54F32 Datasheet
128Kb / 6P
   Quad 2-Input OR Gate
logo
Motorola, Inc
SN54LS32 MOTOROLA-SN54LS32 Datasheet
121Kb / 4P
   QUAD 2-INPUT OR GATE
logo
ON Semiconductor
MC74HC32A ONSEMI-MC74HC32A Datasheet
129Kb / 8P
   Quad 2-Input OR Gate
March, 2000 ??Rev. 7
logo
NXP Semiconductors
74ALS32 PHILIPS-74ALS32 Datasheet
97Kb / 8P
   Quad 2-Input OR gate
1991 Feb 08
logo
ON Semiconductor
MC74AC32 ONSEMI-MC74AC32 Datasheet
138Kb / 9P
   QUAD 2-INPUT OR GATE
October, 2006 ??Rev. 7
logo
Integral Corp.
IN74VHCT32 INTEGRAL-IN74VHCT32 Datasheet
253Kb / 6P
   Quad 2-Input OR Gate
logo
STMicroelectronics
74AC32 STMICROELECTRONICS-74AC32 Datasheet
70Kb / 8P
   QUAD 2-INPUT OR GATE
74LVQ32 STMICROELECTRONICS-74LVQ32 Datasheet
56Kb / 8P
   QUAD 2-INPUT OR GATE
February 1999
logo
System Logic Semiconduc...
SL74HC32 SLS-SL74HC32 Datasheet
35Kb / 4P
   Quad 2-Input OR Gate
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com