Zakładka z wyszukiwarką danych komponentów |
|
74AHC374 Arkusz danych(PDF) 6 Page - NXP Semiconductors |
|
74AHC374 Arkusz danych(HTML) 6 Page - NXP Semiconductors |
6 / 20 page 1999 Sep 28 6 Philips Semiconductors Product specification Octal D-type flip-flop; positive edge-trigger; 3-state 74AHC374; 74AHCT374 LIMITING VALUES In accordance with the Absolute Maximum Rating System (IEC 134); voltages are referenced to GND (ground = 0 V). Notes 1. The input and output voltage ratings may be exceeded if the input and output current ratings are observed. 2. For SO packages: above 70 °C the value of P D derates linearly with 8 mW/K. For TSSOP packages: above 60 °C the value of PD derates linearly with 5.5 mW/K. SYMBOL PARAMETER CONDITIONS MIN. MAX. UNIT VCC DC supply voltage −0.5 +7.0 V VI input voltage range −0.5 +7.0 V IIK DC input diode current VI < −0.5 V; note 1 −−20 mA IOK DC output diode current VO < −0.5 V or VO >VCC + 0.5 V; note 1 −±20 mA IO DC output source or sink current −0.5V<VO <VCC + 0.5 V −±25 mA ICC DC VCC or GND current −±75 mA Tstg storage temperature range −65 +150 °C PD power dissipation per package for temperature range: −40 to +125 °C; note 2 − 500 mW |
Podobny numer części - 74AHC374 |
|
Podobny opis - 74AHC374 |