Zakładka z wyszukiwarką danych komponentów |
|
74AHCT259PW Arkusz danych(PDF) 7 Page - NXP Semiconductors |
|
74AHCT259PW Arkusz danych(HTML) 7 Page - NXP Semiconductors |
7 / 20 page 2000 Mar 14 7 Philips Semiconductors Product specification 8-bit addressable latch 74AHC259; 74AHCT259 RECOMMENDED OPERATING CONDITIONS LIMITING VALUES In accordance with the Absolute Maximum Rating System (IEC 60134); voltages are referenced to GND (ground = 0 V). Notes 1. The input and output voltage ratings may be exceeded if the input and output current ratings are observed. 2. For SO packages: above 70 °C the value of PD derates linearly with 8 mW/K. For TSSOP packages: above 60 °C the value of PD derates linearly with 5.5 mW/K. SYMBOL PARAMETER CONDITIONS 74AHC 74AHCT UNIT MIN. TYP. MAX. MIN. TYP. MAX. VCC DC supply voltage 2.0 5.0 5.5 4.5 5.0 5.5 V VI input voltage 0 − 5.5 0 − 5.5 V VO output voltage 0 − VCC 0 − VCC V Tamb operating ambient temperature see DC and AC characteristics per device −40 +25 +85 −40 +25 +85 °C −40 +25 +125 −40 +25 +125 °C tr, tf input rise and fall ratios ( ∆t/∆f) VCC = 3.3 ±0.3 V −− 100 −−− ns/V VCC =5 ±0.5 V −− 20 −− 20 ns/V SYMBOL PARAMETER CONDITIONS MIN. MAX. UNIT VCC DC supply voltage −0.5 +7.0 V VI input voltage −0.5 +7.0 V IIK DC input diode current VI < −0.5 V; note 1 −−20 mA IOK DC output clamping diode current VO < −0.5 V or VO >VCC + 0.5 V; note 1 −±20 mA IO DC output sink current −0.5V<VO <VCC + 0.5 V −±25 mA ICC DC VCC or GND current −±75 mA Tstg storage temperature −65 +150 °C PD power dissipation per package for temperature range: −40 to +125 °C; note 2 − 500 mW |
Podobny numer części - 74AHCT259PW |
|
Podobny opis - 74AHCT259PW |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |