Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADA-4543-BLKG Arkusz danych(PDF) 1 Page - Agilent(Hewlett-Packard)

Numer części ADA-4543-BLKG
Szczegółowy opis  Silicon Bipolar Darlington Amplifier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  HP [Agilent(Hewlett-Packard)]
Strona internetowa  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

ADA-4543-BLKG Arkusz danych(HTML) 1 Page - Agilent(Hewlett-Packard)

  ADA-4543-BLKG Datasheet HTML 1Page - Agilent(Hewlett-Packard) ADA-4543-BLKG Datasheet HTML 2Page - Agilent(Hewlett-Packard) ADA-4543-BLKG Datasheet HTML 3Page - Agilent(Hewlett-Packard) ADA-4543-BLKG Datasheet HTML 4Page - Agilent(Hewlett-Packard) ADA-4543-BLKG Datasheet HTML 5Page - Agilent(Hewlett-Packard) ADA-4543-BLKG Datasheet HTML 6Page - Agilent(Hewlett-Packard) ADA-4543-BLKG Datasheet HTML 7Page - Agilent(Hewlett-Packard) ADA-4543-BLKG Datasheet HTML 8Page - Agilent(Hewlett-Packard) ADA-4543-BLKG Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Agilent ADA-4543
Silicon Bipolar Darlington Amplifier
Data Sheet
Description
Agilent Technologies’ ADA-4543
is an economical, easy-to-use,
general purpose silicon bipolar
RFIC gain block amplifiers
housed in a 4-lead SC-70
(SOT-343) surface mount plastic
package which requires only half
the board space of a SOT-143
package.
The Darlington feedback struc-
ture provides inherent broad
bandwidth performance, result-
ing in useful operating frequency
up to 2.5 GHz. This is an ideal
device for small-signal gain
cascades or IF amplification.
ADA-4543 is fabricated using
Agilent’s HP25 silicon bipolar
process, which employs a double-
diffused single polysilicon
process with self-aligned
submicron emitter geometry. The
process is capable of simulta-
neous high fT and high NPN
breakdown (25 GHz fT at 6V
BVCEO). The process utilizes
industry standard device oxide
isolation technologies and
submicron aluminum multilayer
interconnect to achieve superior
performance, high uniformity,
and proven reliability.
Features
• Small Signal gain amplifier
• Operating frequency DC – 2.5 GHz
• Unconditionally stable
• 50 Ohms input & output
• Flat, Broadband Frequency
Response up to 1 GHz
• Operating Current: 10 to 30 mA
• Industry standard SOT-343 package
• Lead-free option available
Specifications
900 MHz, 3.4V, 15 mA (typ.)
• 15.1 dB associated gain
• 1.9 dBm P1dB
• 15 dBm OIP3
• 3.7 dB noise figure
• VSWR < 2 throughput operating
frequency
• Single supply, typical Id = 15 mA
Applications
• Cellular/PCS/WLL base stations
• Wireless data/WLAN
• Fiber-optic systems
• ISM
Surface Mount Package
SOT-343
Pin Connections and
Package Marking
RFin
GND
RFout
& Vd
GND
Note:
Top View. Package marking provides orientation
and identification.
“1T” = Device Code
“x” = Date code character
identifies month of manufacture.
C block
C block
C bypass
Rc
V
CC = 5 V
Vd = 3.4 V
RFC
RF
input
RF
output
1Tx
Rc =
Vcc - Vd
Id
Typical Biasing Configuration
Attention:
Observe precautions for
handling electrostatic
sensitive devices.
ESD Machine Model (Class A)
ESD Human Body Model (Class 1B)
Refer to Agilent Application Note A004R:
Electrostatic Discharge Damage and Control.


Podobny numer części - ADA-4543-BLKG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
AVAGO TECHNOLOGIES LIMI...
ADA-4543 AVAGO-ADA-4543 Datasheet
108Kb / 10P
   Silicon Bipolar Darlington Amplifi er
More results

Podobny opis - ADA-4543-BLKG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Agilent(Hewlett-Packard...
ADA-4743 HP-ADA-4743 Datasheet
107Kb / 9P
   Silicon Bipolar Darlington Amplifier
logo
Broadcom Corporation.
ADA-4789 BOARDCOM-ADA-4789 Datasheet
395Kb / 13P
   Silicon Bipolar Darlington Amplifier
logo
Agilent(Hewlett-Packard...
ADA-4643 HP-ADA-4643 Datasheet
110Kb / 10P
   Silicon Bipolar Darlington Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
ADA-4789 AVAGO-ADA-4789_15 Datasheet
395Kb / 13P
   Silicon Bipolar Darlington Amplifier
ADA-4789 AVAGO-ADA-4789 Datasheet
385Kb / 13P
   Silicon Bipolar Darlington Amplifier Small Signal Gain Amplifier
ADA-4543 AVAGO-ADA-4543 Datasheet
108Kb / 10P
   Silicon Bipolar Darlington Amplifi er
ADA-4643 AVAGO-ADA-4643 Datasheet
107Kb / 12P
   Silicon Bipolar Darlington Amplifi er
ADA-4743 AVAGO-ADA-4743 Datasheet
103Kb / 9P
   Silicon Bipolar Darlington Amplifi er
logo
New Jersey Semi-Conduct...
MPSU95 NJSEMI-MPSU95 Datasheet
82Kb / 2P
   PNP SILICON DARLINGTON AMPLIFIER TRANSISTOR
logo
ON Semiconductor
MMBTA13LT1 ONSEMI-MMBTA13LT1 Datasheet
235Kb / 8P
   Darlington Amplifier Transistors(NPN Silicon)
March, 2001 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com