Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74ALS241A-1N Arkusz danych(PDF) 4 Page - NXP Semiconductors

Numer części 74ALS241A-1N
Szczegółowy opis  Octal buffer 3-state
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALS241A-1N Arkusz danych(HTML) 4 Page - NXP Semiconductors

  74ALS241A-1N Datasheet HTML 1Page - NXP Semiconductors 74ALS241A-1N Datasheet HTML 2Page - NXP Semiconductors 74ALS241A-1N Datasheet HTML 3Page - NXP Semiconductors 74ALS241A-1N Datasheet HTML 4Page - NXP Semiconductors 74ALS241A-1N Datasheet HTML 5Page - NXP Semiconductors 74ALS241A-1N Datasheet HTML 6Page - NXP Semiconductors 74ALS241A-1N Datasheet HTML 7Page - NXP Semiconductors 74ALS241A-1N Datasheet HTML 8Page - NXP Semiconductors 74ALS241A-1N Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Philips Semiconductors
Product specification
74ALS241A/74ALS241A-1
Octal buffer (3-State)
1991 Feb 08
4
DC ELECTRICAL CHARACTERISTICS
(Over recommended operating free-air temperature range unless otherwise noted.)
SYMBOL
PARAMETER
TEST CONDITIONS1
LIMITS
UNIT
SYMBOL
PARAMETER
TEST CONDITIONS1
MIN
TYP2
MAX
UNIT
VCC±10%, VIL = MAX,
IOH = –0.4mA
VCC – 2
V
VOH
High-level output voltage
CC
,
IL
,
VIH = MIN
IOH = –3mA
2.4
3.2
V
VOH
High level out ut voltage
VCC = MIN, VIL = MAX,
VIH = MIN
IOH = –15mA
2.0
V
All versions
VCC = MIN, VIL = MAX,
IOL = 12mA
0.25
0.40
V
VOL
Low-level output voltage
All versions
CC
,
IL
,
VIH = MIN
IOL = 24mA
0.35
0.50
V
VOL
Low level out ut voltage
-1 version
VCC = 4.75V, VIL = MAX,
VIH = MIN
IOL = 48mA
0.35
0.50
V
VIK
Input clamp voltage
VCC = MIN, II = IIK
–0.73
–1.5
V
II
Input current at maximum input voltage
VCC = MAX, VI = 7.0V
0.1
mA
IIH
High-level input current
VCC = MAX, VI = 2.7V
20
µA
IIL
Low-level input current
VCC = MAX, VI = 0.4V
–0.1
mA
IOZH
Off-state output current,
High-level voltage applied
VCC = MAX, VI = 2.7V
20
µA
IOZL
Off-state output current,
Low-level voltage applied
VCC = MAX, VI = 0.4V
–20
µA
IO
Output current3
VCC = MAX, VO = 2.25V
–30
–112
mA
ICCH
7
15
mA
ICC
Supply current (total)
ICCL
VCC = MAX
21
26
mA
ICCZ
25
30
mA
NOTES:
1. For conditions shown as MIN or MAX, use the appropriate value specified under recommended operating conditions for the applicable type.
2. All typical values are at VCC = 5V, Tamb = 25°C.
3. The output conditions have been chosen to produce a current that closely approximates one half of the true short-circuit output current, IOS.
AC ELECTRICAL CHARACTERISTICS
LIMITS
SYMBOL
PARAMETER
TEST CONDITION
Tamb = 0°C to +70°C
VCC = +5.0V ± 10%
CL = 50pF, RL = 500Ω
UNIT
MIN
MAX
tPLH
tPHL
Propagation delay
In to Yn
Waveform 1
1.5
1.5
10.0
10.0
ns
tPZH
tPZL
Output Enable time
to High or Low level
Waveform 2
Waveform 3
1.0
2.5
10.0
12.0
ns
tPHZ
tPLZ
Output disable time
from High or Low level
Waveform 2
Waveform 3
1.0
2.5
10.0
12.0
ns


Podobny numer części - 74ALS241A-1N

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74ALS240A PHILIPS-74ALS240A Datasheet
114Kb / 9P
   Octal inverter buffer 3-State
1991 Feb 08
74ALS240A-1 PHILIPS-74ALS240A-1 Datasheet
114Kb / 9P
   Octal inverter buffer 3-State
1991 Feb 08
74ALS240A-1D PHILIPS-74ALS240A-1D Datasheet
114Kb / 9P
   Octal inverter buffer 3-State
1991 Feb 08
74ALS240A-1DB PHILIPS-74ALS240A-1DB Datasheet
114Kb / 9P
   Octal inverter buffer 3-State
1991 Feb 08
74ALS240A-1N PHILIPS-74ALS240A-1N Datasheet
114Kb / 9P
   Octal inverter buffer 3-State
1991 Feb 08
More results

Podobny opis - 74ALS241A-1N

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
MM74HC540 FAIRCHILD-MM74HC540 Datasheet
89Kb / 6P
   Inverting Octal 3-STATE Buffer Octal 3-STATE Buffer
MM74HCT240 FAIRCHILD-MM74HCT240 Datasheet
94Kb / 7P
   Inverting Octal 3-STATE Buffer Octal 3-STATE Buffer
MM74HCT540 FAIRCHILD-MM74HCT540 Datasheet
93Kb / 7P
   Inverting Octal 3-STATE Buffer Octal 3-STATE Buffer
MM74HC540 FAIRCHILD-MM74HC540_05 Datasheet
102Kb / 7P
   Inverting Octal 3-STATE Buffer Octal 3-STATE Buffer
MM74HCT240 FAIRCHILD-MM74HCT240_05 Datasheet
110Kb / 8P
   Inverting Octal 3-STATE Buffer Octal 3-STATE Buffer
MM74HCT244WM FAIRCHILD-MM74HCT244WM Datasheet
111Kb / 8P
   Inverting Octal 3-STATE Buffer ??Octal 3-STATE Buffer
MM74HCT540 FAIRCHILD-MM74HCT540_05 Datasheet
105Kb / 8P
   Inverting Octal 3-STATE Buffer - Octal 3-STATE Buffer
logo
NXP Semiconductors
74ALS244A PHILIPS-74ALS244A Datasheet
110Kb / 9P
   Octal buffer 3-State
1991 Feb 08
logo
Fairchild Semiconductor
DM81LS95A FAIRCHILD-DM81LS95A Datasheet
71Kb / 7P
   3-STATE Octal Buffer
MM74HC244SJX FAIRCHILD-MM74HC244SJX Datasheet
107Kb / 8P
   Octal 3-STATE Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com