Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADF4217L Arkusz danych(PDF) 9 Page - Analog Devices

Numer części ADF4217L
Szczegółowy opis  Dual Low Power Frequency Synthesizers
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADF4217L Arkusz danych(HTML) 9 Page - Analog Devices

Back Button ADF4217L Datasheet HTML 5Page - Analog Devices ADF4217L Datasheet HTML 6Page - Analog Devices ADF4217L Datasheet HTML 7Page - Analog Devices ADF4217L Datasheet HTML 8Page - Analog Devices ADF4217L Datasheet HTML 9Page - Analog Devices ADF4217L Datasheet HTML 10Page - Analog Devices ADF4217L Datasheet HTML 11Page - Analog Devices ADF4217L Datasheet HTML 12Page - Analog Devices ADF4217L Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
REV. C
ADF4217L/ADF4218L/ADF4219L
–9–
CIRCUIT DESCRIPTION
Reference Input Section
The reference input stage is shown in Figure 2. SW1 and SW2
are normally closed switches; SW3 is normally open. When
power-down is initiated, SW3 is closed and SW1 and SW2 are
opened. This ensures that there is no loading of the REFIN pin
on power-down.
POWER-DOWN
CONTROL
REFIN NC
NC
NO
SW3
SW2
SW1
50k
BUFFER
TO R
COUNTER
NC = NORMALLY CLOSED
NO = NORMALLY OPEN
Figure 2. Reference Input Stage
IF/RF Input Stage
The IF/RF input stage is shown in Figure 3. It is followed by a
two-stage limiting amplifier to generate the CML clock levels
needed for the prescaler.
500
500
1.6V
BIAS
GENERATOR
RFINA
RFINB
AVDD
AGND
Figure 3. IF/RF Input Stage
Prescaler
The dual modulus prescaler (P/P + 1), along with the A and
B counters, enables the large division ratio, N, to be realized
(N = BP + A). This prescaler, operating at CML levels, takes
the clock from the IF/RF input stage and divides it down to a
manageable frequency for the CMOS A and B counters. It is
based on a synchronous 4/5 core.
The prescaler is selectable. On the IF side, it can be set to either 8/9
(DB20 of the IF AB Counter Latch set to 0) or 16/17 (DB20 set
to 1). On the RF side of the ADF4217L/ADF4218L, it can be set
to 64/65 or 32/33. On the ADF4219L, the RF prescaler can be
set to 16/17 or 32/33. See Tables V, VI, VIII, and IX.
A AND B COUNTERS
The A and B CMOS counters combine with the dual modulus
prescaler to allow a wide ranging division ratio in the PLL feed-
back counter. The devices are guaranteed to work when the
prescaler output is 188 MHz or less. Typically they will work
with 250 MHz output from the prescaler.
TO PFD
N = BP + A
LOAD
LOAD
MODULUS
CONTROL
FROM IF/RF
INPUT STAGE
11(13)-BIT
B COUNTER
6(5)-BIT
A COUNTER
PRESCALER
P/P+1
Figure 4. Reference Input Stage, A and B Counters
VCP – V
6
0
–6
0
5.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
4
2
–2
–4
VP = 5V
ICP = 4mA
TPC 13. Charge Pump Output Characteristics


Podobny numer części - ADF4217L

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADF4217L AD-ADF4217L_15 Datasheet
290Kb / 24P
   Dual Low Power Frequency Synthesizers
REV. C
More results

Podobny opis - ADF4217L

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADF4218L AD-ADF4218L_15 Datasheet
290Kb / 24P
   Dual Low Power Frequency Synthesizers
REV. C
ADF4217L AD-ADF4217L_15 Datasheet
290Kb / 24P
   Dual Low Power Frequency Synthesizers
REV. C
ADF4219L AD-ADF4219L_15 Datasheet
290Kb / 24P
   Dual Low Power Frequency Synthesizers
REV. C
logo
Texas Instruments
LMX2485Q-Q1 TI1-LMX2485Q-Q1 Datasheet
1Mb / 50P
[Old version datasheet]   Low Power Dual PLLatinum Frequency Synthesizers
LMX2486 TI1-LMX2486_16 Datasheet
1Mb / 47P
[Old version datasheet]   Low-Power Dual PLLatinum Frequency Synthesizers
LMX2487 TI1-LMX2487 Datasheet
1Mb / 49P
[Old version datasheet]   Low-Power Dual PLLatinum Frequency Synthesizers
LMX2487E TI1-LMX2487E Datasheet
1Mb / 47P
[Old version datasheet]   Low-Power Dual PLLatinum Frequency Synthesizers
logo
Sanyo Semicon Device
LM7008M SANYO-LM7008M Datasheet
201Kb / 9P
   Dual-PLL Frequency Synthesizers?
LM7007M SANYO-LM7007M Datasheet
228Kb / 9P
   Dual-PLL Frequency Synthesizers
logo
Analog Devices
ADF4207 AD-ADF4207_15 Datasheet
226Kb / 20P
   Dual RF PLL Frequency Synthesizers
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com