Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADG3242BRJ-REEL7 Arkusz danych(PDF) 5 Page - Analog Devices

Numer części ADG3242BRJ-REEL7
Szczegółowy opis  2.5 V/3.3 V, 2-Bit, Common Control Level Translator Bus Switch
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADG3242BRJ-REEL7 Arkusz danych(HTML) 5 Page - Analog Devices

  ADG3242BRJ-REEL7 Datasheet HTML 1Page - Analog Devices ADG3242BRJ-REEL7 Datasheet HTML 2Page - Analog Devices ADG3242BRJ-REEL7 Datasheet HTML 3Page - Analog Devices ADG3242BRJ-REEL7 Datasheet HTML 4Page - Analog Devices ADG3242BRJ-REEL7 Datasheet HTML 5Page - Analog Devices ADG3242BRJ-REEL7 Datasheet HTML 6Page - Analog Devices ADG3242BRJ-REEL7 Datasheet HTML 7Page - Analog Devices ADG3242BRJ-REEL7 Datasheet HTML 8Page - Analog Devices ADG3242BRJ-REEL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
REV. 0
Typical Performance Characteristics–ADG3242
–5–
VA/VB (V)
0
0
0.5
TA = 25 C
SEL = V
CC
5
10
15
20
25
30
35
40
1.5
2.5
3.5
VCC = 3V
VCC = 3.3V
VCC = 3.6V
3.0
2.0
1.0
TPC 1. On Resistance vs.
Input Voltage
VA/VB (V)
0
0
0.5
5
10
15
20
1.5
2.0
1.0
25 C
85 C
40 C
= 3.3V
SEL = V
CC
VCC
TPC 4. On Resistance vs. Input
Voltage for Different Temperatures
VA/VB (V)
0
0
0.5
0.5
1.5
2.5
1.5
2.5
VCC = 2.7V
VCC = 2.5V
VCC = 2.3V
TA = 25 C
SEL = V
CC
IO = –5 A
2.0
1.0
1.0
2.0
3.0
TPC 7. Pass Voltage vs. VCC
VA/VB (V)
0
0
0.5
5
10
15
20
25
30
35
40
1.5
2.5
VCC = 2.3V
VCC = 2.5V
VCC = 2.7V
TA = 25 C
SEL = V
CC
3.0
2.0
1.0
TPC 2. On Resistance vs.
Input Voltage
VA/VB (V)
0
0
0.5
5
10
15
85 C
25 C
1.0
40 C
= 2.5V
SEL = V
CC
VCC
1.2
TPC 5. On Resistance vs. Input
Voltage for Different Temperatures
VA/VB (V)
0
0
0.5
0.5
1.5
2.5
1.5
2.5
VCC = 3.6V
VCC = 3.3V
VCC = 3V
3.5
TA = 25 C
SEL = 0V
IO = –5 A
2.0
1.0
1.0
2.0
3.0
TPC 8. Pass Voltage vs. VCC
VA/VB (V)
0
0
0.5
5
10
15
20
25
30
35
40
1.5
2.5
VCC = 3V
VCC = 3.3V
VCC = 3.6V
3.5
TA = 25 C
SEL = 0V
1.0
2.0
3.0
TPC 3. On Resistance vs.
Input Voltage
VA/VB (V)
0
0
0.5
0.5
1.5
2.5
1.5
2.5
3.5
VCC = 3.6V
VCC = 3.3V
VCC = 3V
3.0
2.0
1.0
1.0
2.0
3.0
TA = 25 C
SEL = V
CC
IO = –5 A
TPC 6. Pass Voltage vs. VCC
500
05
10
15
20
25
30
35
40
45
ENABLE FREQUENCY (MHz)
50
50
100
150
200
250
300
350
400
450
0
TA = 25 C
VCC = 3.3V
SEL = 0V
VCC = SEL = 3.3V
VCC = SEL = 2.5V
TPC 9. ICC vs. Enable Frequency


Podobny numer części - ADG3242BRJ-REEL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADG3242BRJ-REEL7 AD-ADG3242BRJ-REEL7 Datasheet
399Kb / 16P
   2.5 V/3.3 V, 2-Bit Common Control Level Translator Bus Switch
REV. A
ADG3242BRJ-REEL7 AD-ADG3242BRJ-REEL7 Datasheet
680Kb / 16P
   2.5 V/3.3 V, 2-Bit Common Control Level Translator Bus Switch
Rev. A
More results

Podobny opis - ADG3242BRJ-REEL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADG3242 AD-ADG3242_15 Datasheet
680Kb / 16P
   2.5 V/3.3 V, 2-Bit Common Control Level Translator Bus Switch
REV. A
ADG3242 AD-ADG3242_06 Datasheet
399Kb / 16P
   2.5 V/3.3 V, 2-Bit Common Control Level Translator Bus Switch
REV. A
ADG3242 AD-ADG3242_V01 Datasheet
680Kb / 16P
   2.5 V/3.3 V, 2-Bit Common Control Level Translator Bus Switch
Rev. A
ADG3243 AD-ADG3243 Datasheet
187Kb / 12P
   2.5 V/3.3 V, 2-Bit, Individual Control Level Translator Bus Switch
REV. 0
ADG3243 AD-ADG3243_15 Datasheet
216Kb / 12P
   2.5 V/3.3 V, 2-Bit, Individual Control Level Translator Bus Switch
REV. 0
ADG3241 AD-ADG3241 Datasheet
213Kb / 12P
   2.5 V/3.3 V, 1-Bit, 2-Port Level Translator Bus Switch in SOT-66
REV. A
ADG3241 AD-ADG3241_V01 Datasheet
313Kb / 16P
   2.5 V/3.3 V, 1-Bit, 2-Port Level Translator Bus Switch in SOT-66
Rev. B
ADG3241 AD-ADG3241_15 Datasheet
313Kb / 16P
   2.5 V/3.3 V, 1-Bit, 2-Port Level Translator Bus Switch in SOT-66
REV. B
ADG3246 AD-ADG3246_15 Datasheet
367Kb / 12P
   2.5 V/3.3 V, 10-Bit, 2-Port Level Translating, Bus Switch
REV. 0
ADG3245BRU AD-ADG3245BRU Datasheet
324Kb / 12P
   2.5 V/3.3 V, 8-Bit, 2-Port Level Translating, Bus Switch
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com