Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADN2848ACP-32 Arkusz danych(PDF) 4 Page - Analog Devices

Numer części ADN2848ACP-32
Szczegółowy opis  3 V Dual-Loop 50 Mbps to 1.25 Gbps Laser Diode Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADN2848ACP-32 Arkusz danych(HTML) 4 Page - Analog Devices

  ADN2848ACP-32 Datasheet HTML 1Page - Analog Devices ADN2848ACP-32 Datasheet HTML 2Page - Analog Devices ADN2848ACP-32 Datasheet HTML 3Page - Analog Devices ADN2848ACP-32 Datasheet HTML 4Page - Analog Devices ADN2848ACP-32 Datasheet HTML 5Page - Analog Devices ADN2848ACP-32 Datasheet HTML 6Page - Analog Devices ADN2848ACP-32 Datasheet HTML 7Page - Analog Devices ADN2848ACP-32 Datasheet HTML 8Page - Analog Devices ADN2848ACP-32 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
REV. 0
–4–
ADN2848
PIN CONFIGURATION
TOP VIEW
16 CLKN
15 CLKP
14 GND1
13 DATAP
VCC2 25
IMODN 26
GND2 27
12 DATAN
11 VCC1
10 PAVCAP
9 ERCAP
IMODP 28
GND2 29
GND2 30
IBIAS 31
CCBIAS 32
ADN2848
PIN FUNCTION DESCRIPTIONS
Pin Number
Mnemonic
Function
1
LBWSET
Loop Bandwidth Select
2
ASET
Alarm Threshold Set Pin
3
ERSET
Extinction Ratio Set Pin
4
PSET
Average Optical Power Set Pin
5
IMPD
Monitor Photodiode Input
6IMPDMON
Mirrored Current from Monitor Photodiode—Current Source
7
GND4
Supply Ground
8VCC4
Supply Voltage
9
ERCAP
Extinction Ratio Loop Capacitor
10
PAVCAP
Average Power Loop Capacitor
11
VCC1
Supply Voltage
12
DATAN
Data Negative Differential Terminal
13
DATAP
Data Positive Differential Terminal
14
GND1
Supply Ground
15
CLKP
Data Clock Positive Differential Terminal, Used if CLKSEL = VCC
16
CLKN
Data Clock Negative Differential Terminal, Used if CLKSEL = VCC
17
CLKSEL
Clock Select (Active = VCC), Used if Data Is Clocked into Chip
18
DEGRADE
DEGRADE Alarm Output
19
FAIL
FAIL Alarm Output
20
ALS
Automatic Laser Shutdown
21
VCC3
Supply Voltage
22
GND3
Supply Ground
23
IMMON
Modulation Current Mirror Output—Current Source
24
IBMON
Bias Current Mirror Output—Current Source
25
VCC2
Supply Voltage
26
IMODN
Modulation Current Negative Output, Connect via Matching Resistor to VCC
27
GND2
Supply Ground
28
IMODP
Modulation Current Positive Output, Connect to Laser Diode
29
GND2
Supply Ground
30
GND2
Supply Ground
31
IBIAS
Laser Diode Bias Current Output
32
CCBIAS
Extra Laser Diode Bias When AC-Coupled—Current Sink


Podobny numer części - ADN2848ACP-32

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADN2848 AD-ADN2848_15 Datasheet
347Kb / 12P
   3.3 V Dual-Loop 50 Mbps to 1.25 Gbps Laser Diode Driver
REV. B
More results

Podobny opis - ADN2848ACP-32

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADN2848 AD-ADN2848_15 Datasheet
347Kb / 12P
   3.3 V Dual-Loop 50 Mbps to 1.25 Gbps Laser Diode Driver
REV. B
ADN2847 AD-ADN2847 Datasheet
1Mb / 12P
   3 V Dual-Loop 50 Mbps to 3.3 Gbps Laser Diode Driver
REV. 0
ADN2841 AD-ADN2841_15 Datasheet
346Kb / 16P
   Dual-Loop, 50 Mbps to 2.7 Gbps Laser Diode Driver
REV. B
ADN2870 AD-ADN2870 Datasheet
764Kb / 20P
   3.3 V Dual-Loop, 50 Mbps to 3.3 Gbps Laser Diode Driver
REV. 0
ADN2870 AD-ADN2870_15 Datasheet
705Kb / 20P
   3.3 V Dual-Loop, 50 Mbps to 3.3 Gbps Laser Diode Driver
REV. A
ADN2872 AD-ADN2872 Datasheet
588Kb / 20P
   3.3 V Dual-Loop, 50 Mbps to 3.3 Gbps Laser Diode Driver
REV. 0
ADN2847 AD-ADN2847_15 Datasheet
502Kb / 16P
   3.3 V Dual-Loop 50 Mbps to 3.3 Gbps Laser Diode Driver
REV. B
ADN2841 AD-ADN2841 Datasheet
276Kb / 12P
   Dual-Loop 50 Mbps.2.7 Gbps Laser Diode Driver
REV. 0
ADN2871 AD-ADN2871_15 Datasheet
768Kb / 20P
   3.3 V, 50 Mbps to 4.25 Gbps, Single-Loop, Laser Diode Driver
REV. A
ADN2873 AD-ADN2873 Datasheet
625Kb / 20P
   3.3 V, 50 Mbps to 4.25 Gbps, Single-Loop, Laser Diode Driver
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com