Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADSP-21062L Arkusz danych(PDF) 5 Page - Analog Devices

Numer części ADSP-21062L
Szczegółowy opis  DSP Microcomputer Family
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADSP-21062L Arkusz danych(HTML) 5 Page - Analog Devices

  ADSP-21062L Datasheet HTML 1Page - Analog Devices ADSP-21062L Datasheet HTML 2Page - Analog Devices ADSP-21062L Datasheet HTML 3Page - Analog Devices ADSP-21062L Datasheet HTML 4Page - Analog Devices ADSP-21062L Datasheet HTML 5Page - Analog Devices ADSP-21062L Datasheet HTML 6Page - Analog Devices ADSP-21062L Datasheet HTML 7Page - Analog Devices ADSP-21062L Datasheet HTML 8Page - Analog Devices ADSP-21062L Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 48 page
background image
ADSP-21062/ADSP-21062L
–5–
REV. B
include interrupt generation upon completion of DMA trans-
fers and DMA chaining for automatic linked DMA transfers.
Serial Ports
The ADSP-21062 features two synchronous serial ports that
provide an inexpensive interface to a wide variety of digital and
mixed-signal peripheral devices. The serial ports can operate at
the full clock rate of the processor, providing each with a maxi-
mum data rate of 40 Mbit/s. Independent transmit and receive
functions provide greater flexibility for serial communications.
Serial port data can be automatically transferred to and from
on-chip memory via DMA. Each of the serial ports offers TDM
multichannel mode.
The serial ports can operate with little-endian or big-endian
transmission formats, with word lengths selectable from 3 bits to
32 bits. They offer selectable synchronization and transmit
modes as well as optional
µ-law or A-law companding. Serial
port clocks and frame syncs can be internally or externally
generated.
Multiprocessing
The ADSP-21062 offers powerful features tailored to multi-
processor DSP systems. The unified address space (see
Figure 4) allows direct interprocessor accesses of each ADSP-
21062’s internal memory. Distributed bus arbitration logic is
included on-chip for simple, glueless connection of systems
containing up to six ADSP-21062s and a host processor. Master
processor changeover incurs only one cycle of overhead. Bus
arbitration is selectable as either fixed or rotating priority. Bus lock
allows indivisible read-modify-write sequences for semaphores. A
vector interrupt is provided for interprocessor commands. Maxi-
mum throughput for interprocessor data transfer is 240 Mbytes/s
over the link ports or external port. Broadcast writes allow simulta-
neous transmission of data to all ADSP-21062s and can be used
to implement reflective semaphores.
Link Ports
The ADSP-21062 features six 4-bit link ports that provide addi-
tional I/O capabilities. The link ports can be clocked twice per
cycle, allowing each to transfer eight bits of data per cycle. Link
port I/O is especially useful for point-to-point interprocessor
communication in multiprocessing systems.
The link ports can operate independently and simultaneously,
with a maximum data throughput of 240 Mbytes/s. Link port
data is packed into 32- or 48-bit words, and can be directly read
by the core processor or DMA-transferred to on-chip memory.
Each link port has its own double-buffered input and output
registers. Clock/acknowledge handshaking controls link port
transfers. Transfers are programmable as either transmit or
receive.
Program Booting
The internal memory of the ADSP-21062 can be booted at
system power-up from either an 8-bit EPROM, a host proces-
sor, or through one of the link ports. Selection of the boot
source is controlled by the
BMS (Boot Memory Select),
EBOOT (EPROM Boot), and LBOOT (Link/Host Boot) pins.
32-bit and 16-bit host processors can be used for booting.
Off-Chip Memory and Peripherals Interface
The ADSP-21062’s external port provides the processor’s inter-
face to off-chip memory and peripherals. The 4-gigaword off-
chip address space is included in the ADSP-21062’s unified
address space. The separate on-chip buses—for PM addresses,
PM data, DM addresses, DM data, I/O addresses and I/O
data—are multiplexed at the external port to create an external
system bus with a single 32-bit address bus and a single 48-bit
(or 32-bit) data bus.
Addressing of external memory devices is facilitated by on-chip
decoding of high-order address lines to generate memory bank
select signals. Separate control lines are also generated for sim-
plified addressing of page-mode DRAM. The ADSP-21062
provides programmable memory wait states and external
memory acknowledge controls to allow interfacing to DRAM
and peripherals with variable access, hold and disable time
requirements.
Host Processor Interface
The ADSP-21062’s host interface allows easy connection to
standard microprocessor buses, both 16-bit and 32-bit, with
little additional hardware required. Asynchronous transfers at
speeds up to the full clock rate of the processor are supported.
The host interface is accessed through the ADSP-21062’s exter-
nal port and is memory-mapped into the unified address space.
Four channels of DMA are available for the host interface; code
and data transfers are accomplished with low software overhead.
The host processor requests the ADSP-21062’s external bus
with the host bus request (
HBR), host bus grant (HBG), and
ready (REDY) signals. The host can directly read and write the
internal memory of the ADSP-21062, and can access the DMA
channel setup and mailbox registers. Vector interrupt support is
provided for efficient execution of host commands.
DMA Controller
The ADSP-21062’s on-chip DMA controller allows zero-
overhead data transfers without processor intervention. The
DMA controller operates independently and invisibly to the
processor core, allowing DMA operations to occur while the
core is simultaneously executing its program instructions.
DMA transfers can occur between the ADSP-21062’s internal
memory and either external memory, external peripherals or a
host processor. DMA transfers can also occur between the
ADSP-21062’s internal memory and its serial ports or link
ports. DMA transfers between external memory and external
peripheral devices are another option. External bus packing to
16-, 32-, or 48-bit words is performed during DMA transfers.
Ten channels of DMA are available on the ADSP-21062—two
via the link ports, four via the serial ports, and four via the
processor’s external port (for either host processor, other
ADSP-21062s, memory or I/O transfers). Four additional
link port DMA channels are shared with serial port 1 and the
external port. Programs can be downloaded to the ADSP-
21062 using DMA transfers. Asynchronous off-chip peripher-
als can control two DMA channels using DMA Request/
Grant lines (
DMAR1-2, DMAG1-2 ). Other DMA features


Podobny numer części - ADSP-21062L

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADSP-21062L AD-ADSP-21062L Datasheet
811Kb / 64P
   High performance signal processor for communications graphics and imaging applications
Rev. F
ADSP-21062L AD-ADSP-21062L Datasheet
949Kb / 64P
   SHARC Processor
Rev. H
ADSP-21062LAB-160 AD-ADSP-21062LAB-160 Datasheet
817Kb / 64P
   SHARC Processor
Rev. F
ADSP-21062LAB-160 AD-ADSP-21062LAB-160 Datasheet
949Kb / 64P
   SHARC Processor
Rev. F
ADSP-21062LAB-160 AD-ADSP-21062LAB-160 Datasheet
811Kb / 64P
   SHARC Processor
Rev. F
More results

Podobny opis - ADSP-21062L

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADSP-2106X AD-ADSP-2106X Datasheet
366Kb / 47P
   DSP Microcomputer Family
REV. B
ADSP-21060C AD-ADSP-21060C Datasheet
478Kb / 48P
   ADSP-21060 Industrial SHARC DSP Microcomputer Family
REV. B
ADSP-21060LCW-133 AD-ADSP-21060LCW-133 Datasheet
479Kb / 48P
   ADSP-21060 Industrial SHARC DSP Microcomputer Family
REV. B
ADSP-2185L AD-ADSP-2185L Datasheet
223Kb / 31P
   DSP Microcomputer
ADSP-2186M AD-ADSP-2186M Datasheet
288Kb / 40P
   DSP Microcomputer
REV. 0
ADSP-2183 AD-ADSP-2183 Datasheet
252Kb / 31P
   DSP Microcomputer
REV. C
ADSP-2184 AD-ADSP-2184 Datasheet
213Kb / 31P
   DSP Microcomputer
REV. 0
ADSP-2184L AD-ADSP-2184L Datasheet
216Kb / 31P
   DSP Microcomputer
REV. 0
ADSP-2184 AD-ADSP-2184_15 Datasheet
216Kb / 31P
   DSP Microcomputer
REV. 0
ADSP-2185 AD-ADSP-2185_15 Datasheet
291Kb / 32P
   DSP Microcomputer
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com