Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADN2848ACP-32-RL7 Arkusz danych(PDF) 8 Page - Analog Devices

Numer części ADN2848ACP-32-RL7
Szczegółowy opis  3 V Dual-Loop 50 Mbps to 1.25 Gbps Laser Diode Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADN2848ACP-32-RL7 Arkusz danych(HTML) 8 Page - Analog Devices

Back Button ADN2848ACP-32-RL7 Datasheet HTML 4Page - Analog Devices ADN2848ACP-32-RL7 Datasheet HTML 5Page - Analog Devices ADN2848ACP-32-RL7 Datasheet HTML 6Page - Analog Devices ADN2848ACP-32-RL7 Datasheet HTML 7Page - Analog Devices ADN2848ACP-32-RL7 Datasheet HTML 8Page - Analog Devices ADN2848ACP-32-RL7 Datasheet HTML 9Page - Analog Devices ADN2848ACP-32-RL7 Datasheet HTML 10Page - Analog Devices ADN2848ACP-32-RL7 Datasheet HTML 11Page - Analog Devices ADN2848ACP-32-RL7 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
REV. 0
–8–
ADN2848
Figure 8. A 1.244 Mbps Optical Eye. Temperature at 25 C.
Average Power = 0 dBm, Extinction Ratio = 10 dB, PRBS
31 Pattern, 1 Gb Ethernet Mask. Eye Obtained Using a
DFB Laser.
Figure 9. A 1.244 Mbps Optical Eye. Temperature at 85 C.
Average Power = 0 dBm, Extinction Ratio = 10 dBm, PRBS
31 Pattern, 1 Gb Ethernet Mask. Eye Obtained Using a
DFB Laser.
ADN2848
CLKN
CLKP
GND1
DATAP
DATAN
VCC1
PAVCAP
ERCAP
VCC2
IMODN
GND2
IMODP
GND2
GND2
IBIAS
CCBIAS
ALS
FAIL
DEGRADE
CLKN
CLKP
DATAP
DATAN
1.5k
18
24
17
25
32
16
9
MPD
LD
VCC
VCC
10nF
10nF
10nF
10nF
10 F
GND
VCCs SHOULD HAVE BYPASS CAPACITORS AS CLOSE
AS POSSIBLE TO THE ACTUAL SUPPLY PINS ON THE
ADN2848 AND THE LASER DIODE USED.
CONSERVATIVE DECOUPLING WOULD INCLUDE 100pF
CAPACITORS IN PARALLEL WITH 10nF CAPACITORS.
LD = LASER DIODE
MPD = MONITOR PHOTODIODE
VCC
*
1k
1.5k
1.5k
10nF
10nF
10nF
10nF
1 F
1 F
NOTES
* DESIGNATES COMPONENTS THAT NEED TO BE OPTIMIZED FOR THE TYPE OF LASER USED.
** FOR DIGITAL PROGRAMMING,THE ADN2850 OR THE ADN2860 OPTICAL SUPERVISOR CAN BE USED.
10 H
*
*
*
*
*
*
*
*
**
**
*
Figure 7. AC-Coupled 50 Mbps to 1.25 Gbps Test Circuit, Data Not Clocked


Podobny numer części - ADN2848ACP-32-RL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADN2848 AD-ADN2848_15 Datasheet
347Kb / 12P
   3.3 V Dual-Loop 50 Mbps to 1.25 Gbps Laser Diode Driver
REV. B
More results

Podobny opis - ADN2848ACP-32-RL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADN2848 AD-ADN2848_15 Datasheet
347Kb / 12P
   3.3 V Dual-Loop 50 Mbps to 1.25 Gbps Laser Diode Driver
REV. B
ADN2847 AD-ADN2847 Datasheet
1Mb / 12P
   3 V Dual-Loop 50 Mbps to 3.3 Gbps Laser Diode Driver
REV. 0
ADN2841 AD-ADN2841_15 Datasheet
346Kb / 16P
   Dual-Loop, 50 Mbps to 2.7 Gbps Laser Diode Driver
REV. B
ADN2870 AD-ADN2870 Datasheet
764Kb / 20P
   3.3 V Dual-Loop, 50 Mbps to 3.3 Gbps Laser Diode Driver
REV. 0
ADN2870 AD-ADN2870_15 Datasheet
705Kb / 20P
   3.3 V Dual-Loop, 50 Mbps to 3.3 Gbps Laser Diode Driver
REV. A
ADN2872 AD-ADN2872 Datasheet
588Kb / 20P
   3.3 V Dual-Loop, 50 Mbps to 3.3 Gbps Laser Diode Driver
REV. 0
ADN2847 AD-ADN2847_15 Datasheet
502Kb / 16P
   3.3 V Dual-Loop 50 Mbps to 3.3 Gbps Laser Diode Driver
REV. B
ADN2841 AD-ADN2841 Datasheet
276Kb / 12P
   Dual-Loop 50 Mbps.2.7 Gbps Laser Diode Driver
REV. 0
ADN2871 AD-ADN2871_15 Datasheet
768Kb / 20P
   3.3 V, 50 Mbps to 4.25 Gbps, Single-Loop, Laser Diode Driver
REV. A
ADN2873 AD-ADN2873 Datasheet
625Kb / 20P
   3.3 V, 50 Mbps to 4.25 Gbps, Single-Loop, Laser Diode Driver
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com