Zakładka z wyszukiwarką danych komponentów
Selected language     Polish  ▼
Nazwa części
         Szczegóły


ADXL210E Datasheet(Arkusz danych) 4 Page - Analog Devices

Numer części ADXL210E
Szczegółowy opis  Low-Cost 10 g Dual-Axis Accelerometer with Duty Cycle
Pobierz  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo 

 
 4 page
background image
REV. 0
ADXL210E
–4–
–Typical Performance Characteristics*
VDD = 3 V
VOLTS
35
15
0
1.42
1.60
1.44
1.46
1.48
1.50
1.52
1.54
1.56
1.58
30
25
10
5
20
TPC 1. X-Axis Zero g Bias Distribution at XFILT, VDD = 3 V
VOLTS
35
15
0
1.40
1.60
1.44 1.46 1.48 1.50 1.52 1.54 1.56 1.58
30
25
10
5
20
1.42
TPC 2. Y-Axis Zero g Bias Distribution at YFILT, VDD = 3 V
mV/g
35
15
0
52.5
60.0
54.2
55.0
55.8
56.7
57.5
58.3
59.2
30
25
10
5
20
53.3
TPC 3. X-Axis Sensitivity Distribution at XFILT, VDD = 3 V
VDD = 5 V
VOLTS
35
15
0
2.38
2.63
2.43 2.45 2.48 2.50 2.53 2.55 2.58
30
25
10
5
20
2.40
2.60
TPC 4. X-Axis Zero g Bias Distribution at XFILT, VDD = 5 V
VOLTS
35
15
0
2.38
2.63
2.43 2.45 2.48 2.50 2.53 2.55 2.58
30
25
10
5
20
2.40
2.60
TPC 5. Y-Axis Zero g Bias Distribution at YFILT, VDD = 5 V
mV/g
70
30
0
97.5
103.0
105.0
108.0
110.0
113.0
60
50
20
10
40
100.0
TPC 6. X-Axis Sensitivity Distribution at XFILT, VDD = 5 V
*Data taken from 14,500 parts over 3 lots minimum.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download



Powiązane numery części

Numer częściSzczegółowy opis komponentówHtml ViewProducent
ADXL202ELow-Cost +-2 g Dual-Axis Accelerometer with Duty Cycle Output 1 2 3 4 5 MoreAnalog Devices
ADIS16003Dual-Axis ±1.7 g Accelerometer with SPI Interface 1 2 3 4 5 MoreAnalog Devices
ADIS16006Dual-Axis +-5 Accelerometer with SPI Interface 1 2 3 4 5 MoreAnalog Devices
UCC28220INTERLEAVED DUAL PWM CONTROLLER WITH PROGRAMMABLE MAX DUTY CYCLE 1 2 3 4 5 MoreTI store
U6081BPWM Power Control with Low Duty Cycle Switch Off 1 2 3 4 5 MoreTEMIC Semiconductors
U6084BPWM Power Control with Automatic Duty Cycle Reduction 1 2 3 4 5 MoreTEMIC Semiconductors
CS2844Current Mode PWM Control Circuit with 50% Max Duty Cycle 1 2 3 4 5 MoreCherry Semiconductor Corporation
CS3845BCurrent Mode PWM Control Circuit with 50% Max Duty Cycle 1 2 3 4 5 MoreCherry Semiconductor Corporation
CS52845Current Mode PWM Control Circuit with 50% Max Duty Cycle 1 2 3 4 5 MoreCherry Semiconductor Corporation
ADXL190Low Cost +-100 gSingle Axis Accelerometer with Analog Output 1 2 3 4 5 Analog Devices

Link URL

Czy Alldatasheet okazała się pomocna?  [ DONATE ]  

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Dodaj do ulubionych   |   Linki   |   Lista producentów
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl