Zakładka z wyszukiwarką danych komponentów
Selected language     Polish  ▼
Nazwa części
         Szczegóły


ADXL210E Datasheet(Arkusz danych) 5 Page - Analog Devices

Numer części ADXL210E
Szczegółowy opis  Low-Cost 10 g Dual-Axis Accelerometer with Duty Cycle
Pobierz  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo 

 
 5 page
background image
REV. 0
ADXL210E
–5–
VDD = 3 V
mV/g
35
15
0
52.5
60.0
54.2
55.0
55.8
56.7
57.5
58.3
59.2
30
25
10
5
20
53.3
TPC 7. Y-Axis Sensitivity Distribution at YFILT, VDD = 3 V
PERCENT DUTY CYCLE PER g
70
30
0
3.5
4.1
3.6
3.7
3.8
3.9
4.0
60
50
20
10
40
TPC 8. X-Axis Sensitivity Distribution at XOUT, VDD = 3 V
PERCENT DUTY CYCLE PER g
70
30
0
3.4
4.1
3.6
3.7
3.8
3.9
4.0
60
50
20
10
40
3.5
TPC 9. Y-Axis Sensitivity Distribution at YOUT, VDD = 3 V
VDD = 3 V
mV/g
70
30
0
95.0
103.0
105.0
108.0
110.0
113.0
60
50
20
10
40
100.0
97.5
TPC 10. Y-Axis Sensitivity Distribution at YFILT, VDD = 5 V
PERCENT DUTY CYCLE PER g
70
30
0
3.9
4.2
4.3
4.4
60
50
20
10
40
4.1
4.0
TPC 11. X-Axis Sensitivity Distribution at XOUT, VDD = 5 V
PERCENT DUTY CYCLE PER g
70
30
0
3.8
4.1
4.2
4.4
60
50
20
10
40
4.0
3.9
4.3
TPC 12. Y-Axis Sensitivity Distribution at YOUT, VDD = 5 V




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download



Powiązane numery części

Numer częściSzczegółowy opis komponentówHtml ViewProducent
ADXL202ELow-Cost +-2 g Dual-Axis Accelerometer with Duty Cycle Output 1 2 3 4 5 MoreAnalog Devices
ADIS16003Dual-Axis ±1.7 g Accelerometer with SPI Interface 1 2 3 4 5 MoreAnalog Devices
ADIS16006Dual-Axis +-5 Accelerometer with SPI Interface 1 2 3 4 5 MoreAnalog Devices
UCC28220INTERLEAVED DUAL PWM CONTROLLER WITH PROGRAMMABLE MAX DUTY CYCLE 1 2 3 4 5 MoreTI store
U6081BPWM Power Control with Low Duty Cycle Switch Off 1 2 3 4 5 MoreTEMIC Semiconductors
U6084BPWM Power Control with Automatic Duty Cycle Reduction 1 2 3 4 5 MoreTEMIC Semiconductors
CS2844Current Mode PWM Control Circuit with 50% Max Duty Cycle 1 2 3 4 5 MoreCherry Semiconductor Corporation
CS3845BCurrent Mode PWM Control Circuit with 50% Max Duty Cycle 1 2 3 4 5 MoreCherry Semiconductor Corporation
CS52845Current Mode PWM Control Circuit with 50% Max Duty Cycle 1 2 3 4 5 MoreCherry Semiconductor Corporation
ADXL190Low Cost +-100 gSingle Axis Accelerometer with Analog Output 1 2 3 4 5 Analog Devices

Link URL

Czy Alldatasheet okazała się pomocna?  [ DONATE ]  

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Dodaj do ulubionych   |   Linki   |   Lista producentów
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl