Zakładka z wyszukiwarką danych komponentów
Selected language     Polish  ▼
Nazwa części
         Szczegóły


ADXL210E Datasheet(Arkusz danych) 6 Page - Analog Devices

Numer części ADXL210E
Szczegółowy opis  Low-Cost 10 g Dual-Axis Accelerometer with Duty Cycle
Pobierz  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo 

 6 page
background image
REV. 0
ADXL210E
–6–
NOISE DENSITY –
g
Hz rms
25
0
230
5
10
250
270
290
310
330
350
390
410
15
20
370
TPC 13. Noise Density Distribution, VDD = 3 V
TEMPERATURE – C
0.7
0
–40
100
–20
0
2040
6080
0.6
0.4
0.3
0.2
0.1
0.5
VS = 5 VDC
VS = 3.5 VDC
TPC 14. Typical Supply Current vs. Temperature
NOISE DENSITY –
g
Hz rms
35
20
0
150
5
10
30
170
190
210
230
250
270
290
310
15
25
TPC 16. Noise Density Distribution, VDD = 5 V
PERCENT
20
0
–3
5
10
01
2
3
15
25
30
35
40
–2
–1
TPC 17. Cross-Axis Sensitivity Distribution
DEGREES OF MISALIGNMENT
20
6
0
18
8
4
2
16
12
14
10
0
0.4
0.8
1.2
1.4
TIME – ms
3
2
1
0
CFILT = 0.01 F
VDD
XOUT
TPC 15. Rotational Die Alignment
TPC 18. Typical Turn-On Time




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download



Powiązane numery części

Numer częściSzczegółowy opis komponentówHtml ViewProducent
ADXL202ELow-Cost +-2 g Dual-Axis Accelerometer with Duty Cycle Output 1 2 3 4 5 MoreAnalog Devices
ADIS16003Dual-Axis ±1.7 g Accelerometer with SPI Interface 1 2 3 4 5 MoreAnalog Devices
ADIS16006Dual-Axis +-5 Accelerometer with SPI Interface 1 2 3 4 5 MoreAnalog Devices
UCC28220INTERLEAVED DUAL PWM CONTROLLER WITH PROGRAMMABLE MAX DUTY CYCLE 1 2 3 4 5 MoreTI store
U6081BPWM Power Control with Low Duty Cycle Switch Off 1 2 3 4 5 MoreTEMIC Semiconductors
U6084BPWM Power Control with Automatic Duty Cycle Reduction 1 2 3 4 5 MoreTEMIC Semiconductors
CS2844Current Mode PWM Control Circuit with 50% Max Duty Cycle 1 2 3 4 5 MoreCherry Semiconductor Corporation
CS3845BCurrent Mode PWM Control Circuit with 50% Max Duty Cycle 1 2 3 4 5 MoreCherry Semiconductor Corporation
CS52845Current Mode PWM Control Circuit with 50% Max Duty Cycle 1 2 3 4 5 MoreCherry Semiconductor Corporation
ADXL190Low Cost +-100 gSingle Axis Accelerometer with Analog Output 1 2 3 4 5 Analog Devices

Link URL

Czy Alldatasheet okazała się pomocna?  [ DONATE ]  

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Dodaj do ulubionych   |   Linki   |   Lista producentów
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl