Zakładka z wyszukiwarką danych komponentów
Selected language     Polish  ▼
Nazwa części
         Szczegóły


ADXL210E Datasheet(Arkusz danych) 8 Page - Analog Devices

Numer części ADXL210E
Szczegółowy opis  Low-Cost 10 g Dual-Axis Accelerometer with Duty Cycle
Pobierz  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo 

 
 8 page
background image
REV. 0
ADXL210E
–8–
TEMPERATURE – C
1.06
0.94
–45
90
–30
–15
0
1530456075
1.04
1.02
1.00
0.98
0.96
TPC 25. Normalized DCM Period (T2) vs. Temperature
nominally 50% duty cycle. The acceleration signal can be deter-
mined by measuring the length of the T1 and T2 pulses with
a counter/timer or with a polling loop using a low cost micro-
controller.
An analog output voltage can be obtained either by buffering the
signal from the XFILT and YFILT pin, or by passing the duty cycle
signal through an RC filter to reconstruct the dc value.
The ADXL210E will operate with supply voltages as low as 3.0 V
or as high as 5.25 V.
A(g) = (T1/T2 – 0.5)/4%
0g = 50% DUTY CYCLE
T2(s) = RSET( )/125M
T2
T1
Figure 1. Typical Output Duty Cycle
APPLICATIONS
POWER SUPPLY DECOUPLING
For most applications a single 0.1
µF capacitor, CDC, will
adequately decouple the accelerometer from signal and noise
on the power supply. However, in some cases, especially where
digital devices such as microcontrollers share the same power
supply, digital noise on the supply may cause interference on
the ADXL210E output. This may be observed as a slowly
undulating fluctuation of voltage at XFILT and YFILT. If additional
decoupling is needed, a 100
Ω (or smaller) resistor or ferrite
beads, may be inserted in the supply line of the ADXL210E.
CDC
FERRITE BEAD
100
RSET
YFILT
VDD
COM
ST
T2
XOUT
YOUT
XFILT
YFILT
ADXL210E
XFILT
VDD
Figure 2.
DEFINITIONS
T1
Length of the “on” portion of the cycle.
T2
Length of the total cycle.
Duty Cycle
Ratio of the “on” time (T1) of the cycle to the total
cycle (T2). Defined as T1/T2 for the ADXL210E/
ADXL210.
Pulsewidth
Time period of the “on” pulse. Defined as T1 for
the ADXL210E/ADXL210.
THEORY OF OPERATION
The ADXL210E is a complete, dual-axis acceleration measure-
ment system on a single monolithic IC. It contains a polysilicon
surface-micromachined sensor and signal conditioning circuitry
to implement an open loop acceleration measurement architec-
ture. For each axis, an output circuit converts the analog signal to
a duty cycle modulated (DCM) digital signal that can be decoded
with a counter/timer port on a microprocessor. The ADXL210E
is capable of measuring both positive and negative accelerations
to
±10 g. The accelerometer can measure static acceleration
forces such as gravity, allowing it to be used as a tilt sensor.
The sensor is a surface micromachined polysilicon structure
built on top of the silicon wafer. Polysilicon springs suspend the
structure over the surface of the wafer and provide a resistance
against acceleration forces. Deflection of the structure is mea-
sured using a differential capacitor that consists of independent
fixed plates and central plates attached to the moving mass. The
fixed plates are driven by 180
° out of phase square waves. An
acceleration will deflect the beam and unbalance the differential
capacitor, resulting in an output square wave whose amplitude
is proportional to acceleration. Phase sensitive demodulation
techniques are then used to rectify the signal and determine the
direction of the acceleration.
The output of the demodulator drives a duty cycle modulator
(DCM) stage through a 32 k
Ω resistor. At this point a pin is
available on each channel to allow the user to set the signal band-
width of the device by adding a capacitor. This filtering improves
measurement resolution and helps prevent aliasing.
After being low-pass filtered, the analog signal is converted to a
duty cycle modulated signal by the DCM stage. A single resistor
sets the period for a complete cycle (T2), which can be set between
0.5 ms and 10 ms (see TPC 12). A 0 g acceleration produces a




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download



Powiązane numery części

Numer częściSzczegółowy opis komponentówHtml ViewProducent
ADXL202ELow-Cost +-2 g Dual-Axis Accelerometer with Duty Cycle Output 1 2 3 4 5 MoreAnalog Devices
ADIS16003Dual-Axis ±1.7 g Accelerometer with SPI Interface 1 2 3 4 5 MoreAnalog Devices
ADIS16006Dual-Axis +-5 Accelerometer with SPI Interface 1 2 3 4 5 MoreAnalog Devices
UCC28220INTERLEAVED DUAL PWM CONTROLLER WITH PROGRAMMABLE MAX DUTY CYCLE 1 2 3 4 5 MoreTI store
U6081BPWM Power Control with Low Duty Cycle Switch Off 1 2 3 4 5 MoreTEMIC Semiconductors
U6084BPWM Power Control with Automatic Duty Cycle Reduction 1 2 3 4 5 MoreTEMIC Semiconductors
CS2844Current Mode PWM Control Circuit with 50% Max Duty Cycle 1 2 3 4 5 MoreCherry Semiconductor Corporation
CS3845BCurrent Mode PWM Control Circuit with 50% Max Duty Cycle 1 2 3 4 5 MoreCherry Semiconductor Corporation
CS52845Current Mode PWM Control Circuit with 50% Max Duty Cycle 1 2 3 4 5 MoreCherry Semiconductor Corporation
ADXL190Low Cost +-100 gSingle Axis Accelerometer with Analog Output 1 2 3 4 5 Analog Devices

Link URL

Czy Alldatasheet okazała się pomocna?  [ DONATE ]  

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Dodaj do ulubionych   |   Linki   |   Lista producentów
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl