Zakładka z wyszukiwarką danych komponentów
Selected language     Polish  ▼
Nazwa części
         Szczegóły


ADXL210AE Datasheet(Arkusz danych) 7 Page - Analog Devices

Numer części ADXL210AE
Szczegółowy opis  Low-Cost 10 g Dual-Axis Accelerometer with Duty Cycle
Pobierz  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo 

 7 page
background image
REV. 0
ADXL210E
–7–
mg/ C
20
8
0
16
12
6
4
10
18
14
2
TPC 19. X-Axis Zero g Drift Due to Temperature
Distribution, –40
°C to +85°C
PERCENT/ C
60
0
–0.0292 –0.0245 –0.0198
–0.0012
40
20
10
50
30
–0.0152 –0.0105 –0.0058
TPC 20. X-Axis Sensitivity Drift at XFILT Due to
Temperature Distribution, –40
°C to +85°C
TEMPERATURE – C
2.57
2.47
2.41
–40
90
–30 –20 –10
0
1020304050607080
2.55
2.49
2.45
2.43
2.53
2.51
TPC 21. Typical X-Axis Zero g Output vs. Tempera-
ture for 16 Parts
mg/ C
20
8
0
16
12
6
4
10
18
14
2
TPC 22. Y-Axis Zero g Drift Due to Temperature
Distribution, –40
°C to +85°C
PERCENT/ C
60
0
–0.0123 –0.0090
0.0043
40
20
10
50
30
–0.0056 –0.0023 0.0010
0.0077
–0.0156
TPC 23. Y-Axis Sensitivity Drift at XFILT Due to
Temperature Distribution, –40
°C to +85°C
TEMPERATURE – C
2.60
2.50
2.44
–40
90
–30 –20 –10
0
1020304050607080
2.58
2.52
2.48
2.46
2.56
2.54
TPC 24. Typical Y-Axis Zero g Output vs. Tempera-
ture for 16 Parts




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download



Powiązane numery części

Numer częściSzczegółowy opis komponentówHtml ViewProducent
ADXL202ELow-Cost +-2 g Dual-Axis Accelerometer with Duty Cycle Output 1 2 3 4 5 MoreAnalog Devices
ADIS16003Dual-Axis ±1.7 g Accelerometer with SPI Interface 1 2 3 4 5 MoreAnalog Devices
ADIS16006Dual-Axis +-5 Accelerometer with SPI Interface 1 2 3 4 5 MoreAnalog Devices
UCC28220INTERLEAVED DUAL PWM CONTROLLER WITH PROGRAMMABLE MAX DUTY CYCLE 1 2 3 4 5 MoreTI store
U6081BPWM Power Control with Low Duty Cycle Switch Off 1 2 3 4 5 MoreTEMIC Semiconductors
U6084BPWM Power Control with Automatic Duty Cycle Reduction 1 2 3 4 5 MoreTEMIC Semiconductors
CS2844Current Mode PWM Control Circuit with 50% Max Duty Cycle 1 2 3 4 5 MoreCherry Semiconductor Corporation
CS3845BCurrent Mode PWM Control Circuit with 50% Max Duty Cycle 1 2 3 4 5 MoreCherry Semiconductor Corporation
CS52845Current Mode PWM Control Circuit with 50% Max Duty Cycle 1 2 3 4 5 MoreCherry Semiconductor Corporation
ADXL190Low Cost +-100 gSingle Axis Accelerometer with Analog Output 1 2 3 4 5 Analog Devices

Link URL

Czy Alldatasheet okazała się pomocna?  [ DONATE ]  

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Dodaj do ulubionych   |   Linki   |   Lista producentów
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl