Zakładka z wyszukiwarką danych komponentów
Selected language     Polish  ▼
Nazwa części
         Szczegóły


ADXL210AE Datasheet(Arkusz danych) 2 Page - Analog Devices

Numer części ADXL210AE
Szczegółowy opis  Low-Cost 10 g Dual-Axis Accelerometer with Duty Cycle
Pobierz  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo 

 
 2 page
background image
REV. 0
–2–
ADXL210E–SPECIFICATIONS
(TA = TMIN to TMAX, TA = 25 C for J Grade only, VDD = 5 V, RSET = 125 k , Acceleration = 0 g,
unless otherwise noted.)
ADXL210JE
ADXL210AE
Parameter
Conditions
Min
Typ
Max
Min
Typ
Max
Unit
SENSOR INPUT
Each Axis
Measurement Range
1
±8
±10
±8
±10
g
Nonlinearity
Best Fit Straight Line
0.2
0.2
% of FS
Alignment Error
2, 3
±1
±1
Degrees
Alignment Error
X Sensor to Y Sensor
0.01
0.01
Degrees
Cross-Axis Sensitivity
2, 4
±2
±2%
SENSITIVITY
Each Axis
Duty Cycle per g
2
T1/T2, VDD = 5 V
3.3
4.0
4.9
3.2
4.0
5
%/g
Duty Cycle per g
2
T1/T2, VDD = 3 V
3.2
3.8
4.4
3.0
3.8
4.6
%/g
Sensitivity XFILT, YFILT
2
VDD = 5 V
85
100
125
80
100
130
mV/g
Sensitivity XFILT, YFILT
2
VDD = 3 V
45
55
65
40
55
70
mV/g
Temperature Drift
2, 5
Delta from 25 C
±0.5
±0.5
%
ZERO g BIAS LEVEL
Each Axis
0 g Duty Cycle2
T1/T2, VDD = 5 V
44
50
56
42
50
58
%
0 g Duty Cycle
2
T1/T2, VDD = 3 V
40
50
60
38
50
62
%
0 g Voltage XFILT, YFILT
2
VDD = 5 V
2.3
2.5
2.7
2.3
2.5
2.7
V
0 g Voltage XFILT, YFILT
2
VDD = 3 V
1.35
1.5
1.65
1.3
1.5
1.7
V
0 g Duty Cycle vs. Supply
2
1.0
4.0
1.0
4.0
%/V
0 g Offset vs. Temperature
2, 5
Delta from 25 C
2.0
2.0
mg/ C
NOISE PERFORMANCE
Noise Density
2
@ 25 C
200
200
1000
µg√Hz rms
FREQUENCY RESPONSE
3 dB Bandwidth
At Pins XFILT, YFILT
6
6
kHz
Sensor Resonant Frequency
10
10
kHz
FILTER
RFILT Tolerance
32 k
Ω Nominal
±15
±15
%
Minimum Capacitance
At Pins XFILT, YFILT
1000
1000
pF
SELF-TEST
Duty Cycle Change
Self-Test “0” to “1”
3
3
%
DUTY CYCLE OUTPUT STAGE
FSET
RSET = 125 k
0.7
1.3
0.7
1.3
kHz
Output High Voltage
I = 25
µAV
S – 200 mV
VS – 200 mV
V
Output Low Voltage
I = 25
µA
200
200
mV
T2 Drift vs. Temperature
50
50
ppm/ C
Rise/Fall Time
200
200
ns
POWER SUPPLY
Operating Voltage Range
3
5.25
3.0
5.25
V
Quiescent Supply Current
0.6
1.0
0.6
1.0
mA
Turn-On Time
CFILT in
µF
160
CFILT + 0.3
160
CFILT + 0.3
ms
TEMPERATURE RANGE
Specified Performance AE
–40
+85
C
Operating Range
0
70
–40
+85
C
NOTES
1Guaranteed by measurement of initial offset and sensitivity.
2See Typical Performance Characteristics.
3Alignment error is specified as the angle between the true and indicated axis of sensitivity (see TPC 15).
4Cross-axis sensitivity is the algebraic sum of the alignment and the inherent sensitivity errors.
5Defined as the output change from ambient to maximum temperature or ambient to minimum temperature.
Specifications subject to change without notice.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download



Powiązane numery części

Numer częściSzczegółowy opis komponentówHtml ViewProducent
ADXL202ELow-Cost +-2 g Dual-Axis Accelerometer with Duty Cycle Output 1 2 3 4 5 MoreAnalog Devices
ADIS16003Dual-Axis ±1.7 g Accelerometer with SPI Interface 1 2 3 4 5 MoreAnalog Devices
ADIS16006Dual-Axis +-5 Accelerometer with SPI Interface 1 2 3 4 5 MoreAnalog Devices
UCC28220INTERLEAVED DUAL PWM CONTROLLER WITH PROGRAMMABLE MAX DUTY CYCLE 1 2 3 4 5 MoreTI store
U6081BPWM Power Control with Low Duty Cycle Switch Off 1 2 3 4 5 MoreTEMIC Semiconductors
U6084BPWM Power Control with Automatic Duty Cycle Reduction 1 2 3 4 5 MoreTEMIC Semiconductors
CS2844Current Mode PWM Control Circuit with 50% Max Duty Cycle 1 2 3 4 5 MoreCherry Semiconductor Corporation
CS3845BCurrent Mode PWM Control Circuit with 50% Max Duty Cycle 1 2 3 4 5 MoreCherry Semiconductor Corporation
CS52845Current Mode PWM Control Circuit with 50% Max Duty Cycle 1 2 3 4 5 MoreCherry Semiconductor Corporation
ADXL190Low Cost +-100 gSingle Axis Accelerometer with Analog Output 1 2 3 4 5 Analog Devices

Link URL

Czy Alldatasheet okazała się pomocna?  [ DONATE ]  

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Dodaj do ulubionych   |   Linki   |   Lista producentów
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl