Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

DAC729JH Arkusz danych(PDF) 9 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Numer części DAC729JH
Szczegółowy opis  Ultra-High Resolution 18-BIT DIGITAL-TO-ANALOG CONVERTER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  BURR-BROWN [Burr-Brown (TI)]
Strona internetowa  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

DAC729JH Arkusz danych(HTML) 9 Page - Burr-Brown (TI)

Back Button DAC729JH Datasheet HTML 4Page - Burr-Brown (TI) DAC729JH Datasheet HTML 5Page - Burr-Brown (TI) DAC729JH Datasheet HTML 6Page - Burr-Brown (TI) DAC729JH Datasheet HTML 7Page - Burr-Brown (TI) DAC729JH Datasheet HTML 8Page - Burr-Brown (TI) DAC729JH Datasheet HTML 9Page - Burr-Brown (TI) DAC729JH Datasheet HTML 10Page - Burr-Brown (TI) DAC729JH Datasheet HTML 11Page - Burr-Brown (TI) DAC729JH Datasheet HTML 12Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
DAC729
9
FIGURE 9. Typical Hook-Up Diagram with “Holy Point”
Ground and Kelvin Sense Load, Using Internal
Op Amp and Reference.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21
+
1µF
+
1µF
+
1µF
–15V
+15V
+5V V
DD
Common
Digital Common
18-Bit
DAC
R
L
Analog
Common
I
OUT
Ref. Out
Ref. In
With the DAC connected for 0 to 10V output (Figure 13),
the adjustment procedure is to set the DAC code and mea-
sure as follows:
FOURTH MSB ADJUSTMENT (Pin 36)
1. Set Code = 11 1100 0000 0000 0000
2. Measure V
OUT
3. Set Code = 11 1011 1111 1111 1111
4. Measure V
OUT and record the difference.
5. Adjust 4th MSB potentiometer to make difference +38
µV.
6. Repeat steps 1 through 5 to confirm.
THIRD MSB ADJUSTMENT (Pin 37)
1. Set Code = 11 1000 0000 0000 0000
2. Measure V
OUT
3. Set Code = 11 0111 1111 1111 1111
4. Measure V
OUT and record the difference.
5. Adjust 3rd MSB potentiometer to make difference +38
µV.
6. Repeat steps 1 through 5 to confirm.
FIGURE 7. V
REF Adjust.
R
S
1M
20k
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21
Holy Point
Ground Connection
R
S = 1MΩ
Gives 20mV
Adjustment Range
Ref. Adj.
Ref. Out
Ref. In
FIGURE 8. Effect of V
REF Adjust on a COB Connected
DAC729.
00000
H
Input = 3FFFF
H
MSB On,
All Others Off 2FFFF
H
Range of
Gain Adjust
Digital Input
Offset Adjust
Translates
the Line
+ Full Scale
Gain Adjust
Rotates
the Line
– Full Scale


Podobny numer części - DAC729JH

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Burr-Brown (TI)
DAC725 BURR-BROWN-DAC725 Datasheet
102Kb / 7P
   Dual 16-Bit DIGITAL-TO-ANALOG CONVERTER
DAC725JP BURR-BROWN-DAC725JP Datasheet
102Kb / 7P
   Dual 16-Bit DIGITAL-TO-ANALOG CONVERTER
DAC725KP BURR-BROWN-DAC725KP Datasheet
102Kb / 7P
   Dual 16-Bit DIGITAL-TO-ANALOG CONVERTER
DAC72BH BURR-BROWN-DAC72BH Datasheet
481Kb / 10P
   Monlithic 16-bit digital-to-analog converters
DAC72BH-CSB-I BURR-BROWN-DAC72BH-CSB-I Datasheet
481Kb / 10P
   Monlithic 16-bit digital-to-analog converters
More results

Podobny opis - DAC729JH

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS1282 TI-ADS1282 Datasheet
581Kb / 42P
[Old version datasheet]   High-Resolution Analog-to-Digital Converter
ADS1284 TI1-ADS1284 Datasheet
98Kb / 5P
[Old version datasheet]   High-Resolution, Analog-to-Digital Converter
logo
Analog Devices
DAC14QM AD-DAC14QM_15 Datasheet
2Mb / 6P
   HIGH RESOLUTION DIGITAL TO ANALOG CONVERTER
logo
Texas Instruments
ADS1282 TI-ADS1282_1 Datasheet
1Mb / 52P
[Old version datasheet]   High-Resolution Analog-to-Digital Converter
ADS1281 TI1-ADS1281_14 Datasheet
910Kb / 51P
[Old version datasheet]   High-Resolution Analog-to-Digital Converter
ADS1282 TI-ADS1282_08 Datasheet
1Mb / 52P
[Old version datasheet]   High-Resolution Analog-to-Digital Converter
ADS1282-HT TI1-ADS1282-HT Datasheet
1Mb / 60P
[Old version datasheet]   HIGH-RESOLUTION ANALOG-TO-DIGITAL CONVERTER
ADS1281 TI-ADS1281 Datasheet
767Kb / 46P
[Old version datasheet]   High-Resolution Analog-to-Digital Converter
ADS1283 TI1-ADS1283 Datasheet
108Kb / 5P
[Old version datasheet]   High-Resolution, Analog-to-Digital Converter
logo
Analog Devices
DAC1136 AD-DAC1136_15 Datasheet
3Mb / 8P
   HIGH RESOLUTION 16 AND 18 BIT DIGITAL TO ANALOG CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com