Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

DAC729JH Arkusz danych(PDF) 1 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Numer części DAC729JH
Szczegółowy opis  Ultra-High Resolution 18-BIT DIGITAL-TO-ANALOG CONVERTER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  BURR-BROWN [Burr-Brown (TI)]
Strona internetowa  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

DAC729JH Arkusz danych(HTML) 1 Page - Burr-Brown (TI)

  DAC729JH Datasheet HTML 1Page - Burr-Brown (TI) DAC729JH Datasheet HTML 2Page - Burr-Brown (TI) DAC729JH Datasheet HTML 3Page - Burr-Brown (TI) DAC729JH Datasheet HTML 4Page - Burr-Brown (TI) DAC729JH Datasheet HTML 5Page - Burr-Brown (TI) DAC729JH Datasheet HTML 6Page - Burr-Brown (TI) DAC729JH Datasheet HTML 7Page - Burr-Brown (TI) DAC729JH Datasheet HTML 8Page - Burr-Brown (TI) DAC729JH Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
©1988 Burr-Brown Corporation
PDS-749C
Printed in U.S.A. October, 1993
Ultra-High Resolution
18-BIT DIGITAL-TO-ANALOG CONVERTER
FEATURES
q 16-BIT LINEARITY GUARANTEED
(K Grade)
q USER ADJUSTABLE TO 18-BIT
LINEARITY
q PRECISION INTERNAL REFERENCE
q FAST SETTLING, LOW NOISE INTERNAL
OP AMP
q LOW DRIFT
q HERMETIC 40-PIN CERAMIC PACKAGE
q I
OUT OR VOUT OPERATION
DAC729
DESCRIPTION
The DAC729 sets the standard in very high accuracy
digital-to-analog conversion. It is supplied from the
factory at a guaranteed linearity of 16 bits, and is user-
adjustable to 18-bit linearity (1LSB = FSR/262144).
To attain this high level of accuracy, the design takes
advantage of Burr-Brown’s thin-film monolithic DAC
process, dielectric op amp process, hybrid capabilities,
and advanced test and laser-trim techniques.
The DAC729 hybrid layout is specifically partitioned
to minimize the effects of external load-current-
induced thermal errors. The op amp design consists of
a fast settling precision op amp with a current buffer
within the feedback loop. This buffer isolates the load
from the precision op amp, which results in a fast
settling (8
µs to 16 bits) output. The standard 40-pin
package offers full hermeticity, contributing to the
excellent reliability of the DAC729.
18-Bit
I
OUT
DAC
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
5k
5k
5k
5k
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21
Servo-Loop
Amplifier
Precision
10V
Reference
International Airport Industrial Park • Mailing Address: PO Box 11400, Tucson, AZ 85734 • Street Address: 6730 S. Tucson Blvd., Tucson, AZ 85706 • Tel: (520) 746-1111 • Twx: 910-952-1111
Internet: http://www.burr-brown.com/ • FAXLine: (800) 548-6133 (US/Canada Only) • Cable: BBRCORP • Telex: 066-6491 • FAX: (520) 889-1510 • Immediate Product Info: (800) 548-6132
DAC729


Podobny numer części - DAC729JH

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Burr-Brown (TI)
DAC725 BURR-BROWN-DAC725 Datasheet
102Kb / 7P
   Dual 16-Bit DIGITAL-TO-ANALOG CONVERTER
DAC725JP BURR-BROWN-DAC725JP Datasheet
102Kb / 7P
   Dual 16-Bit DIGITAL-TO-ANALOG CONVERTER
DAC725KP BURR-BROWN-DAC725KP Datasheet
102Kb / 7P
   Dual 16-Bit DIGITAL-TO-ANALOG CONVERTER
DAC72BH BURR-BROWN-DAC72BH Datasheet
481Kb / 10P
   Monlithic 16-bit digital-to-analog converters
DAC72BH-CSB-I BURR-BROWN-DAC72BH-CSB-I Datasheet
481Kb / 10P
   Monlithic 16-bit digital-to-analog converters
More results

Podobny opis - DAC729JH

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS1282 TI-ADS1282 Datasheet
581Kb / 42P
[Old version datasheet]   High-Resolution Analog-to-Digital Converter
ADS1284 TI1-ADS1284 Datasheet
98Kb / 5P
[Old version datasheet]   High-Resolution, Analog-to-Digital Converter
logo
Analog Devices
DAC14QM AD-DAC14QM_15 Datasheet
2Mb / 6P
   HIGH RESOLUTION DIGITAL TO ANALOG CONVERTER
logo
Texas Instruments
ADS1282 TI-ADS1282_1 Datasheet
1Mb / 52P
[Old version datasheet]   High-Resolution Analog-to-Digital Converter
ADS1281 TI1-ADS1281_14 Datasheet
910Kb / 51P
[Old version datasheet]   High-Resolution Analog-to-Digital Converter
ADS1282 TI-ADS1282_08 Datasheet
1Mb / 52P
[Old version datasheet]   High-Resolution Analog-to-Digital Converter
ADS1282-HT TI1-ADS1282-HT Datasheet
1Mb / 60P
[Old version datasheet]   HIGH-RESOLUTION ANALOG-TO-DIGITAL CONVERTER
ADS1281 TI-ADS1281 Datasheet
767Kb / 46P
[Old version datasheet]   High-Resolution Analog-to-Digital Converter
ADS1283 TI1-ADS1283 Datasheet
108Kb / 5P
[Old version datasheet]   High-Resolution, Analog-to-Digital Converter
logo
Analog Devices
DAC1136 AD-DAC1136_15 Datasheet
3Mb / 8P
   HIGH RESOLUTION 16 AND 18 BIT DIGITAL TO ANALOG CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com