Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74ALS652 Arkusz danych(PDF) 10 Page - NXP Semiconductors

Numer części 74ALS652
Szczegółowy opis  Transceiver/register
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALS652 Arkusz danych(HTML) 10 Page - NXP Semiconductors

Back Button 74ALS652 Datasheet HTML 5Page - NXP Semiconductors 74ALS652 Datasheet HTML 6Page - NXP Semiconductors 74ALS652 Datasheet HTML 7Page - NXP Semiconductors 74ALS652 Datasheet HTML 8Page - NXP Semiconductors 74ALS652 Datasheet HTML 9Page - NXP Semiconductors 74ALS652 Datasheet HTML 10Page - NXP Semiconductors 74ALS652 Datasheet HTML 11Page - NXP Semiconductors 74ALS652 Datasheet HTML 12Page - NXP Semiconductors 74ALS652 Datasheet HTML 13Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
Philips Semiconductors
Product specification
74ALS651/74ALS651-1
74ALS652/74ALS652-1
Transceiver/register
1991 Feb 08
10
TEST CIRCUIT AND WAVEFORMS
tw
90%
VM
10%
90%
VM
10%
90%
VM
10%
90%
VM
10%
NEGATIVE
PULSE
POSITIVE
PULSE
tw
AMP (V)
0.3V
0.3V
tTHL (tff)
INPUT PULSE REQUIREMENTS
Rep.Rate
tw
tTLH
tTHL
1MHz
500ns
2.0ns
2.0ns
Input Pulse Definition
VCC
Family
74ALS
D.U.T.
PULSE
GENERATOR
RL
CL
RT
VIN
VOUT
Test Circuit for 3-State and Open Collector Outputs
DEFINITIONS:
RL = Load resistor;
see AC electrical characteristics for value.
CL = Load capacitance includes jig and probe capacitance;
see AC electrical characteristics for value.
RT = Termination resistance should be equal to ZOUT of
pulse generators.
tTHL (tf )
tTLH (tr )
tTLH (tr )
AMP (V)
Amplitude
3.5V
1.3V
VM
SC00126
RL
7.0V
SWITCH POSITION
TEST
SWITCH
tPLZ, tPZL
closed
open collector
closed
All other
open


Podobny numer części - 74ALS652

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74ALS620A PHILIPS-74ALS620A Datasheet
103Kb / 11P
   Transceivers
1991 Feb 08
74ALS620A-1 PHILIPS-74ALS620A-1 Datasheet
103Kb / 11P
   Transceivers
1991 Feb 08
74ALS620A-1D PHILIPS-74ALS620A-1D Datasheet
103Kb / 11P
   Transceivers
1991 Feb 08
74ALS620A-1N PHILIPS-74ALS620A-1N Datasheet
103Kb / 11P
   Transceivers
1991 Feb 08
74ALS620AD PHILIPS-74ALS620AD Datasheet
103Kb / 11P
   Transceivers
1991 Feb 08
More results

Podobny opis - 74ALS652

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
74ACT652 FAIRCHILD-74ACT652 Datasheet
89Kb / 8P
   Transceiver/Register
logo
NXP Semiconductors
74ALS646 PHILIPS-74ALS646 Datasheet
155Kb / 13P
   Transceiver/register
1991 Feb 08
logo
Fairchild Semiconductor
74ACT652 FAIRCHILD-74ACT652 Datasheet
89Kb / 8P
   Transceiver/Register
74ACTQ652 FAIRCHILD-74ACTQ652 Datasheet
104Kb / 9P
   Quiet Series??Transceiver/Register
logo
Integrated Device Techn...
IDT74FCT646 IDT-IDT74FCT646 Datasheet
91Kb / 8P
   FAST CMOS OCTAL TRANSCEIVER/REGISTER
logo
Fairchild Semiconductor
DM74AS652WMX FAIRCHILD-DM74AS652WMX Datasheet
74Kb / 8P
   Octal Bus Transceiver and Register
DM74AS651 FAIRCHILD-DM74AS651 Datasheet
71Kb / 8P
   Octal Bus Transceiver and Register
DM74AS651 FAIRCHILD-DM74AS651 Datasheet
70Kb / 8P
   Octal Bus Transceiver and Register
DM74AS646 FAIRCHILD-DM74AS646 Datasheet
84Kb / 8P
   Octal Bus Transceiver and Register
logo
STMicroelectronics
M74HCT651 STMICROELECTRONICS-M74HCT651 Datasheet
199Kb / 12P
   HCT651 OCTAL BUS TRANSCEIVER/REGISTER 3-STATE, INV. HCT652 OCTAL BUS TRANSCEIVER/REGISTER 3-STATE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com