Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74ALVC162834A Arkusz danych(PDF) 9 Page - NXP Semiconductors

Numer części 74ALVC162834A
Szczegółowy opis  18-bit registered driver with inverted register enable and 30ohm termination resistors 3-State
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALVC162834A Arkusz danych(HTML) 9 Page - NXP Semiconductors

Back Button 74ALVC162834A Datasheet HTML 4Page - NXP Semiconductors 74ALVC162834A Datasheet HTML 5Page - NXP Semiconductors 74ALVC162834A Datasheet HTML 6Page - NXP Semiconductors 74ALVC162834A Datasheet HTML 7Page - NXP Semiconductors 74ALVC162834A Datasheet HTML 8Page - NXP Semiconductors 74ALVC162834A Datasheet HTML 9Page - NXP Semiconductors 74ALVC162834A Datasheet HTML 10Page - NXP Semiconductors 74ALVC162834A Datasheet HTML 11Page - NXP Semiconductors 74ALVC162834A Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Philips Semiconductors
Product specification
74ALVC162834A
18-bit registered driver with inverted register enable
and 30
Ω termination resistors (3-State)
2000 Mar 14
9
TEST CIRCUIT
SWITCH POSITION
PULSE
GENERATOR
RT
VI
D.U.T.
VO
CL
VCC
RL = 500 Ω
Test Circuit for switching times
Open
GND
S1
DEFINITIONS
VCC
VI
< 2.7V
VCC
TEST
S1
tPLH/tPHL
Open
RL = Load resistor
CL = Load capacitance includes jig and probe capacitance
RT = Termination resistance should be equal to ZOUT of pulse generators.
2
< VCC
tPLZ/tPZL
2.7V
2.7–3.6V
tPHZ/tPZH
GND
RL = 500 Ω
2 * VCC
SV00906
Waveform 7. Load circuitry for switching times


Podobny numer części - 74ALVC162834A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74ALVC162834A PHILIPS-74ALVC162834A Datasheet
106Kb / 12P
   18-bit registered driver with inverted register enable and 30ohm termination resistors 3-State
2000 Jun 20
logo
Nexperia B.V. All right...
74ALVC162834A NEXPERIA-74ALVC162834A Datasheet
202Kb / 15P
   18-bit registered driver with inverted register enable and 30 Ω termination resistors; 3-state
Rev. 3 - 13 June 2017
logo
NXP Semiconductors
74ALVC162834ADGG PHILIPS-74ALVC162834ADGG Datasheet
106Kb / 12P
   18-bit registered driver with inverted register enable and 30ohm termination resistors 3-State
2000 Jun 20
logo
Nexperia B.V. All right...
74ALVC162834ADGG NEXPERIA-74ALVC162834ADGG Datasheet
202Kb / 15P
   18-bit registered driver with inverted register enable and 30 Ω termination resistors; 3-state
Rev. 3 - 13 June 2017
logo
NXP Semiconductors
74ALVC162834A_0006 PHILIPS-74ALVC162834A_0006 Datasheet
106Kb / 12P
   18-bit registered driver with inverted register enable and 30ohm termination resistors 3-State
2000 Jun 20
More results

Podobny opis - 74ALVC162834A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74ALVC162834A_0006 PHILIPS-74ALVC162834A_0006 Datasheet
106Kb / 12P
   18-bit registered driver with inverted register enable and 30ohm termination resistors 3-State
2000 Jun 20
74ALVC162836A_0006 PHILIPS-74ALVC162836A_0006 Datasheet
100Kb / 12P
   20-bit registered driver with inverted register enable and 30ohm termination resistors 3-State
2000 Jun 20
74ALVC162334A PHILIPS-74ALVC162334A Datasheet
115Kb / 10P
   16-bit registered driver with inverted register enable and 30ohm termination resistors 3-State
2000 Mar 14
74ALVC162836A PHILIPS-74ALVC162836A Datasheet
121Kb / 12P
   20-bit registered driver with inverted register enable and 30ohm termination resistors 3-State
2000 Mar 14
74AVCM162834 PHILIPS-74AVCM162834 Datasheet
98Kb / 10P
   18-bit registered driver with inverted register enable and 15 ohm termination resistors 3-State
2001 Apr 20
logo
Nexperia B.V. All right...
74ALVC162834A NEXPERIA-74ALVC162834A Datasheet
202Kb / 15P
   18-bit registered driver with inverted register enable and 30 Ω termination resistors; 3-state
Rev. 3 - 13 June 2017
logo
NXP Semiconductors
74AVCM162834_2 PHILIPS-74AVCM162834_2_15 Datasheet
104Kb / 10P
   18-bit registered driver with inverted register enable and15 W termination resistors (3-State)
2001 Apr 20
74ALVC162835A PHILIPS-74ALVC162835A Datasheet
94Kb / 12P
   18-bit registered driver with 30ohm termination resistors (3-State)
2000 Jun 20
74AVC16834 PHILIPS-74AVC16834 Datasheet
90Kb / 10P
   18-bit registered driver with inverted register enable 3-State
1999 Jul 23
logo
Nexperia B.V. All right...
74ALVC16834A NEXPERIA-74ALVC16834A Datasheet
200Kb / 15P
   18-bit registered driver with inverted register enable; 3-state
Rev. 2 - 21 November 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com