Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74ALVCH162827 Arkusz danych(PDF) 3 Page - NXP Semiconductors

Numer części 74ALVCH162827
Szczegółowy opis  20-bit buffer/line driver, non-inverting,with 30ohm termination resistors (3-State)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALVCH162827 Arkusz danych(HTML) 3 Page - NXP Semiconductors

  74ALVCH162827 Datasheet HTML 1Page - NXP Semiconductors 74ALVCH162827 Datasheet HTML 2Page - NXP Semiconductors 74ALVCH162827 Datasheet HTML 3Page - NXP Semiconductors 74ALVCH162827 Datasheet HTML 4Page - NXP Semiconductors 74ALVCH162827 Datasheet HTML 5Page - NXP Semiconductors 74ALVCH162827 Datasheet HTML 6Page - NXP Semiconductors 74ALVCH162827 Datasheet HTML 7Page - NXP Semiconductors 74ALVCH162827 Datasheet HTML 8Page - NXP Semiconductors 74ALVCH162827 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Philips Semiconductors
Product specification
74ALVCH162827
20-bit buffer/line driver, non-inverting, with 30
termination resistors (3-State)
1998 Sep 29
3
PIN CONFIGURATION
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
41
42
43
44
45
46
47
48
49
50
51
52
53
54
55
56
1OE1
1Y0
1Y1
1Y2
1Y3
1Y4
1Y5
1Y6
GND
VCC
GND
1Y7
1Y8
1Y9
2Y0
2Y1
2Y2
GND
2Y3
2Y4
2Y5
VCC
2Y6
2Y7
GND
2Y8
2Y9
2OE1
1OE2
1A0
1A1
GND
1A2
1A3
VCC
1A4
1A5
1A6
GND
1A7
1A8
1A9
2A0
2A1
2A2
GND
2A3
2A4
2A5
VCC
2A6
2A7
GND
2A8
2A9
2OE2
SH00010
LOGIC SYMBOL
1A0
1A1 1A2
1A3 1A4
1A5 1A6
1A7
1Y0
1Y1 1Y2
1Y3 1Y4
1Y5 1Y6
1Y7
1A8
1A9
1Y8
1Y9
2A0
2A1 2A2
2A3 2A4
2A5 2A6
2A7
2Y0
2Y1 2Y2
2Y3 2Y4
2Y5 2Y6
2Y7
2A8
2A9
2Y8
2Y9
55
54
52
51
49
48
47
45
44
43
56
1
29
28
2
3
5
6
8
9
10
12
13
14
42
41
40
38
37
36
34
33
31
30
15
16
17
19
20
21
23
24
26
27
SH00011
1OE1
1OE2
2OE1
2OE2
LOGIC SYMBOL (IEEE/IEC)
EN1
1
EN2
1
2
1
SH00012
1
56
28
29
55
54
52
51
49
48
47
45
44
43
42
41
40
38
37
36
34
33
31
30
2
3
5
6
8
9
10
12
13
14
15
16
17
19
20
21
23
24
26
27
&
&
1OE1
1Y0
1Y1
1Y2
1Y3
1Y4
1Y5
1Y6
1Y7
1Y8
1Y9
2Y0
2Y1
2Y2
2Y3
2Y4
2Y5
2Y6
2Y7
2Y8
2Y9
2OE1
1OE2
1A0
1A1
1A2
1A3
1A4
1A5
1A6
1A7
1A8
1A9
2A0
2A1
2A2
2A3
2A4
2A5
2A6
2A7
2A8
2A9
2OE2
FUNCTION TABLE
INPUTS
OUTPUT
OPERATING MODE
nOE1
nOE2
nAn
nYn
OPERATING MODE
L
L
L
L
Transparent
L
L
H
H
Transparent
H
X
X
Z
High impedance
X
H
X
Z
High impedance
X = Don’t care
Z = High impedance “off” state
H = High voltage level
L
= Low voltage level


Podobny numer części - 74ALVCH162827

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Nexperia B.V. All right...
74ALVCH162827 NEXPERIA-74ALVCH162827 Datasheet
191Kb / 14P
   20-bit buffer/line driver; non-inverting; with 30 Ω termination resistors; 3-state
Rev. 2 - 19 January 2018
74ALVCH162827DGG NEXPERIA-74ALVCH162827DGG Datasheet
191Kb / 14P
   20-bit buffer/line driver; non-inverting; with 30 Ω termination resistors; 3-state
Rev. 2 - 19 January 2018
logo
Texas Instruments
74ALVCH162827DLG4 TI1-74ALVCH162827DLG4 Datasheet
345Kb / 13P
[Old version datasheet]   20-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
74ALVCH162827DLRG4 TI1-74ALVCH162827DLRG4 Datasheet
345Kb / 13P
[Old version datasheet]   20-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
74ALVCH162827GRE4 TI1-74ALVCH162827GRE4 Datasheet
345Kb / 13P
[Old version datasheet]   20-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
More results

Podobny opis - 74ALVCH162827

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74ABT162827A PHILIPS-74ABT162827A Datasheet
78Kb / 11P
   20-bit buffer/line driver, non-inverting,with 30ohm termination resistors (3-State)
1998 Feb 27
74ALVT162827 PHILIPS-74ALVT162827 Datasheet
83Kb / 10P
   20-bit buffer/line driver, non-inverting, with 30ohm termination resistors 3-State
1998 Feb 13
74ALVT162240 PHILIPS-74ALVT162240 Datasheet
86Kb / 10P
   16-bit inverting buffer/driver with 30ohm termination resistors (3-State)
1998 Feb 13
74ALVT162827_2 PHILIPS-74ALVT162827_2_15 Datasheet
100Kb / 10P
   20-bit buffer/line driver, non-inverting, with 30W termination resistors (3-State)
1998 Feb 13
logo
Nexperia B.V. All right...
74ALVCH162827 NEXPERIA-74ALVCH162827 Datasheet
191Kb / 14P
   20-bit buffer/line driver; non-inverting; with 30 Ω termination resistors; 3-state
Rev. 2 - 19 January 2018
74ALVT162827 NEXPERIA-74ALVT162827 Datasheet
199Kb / 14P
   20-bit buffer/line driver; non-inverting; with 30 Ω termination resistors; 3-state
Rev. 3 - 24 January 2018
logo
NXP Semiconductors
74ABT162244 PHILIPS-74ABT162244 Datasheet
78Kb / 10P
   16-bit buffer/line driver with 30ohm series termination resistors 3-State
1998 Oct 22
74LVT162240A PHILIPS-74LVT162240A Datasheet
70Kb / 10P
   3.3V LVT 16-bit inverting buffer/driver with 30ohm termination resistors 3-State
1998 Feb 19
74ABT2244 PHILIPS-74ABT2244 Datasheet
104Kb / 12P
   Octal buffer/line driver with 30ohm series termination resistors 3-State
1998 Jan 16
74ABT2240 PHILIPS-74ABT2240 Datasheet
103Kb / 10P
   Octal inverting buffer with 30ohm series termination resistors 3-State
1998 Jan 16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com