Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74ALVCH162827DGG Arkusz danych(PDF) 6 Page - NXP Semiconductors

Numer części 74ALVCH162827DGG
Szczegółowy opis  20-bit buffer/line driver, non-inverting,with 30ohm termination resistors (3-State)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALVCH162827DGG Arkusz danych(HTML) 6 Page - NXP Semiconductors

Back Button 74ALVCH162827DGG Datasheet HTML 2Page - NXP Semiconductors 74ALVCH162827DGG Datasheet HTML 3Page - NXP Semiconductors 74ALVCH162827DGG Datasheet HTML 4Page - NXP Semiconductors 74ALVCH162827DGG Datasheet HTML 5Page - NXP Semiconductors 74ALVCH162827DGG Datasheet HTML 6Page - NXP Semiconductors 74ALVCH162827DGG Datasheet HTML 7Page - NXP Semiconductors 74ALVCH162827DGG Datasheet HTML 8Page - NXP Semiconductors 74ALVCH162827DGG Datasheet HTML 9Page - NXP Semiconductors 74ALVCH162827DGG Datasheet HTML 10Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Philips Semiconductors
Product specification
74ALVCH162827
20-bit buffer/line driver, non-inverting, with 30
termination resistors (3-State)
1998 Sep 29
6
AC CHARACTERISTICS FOR VCC = 2.5V ± 0.2V
GND = 0V; tr = tf ≤ 2.0ns; CL = 30pF
LIMITS
SYMBOL
PARAMETER
WAVEFORM
VCC = 2.5 ± 0.2V
UNIT
MIN
TYP1
MAX
tPHL/tPLH
Propagation delay
nAn to nYn
1, 3
1.0
2.9
4.6
ns
tPZH/tPZL
3-State output enable time
nOEn to nYn
2, 3
1.4
3.9
6.4
ns
tPHZ/tPLZ
3-State output disable time
nOEn to nYn
2,3
1.7
2.2
5.9
ns
NOTE:
1. All typical values are at VCC = 2.5V and Tamb = 25°C.
AC CHARACTERISTICS FOR VCC = 3.0V ± 0.3V
GND = 0V; tr = tf ≤ 2.5ns; CL = 50pF
LIMITS
LIMITS
SYMBOL
PARAMETER
WAVEFORM
VCC = 3.3 ± 0.3V
VCC = 2.7V
UNIT
MIN
TYP1, 2
MAX
TYP1
MAX
tPHL/tPLH
Propagation delay
nAn to nYn
1, 3
1.5
2.9
4.2
3.1
4.7
ns
tPZH/tPZL
3-State output enable time
nOEn to nYn
2, 3
1.6
3.7
5.4
4.4
6.5
ns
tPHZ/tPLZ
3-State output disable time
nOEn to nYn
2, 3
1.8
3.0
4.7
3.2
5.2
ns
NOTES:
1. All typical values are at VCC Tamb = 25°C.
2. Typical value is measured at VCC = 3.3V.


Podobny numer części - 74ALVCH162827DGG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Nexperia B.V. All right...
74ALVCH162827DGG NEXPERIA-74ALVCH162827DGG Datasheet
191Kb / 14P
   20-bit buffer/line driver; non-inverting; with 30 Ω termination resistors; 3-state
Rev. 2 - 19 January 2018
More results

Podobny opis - 74ALVCH162827DGG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74ABT162827A PHILIPS-74ABT162827A Datasheet
78Kb / 11P
   20-bit buffer/line driver, non-inverting,with 30ohm termination resistors (3-State)
1998 Feb 27
74ALVT162827 PHILIPS-74ALVT162827 Datasheet
83Kb / 10P
   20-bit buffer/line driver, non-inverting, with 30ohm termination resistors 3-State
1998 Feb 13
74ALVT162240 PHILIPS-74ALVT162240 Datasheet
86Kb / 10P
   16-bit inverting buffer/driver with 30ohm termination resistors (3-State)
1998 Feb 13
74ALVT162827_2 PHILIPS-74ALVT162827_2_15 Datasheet
100Kb / 10P
   20-bit buffer/line driver, non-inverting, with 30W termination resistors (3-State)
1998 Feb 13
logo
Nexperia B.V. All right...
74ALVCH162827 NEXPERIA-74ALVCH162827 Datasheet
191Kb / 14P
   20-bit buffer/line driver; non-inverting; with 30 Ω termination resistors; 3-state
Rev. 2 - 19 January 2018
74ALVT162827 NEXPERIA-74ALVT162827 Datasheet
199Kb / 14P
   20-bit buffer/line driver; non-inverting; with 30 Ω termination resistors; 3-state
Rev. 3 - 24 January 2018
logo
NXP Semiconductors
74ABT162244 PHILIPS-74ABT162244 Datasheet
78Kb / 10P
   16-bit buffer/line driver with 30ohm series termination resistors 3-State
1998 Oct 22
74LVT162240A PHILIPS-74LVT162240A Datasheet
70Kb / 10P
   3.3V LVT 16-bit inverting buffer/driver with 30ohm termination resistors 3-State
1998 Feb 19
74ABT2244 PHILIPS-74ABT2244 Datasheet
104Kb / 12P
   Octal buffer/line driver with 30ohm series termination resistors 3-State
1998 Jan 16
74ABT2240 PHILIPS-74ABT2240 Datasheet
103Kb / 10P
   Octal inverting buffer with 30ohm series termination resistors 3-State
1998 Jan 16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com