Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74ALVCH16601 Arkusz danych(PDF) 7 Page - NXP Semiconductors

Numer części 74ALVCH16601
Szczegółowy opis  18-bit universal bus transceiver 3-State
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALVCH16601 Arkusz danych(HTML) 7 Page - NXP Semiconductors

Back Button 74ALVCH16601 Datasheet HTML 3Page - NXP Semiconductors 74ALVCH16601 Datasheet HTML 4Page - NXP Semiconductors 74ALVCH16601 Datasheet HTML 5Page - NXP Semiconductors 74ALVCH16601 Datasheet HTML 6Page - NXP Semiconductors 74ALVCH16601 Datasheet HTML 7Page - NXP Semiconductors 74ALVCH16601 Datasheet HTML 8Page - NXP Semiconductors 74ALVCH16601 Datasheet HTML 9Page - NXP Semiconductors 74ALVCH16601 Datasheet HTML 10Page - NXP Semiconductors 74ALVCH16601 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Philips Semiconductors
Product specification
74ALVCH16601
18-bit universal bus transceiver (3-State)
1998 Sep 24
7
DC ELECTRICAL CHARACTERISTICS
Over recommended operating conditions. Voltage are referenced to GND (ground = 0 V).
LIMITS
SYMBOL
PARAMETER
TEST CONDITIONS
Temp = -40
°C to +85°C
UNIT
MIN
TYP1
MAX
V
HIGH level Input voltage
VCC = 2.3 to 2.7V
1.7
1.2
V
VIH
HIGH level Input voltage
VCC = 2.7 to 3.6V
2.0
1.5
V
V
LOW level Input voltage
VCC = 2.3 to 2.7V
1.2
0.7
V
VIL
LOW level Input voltage
VCC = 2.7 to 3.6V
1.5
0.8
V
VCC =2 3to3 6V; V =V or V ; IO = 100µA
VCC 02
VCC
VCC = 2.3 to 3.6V; VI = VIH or VIL; IO = –100µA
VCC*0.2
VCC
VCC = 2.3V; VI = VIH or VIL; IO = –6mA
VCC*0.3
VCC*0.08
VO
HIGH level output voltage
VCC = 2.3V; VI = VIH or VIL; IO = –12mA
VCC*0.6
VCC*0.26
V
VOH
HIGH level output voltage
VCC = 2.7V; VI = VIH or VIL; IO = –12mA
VCC*0.5
VCC*0.14
V
VCC = 3.0V; VI = VIH or VIL; IO = –12mA
VCC*0.6
VCC*0.09
VCC = 3.0V; VI = VIH or VIL; IO = –24mA
VCC*1.0
VCC*0.28
V
=2 3to3 6V; V =V
or V ; I = 100
µA
GND
020
V
VCC = 2.3 to 3.6V; VI = VIH or VIL; IO = 100µA
GND
0.20
V
VCC = 2.3V; VI = VIH or VIL; IO = 6mA
0.07
0.40
V
VOL
LOW level output voltage
VCC = 2.3V; VI = VIH or VIL; IO = 12mA
0.15
0.70
VCC = 2.7V; VI = VIH or VIL; IO = 12mA
0.14
0.40
V
VCC = 3.0V; VI = VIH or VIL; IO = 24mA
0.27
0.55
VCC =2 3to3 6V;
II
Input leakage current
VCC = 2.3 to 3.6V;
V
V
or GND
0.1
5
µA
I
g
VI = VCC or GND
µ
IOZ
3-State output OFF-state current
VCC = 2.7 to 3.6V; VI = VIH or VIL;
VO = VCC or GND
0.1
10
µA
ICC
Quiescent supply current
VCC = 2.3 to 3.6V; VI = VCC or GND; IO = 0
0.2
40
µA
∆ICC
Additional quiescent supply current
VCC = 2.3V to 3.6V; VI = VCC – 0.6V; IO = 0
150
750
µA
I
Bus hold LOW sustaining current
VCC = 2.3V; VI = 0.7V2
45
µA
IBHL
Bus hold LOW sustaining current
VCC = 3.0V; VI = 0.8V2
75
150
µA
I
Bus hold HIGH sustaining current
VCC = 2.3V; VI = 1.7V2
–45
µA
IBHH
Bus hold HIGH sustaining current
VCC = 3.0V; VI = 2.0V2
–75
–175
µA
IBHLO
Bus hold LOW overdrive current
VCC = 3.6V2
500
µA
IBHHO
Bus hold HIGH overdrive current
VCC = 3.6V2
–500
µA
NOTES:
1. All typical values are at Tamb = 25°C.
2. Valid for data inputs of bus hold parts.


Podobny numer części - 74ALVCH16601

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Nexperia B.V. All right...
74ALVCH16601 NEXPERIA-74ALVCH16601 Datasheet
231Kb / 15P
   18-bit universal bus transceiver; 3-state
Rev. 3 - 13 August 2018
74ALVCH16601DGG NEXPERIA-74ALVCH16601DGG Datasheet
231Kb / 15P
   18-bit universal bus transceiver; 3-state
Rev. 3 - 13 August 2018
logo
Texas Instruments
74ALVCH16601DGGRE4 TI-74ALVCH16601DGGRE4 Datasheet
374Kb / 15P
[Old version datasheet]   18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
74ALVCH16601DGGRG4 TI-74ALVCH16601DGGRG4 Datasheet
374Kb / 15P
[Old version datasheet]   18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
74ALVCH16601DGVRG4 TI-74ALVCH16601DGVRG4 Datasheet
374Kb / 15P
[Old version datasheet]   18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
More results

Podobny opis - 74ALVCH16601

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74ALVT16601 PHILIPS-74ALVT16601 Datasheet
96Kb / 14P
   18-bit universal bus transceiver 3-State
1998 Feb 13
74ALVCH16600 PHILIPS-74ALVCH16600_15 Datasheet
93Kb / 14P
   18-bit universal bus transceiver (3-State)
1998 Sep 24
logo
Nexperia B.V. All right...
74ALVCH16501 NEXPERIA-74ALVCH16501 Datasheet
253Kb / 15P
   18-bit universal bus transceiver; 3-state
Rev. 7 - 24 November 2021
74ALVT16601 NEXPERIA-74ALVT16601 Datasheet
233Kb / 21P
   18-bit universal bus transceiver; 3-state
Rev. 03 - 5 July 2005
logo
NXP Semiconductors
74ABT16500C PHILIPS-74ABT16500C Datasheet
88Kb / 12P
   18-bit universal bus transceiver 3-State
1998 Feb 27
logo
Nexperia B.V. All right...
74ALVCH16600 NEXPERIA-74ALVCH16600 Datasheet
210Kb / 17P
   18-bit universal bus transceiver; 3-state
Rev. 3 - 15 January 2018
74ALVCH16601 NEXPERIA-74ALVCH16601 Datasheet
231Kb / 15P
   18-bit universal bus transceiver; 3-state
Rev. 3 - 13 August 2018
logo
NXP Semiconductors
74ALVT16501 PHILIPS-74ALVT16501_05 Datasheet
123Kb / 20P
   18-bit universal bus transceiver; 3-state
Rev. 04-8 August 2005
74ALVCH16500 PHILIPS-74ALVCH16500 Datasheet
88Kb / 14P
   18-bit universal bus transceiver 3-State
1998 Sep 24
74ALVCH16501 PHILIPS-74ALVCH16501 Datasheet
86Kb / 13P
   18-bit universal bus transceiver 3-State
1998 Sep 29
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com