Zakładka z wyszukiwarką danych komponentów
Selected language     Polish  ▼
Nazwa części
         Szczegóły


74ALVCH16821DL Datasheet(Arkusz danych) 6 Page - NXP Semiconductors

Numer części 74ALVCH16821DL
Szczegółowy opis  20-bit bus-interface D-type flip-flop; positive-edge trigger 3-State
Pobierz  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo 

 6 page
background image
Philips Semiconductors
Product specification
74ALVCH16821
20-bit bus-interface D-type flip-flop;
positive-edge trigger (3-State)
1998 May 29
6
DC ELECTRICAL CHARACTERISTICS
Over recommended operating conditions. Voltage are referenced to GND (ground = 0 V).
LIMITS
SYMBOL
PARAMETER
TEST CONDITIONS
Temp = -40
°C to +85°C
UNIT
MIN
TYP1
MAX
V
HIGH level Input voltage
VCC = 2.3 to 2.7V
1.7
1.2
V
VIH
HIGH level Input voltage
VCC = 2.7 to 3.6V
2.0
1.5
V
V
LOW level Input voltage
VCC = 2.3 to 2.7V
1.2
0.7
V
VIL
LOW level Input voltage
VCC = 2.7 to 3.6V
1.5
0.8
V
VCC =2 3to3 6V; V =V or V ; IO = 100µA
VCC 02
VCC
VCC = 2.3 to 3.6V; VI = VIH or VIL; IO = –100µA
VCC*0.2
VCC
VCC = 2.3V; VI = VIH or VIL; IO = –6mA
VCC*0.3
VCC*0.08
VO
HIGH level output voltage
VCC = 2.3V; VI = VIH or VIL; IO = –12mA
VCC*0.6
VCC*0.26
V
VOH
HIGH level output voltage
VCC = 2.7V; VI = VIH or VIL; IO = –12mA
VCC*0.5
VCC*0.14
V
VCC = 3.0V; VI = VIH or VIL; IO = –12mA
VCC*0.6
VCC*0.09
VCC = 3.0V; VI = VIH or VIL; IO = –24mA
VCC*1.0
VCC*0.28
V
=2 3to3 6V; V =V
or V ; I = 100
µA
GND
020
V
VCC = 2.3 to 3.6V; VI = VIH or VIL; IO = 100µA
GND
0.20
V
VCC = 2.3V; VI = VIH or VIL; IO = 6mA
0.07
0.40
V
VOL
LOW level output voltage
VCC = 2.3V; VI = VIH or VIL; IO = 12mA
0.15
0.70
VCC = 2.7V; VI = VIH or VIL; IO = 12mA
0.14
0.40
V
VCC = 3.0V; VI = VIH or VIL; IO = 24mA
0.27
0.55
VCC =2 3to3 6V;
II
Input leakage current
VCC = 2.3 to 3.6V;
V
V
or GND
0.1
5
µA
I
g
VI = VCC or GND
µ
IOZ
3-State output OFF-state current
VCC = 2.7 to 3.6V; VI = VIH or VIL;
VO = VCC or GND
0.1
10
µA
ICC
Quiescent supply current
VCC = 2.3 to 3.6V; VI = VCC or GND; IO = 0
0.2
40
µA
∆ICC
Additional quiescent supply current
VCC = 2.3V to 3.6V; VI = VCC – 0.6V; IO = 0
150
750
µA
I
Bus hold LOW sustaining current
VCC = 2.3V; VI = 0.7V2
45
µA
IBHL
Bus hold LOW sustaining current
VCC = 3.0V; VI = 0.8V2
75
150
µA
I
Bus hold HIGH sustaining current
VCC = 2.3V; VI = 1.7V2
–45
µA
IBHH
Bus hold HIGH sustaining current
VCC = 3.0V; VI = 2.0V2
–75
–175
µA
IBHLO
Bus hold LOW overdrive current
VCC = 3.6V2
500
µA
IBHHO
Bus hold HIGH overdrive current
VCC = 3.6V2
–500
µA
NOTES:
1. All typical values are at Tamb = 25°C.
2. Valid for data inputs of bus hold parts.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download



Powiązane numery części

Numer częściSzczegółowy opis komponentówHtml ViewProducent
74ABT16821A20-bit bus-interface D-type flip-flop; positive-edge trigger 3-State 1 2 3 4 5 MoreNXP Semiconductors
74ALVT1628212.5V/3.3V 20-bit bus-interface D-type flip-flop; positive-edge trigger with 30ohm termination resistors 3-State 1 2 3 4 5 MoreNXP Semiconductors
74ALVT1682120-bit bus-interface D-type flip-flop; positive-edge trigger 3-State 1 2 3 4 5 MoreNXP Semiconductors
74ABT16374B16-bit D-type flip-flop; positive-edge trigger 3-State 1 2 3 4 5 MoreNXP Semiconductors
MB2374Dual octal D-type flip-flop; positive-edge trigger 3-State 1 2 3 4 5 MoreNXP Semiconductors
74LVT3743.3V Octal D-type flip-flop; positive-edge trigger 3-State 1 2 3 4 5 MoreNXP Semiconductors
MB2821Dual 10-bit D-type flip-flop; positive-edge trigger 3-State 1 2 3 4 5 MoreNXP Semiconductors
74ABT374AOctal D-type flip-flop; positive-edge trigger 3-State 1 2 3 4 5 MoreNXP Semiconductors
74ABT82110-bit D-type flip-flop; positive-edge trigger 3-State 1 2 3 4 5 MoreNXP Semiconductors
74LVC1G79Single D-type flip-flop; positive-edge trigger 1 2 3 4 5 MoreNXP Semiconductors

Link URL

Czy Alldatasheet okazała się pomocna?  [ DONATE ]  

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Dodaj do ulubionych   |   Linki   |   Lista producentów
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl