Zakładka z wyszukiwarką danych komponentów
Selected language     Polish  ▼

Delete All
ON OFF
ALLDATASHEET.PL

X  

Preview PDF Download HTML

IRLI2505 Dane(HTML) 5 Page - International Rectifier

Numer części IRLI2505
Szczegółowy opis  HEXFET® Power MOSFET
Pobierz  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Producent  IRF [International Rectifier]
Strona internetowa  http://www.irf.com
Logo IRF - International Rectifier

IRLI2505 Datasheet(Arkusz danych) 5 Page - International Rectifier

  IRLI2505 Datasheet HTML 1Page - International Rectifier IRLI2505 Datasheet HTML 2Page - International Rectifier IRLI2505 Datasheet HTML 3Page - International Rectifier IRLI2505 Datasheet HTML 4Page - International Rectifier IRLI2505 Datasheet HTML 5Page - International Rectifier IRLI2505 Datasheet HTML 6Page - International Rectifier IRLI2505 Datasheet HTML 7Page - International Rectifier IRLI2505 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
IRLI2505
Fig 9. Maximum Drain Current Vs.
Case Temperature
Fig 10a. Switching Time Test Circuit
VDS
90%
10%
VGS
td(on)
tr
td(off) tf
Fig 10b. Switching Time Waveforms
Fig 11. Maximum Effective Transient Thermal Impedance, Junction-to-Case
VDS
Pulse Width
≤ 1 µs
Duty Factor
≤ 0.1 %
RD
VGS
RG
D.U.T.
5.0V
+
-VDD
25
50
75
100
125
150
175
0
10
20
30
40
50
60
T , Case Temperature
( C)
°
C
0.01
0.1
1
10
0.00001
0.0001
0.001
0.01
0.1
1
10
Notes:
1. Duty factor D =
t / t
2. Peak T = P
x Z
+ T
1
2
J
DM
thJC
C
P
t
t
DM
1
2
t , Rectangular Pulse Duration (sec)
1
0.01
0.02
0.05
0.10
0.20
D = 0.50
SINGLE PULSE
(THERMAL RESPONSE)


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page

Powiązane numery części

Numer częściSzczegółowy opis komponentówHtml ViewProducent
IRFZ34NSHEXFET® Power MOSFET 1 2 3 4 5 MoreInternational Rectifier
IRF2907ZS-7PPBFHEXFET® Power MOSFET 1 2 3 4 5 MoreInternational Rectifier
IRF3103HEXFET® Power MOSFET 1 2 3 4 5 MoreInterFET Corporation
MMSF10N02ZSINGLE TMOS POWER MOSFET 10 AMPERES 20 VOLTS 1 2 3 4 5 MoreMotorola, Inc
MRF1507LATERAL NCHANNEL BROADBAND RF POWER MOSFET 1 2 3 4 5 MoreMotorola, Inc
MTSF3N02HDSINGLE TMOS POWER MOSFET 4.0 AMPERES 20 VOLTS RDS on = 0.040 OHM 1 2 3 4 5 MoreMotorola, Inc
NTMD6N03R2Power MOSFET 1 2 3 4 5 MoreON Semiconductor
IRFIZ48VPBFHEXFET Power MOSFET 1 2 3 4 5 MoreInternational Rectifier
MMDF3N03HDPower MOSFET 3 Amps 30 Volts 1 2 3 4 5 MoreON Semiconductor
MSK3017THREE PHASE BRIDGE MOSFET POWER MODULE 1 2 3 4 5 M.S. Kennedy Corporation

Link URL




Privacy Policy
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ]  

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Dodaj do ulubionych   |   Linki   |   Lista producentów
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn