Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74AVC16244 Arkusz danych(PDF) 10 Page - NXP Semiconductors

Numer części 74AVC16244
Szczegółowy opis  16-bit buffer/line driver; 3-state 3.6 V tolerant
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74AVC16244 Arkusz danych(HTML) 10 Page - NXP Semiconductors

Back Button 74AVC16244 Datasheet HTML 6Page - NXP Semiconductors 74AVC16244 Datasheet HTML 7Page - NXP Semiconductors 74AVC16244 Datasheet HTML 8Page - NXP Semiconductors 74AVC16244 Datasheet HTML 9Page - NXP Semiconductors 74AVC16244 Datasheet HTML 10Page - NXP Semiconductors 74AVC16244 Datasheet HTML 11Page - NXP Semiconductors 74AVC16244 Datasheet HTML 12Page - NXP Semiconductors 74AVC16244 Datasheet HTML 13Page - NXP Semiconductors 74AVC16244 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
1999 Nov 15
10
Philips Semiconductors
Product specification
16-bit buffer/line driver; 3-state
(3.6 V tolerant)
74AVC16244
PACKAGE OUTLINE
UNIT
A1
A2
A3
bp
cD(1)
E(2)
eHE
LLp
QZ
y
w
v
θ
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
EIAJ
mm
0.15
0.05
0.2
0.1
8
0
o
o
0.1
DIMENSIONS (mm are the original dimensions).
Notes
1. Plastic or metal protrusions of 0.15 mm maximum per side are not included.
2. Plastic interlead protrusions of 0.25 mm maximum per side are not included.
SOT362-1
93-02-03
95-02-10
w M
θ
A
A1
A2
D
L p
Q
detail X
E
Z
e
c
L
X
(A )
3
0.25
124
48
25
y
pin 1 index
b
H
1.05
0.85
0.28
0.17
0.2
0.1
12.6
12.4
6.2
6.0
0.5
1
0.25
8.3
7.9
0.50
0.35
0.8
0.4
0.08
0.8
0.4
p
E
v M A
A
TSSOP48: plastic thin shrink small outline package; 48 leads; body width 6.1 mm
SOT362-1
A
max.
1.2
0
2.5
5 mm
scale
MO-153ED


Podobny numer części - 74AVC16244

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Nexperia B.V. All right...
74AVC16244 NEXPERIA-74AVC16244 Datasheet
217Kb / 15P
   16-bit buffer/line driver; 3.6 V tolerant; 3-state
Rev. 3 - 20 February 2018
74AVC16244DGG NEXPERIA-74AVC16244DGG Datasheet
217Kb / 15P
   16-bit buffer/line driver; 3.6 V tolerant; 3-state
Rev. 3 - 20 February 2018
logo
Texas Instruments
74AVC16244DGGRE4 TI-74AVC16244DGGRE4 Datasheet
303Kb / 13P
[Old version datasheet]   16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
74AVC16244DGGRE4 TI1-74AVC16244DGGRE4 Datasheet
829Kb / 16P
[Old version datasheet]   16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
74AVC16244DGVRE4 TI-74AVC16244DGVRE4 Datasheet
303Kb / 13P
[Old version datasheet]   16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
More results

Podobny opis - 74AVC16244

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74AVCH16244 PHILIPS-74AVCH16244_15 Datasheet
94Kb / 16P
   16-bit buffer/line driver; 3.6 V tolerant; 3-state
2000 Mar 07
74AVC16244 PHILIPS-74AVC16244_15 Datasheet
93Kb / 16P
   16-bit buffer/line driver; 3-state (3.6 V tolerant)
1999 Nov 15
logo
Nexperia B.V. All right...
74AVCH16244 NEXPERIA-74AVCH16244 Datasheet
220Kb / 14P
   16-bit buffer/line driver; 3.6 V tolerant; 3-state
Rev. 2 - 20 February 2018
logo
NXP Semiconductors
74AVCH16244 PHILIPS-74AVCH16244 Datasheet
80Kb / 16P
   16-bit buffer/line driver; 3.6 V tolerant; 3-state
2000 Mar 07
logo
Nexperia B.V. All right...
74AVC16244 NEXPERIA-74AVC16244 Datasheet
217Kb / 15P
   16-bit buffer/line driver; 3.6 V tolerant; 3-state
Rev. 3 - 20 February 2018
logo
NXP Semiconductors
74LVC16244A NXP-74LVC16244A Datasheet
184Kb / 19P
   16-bit buffer/line driver; 5 V input/output tolerant; 3-state
Rev. 09-18 March 2010
74LVC16244A PHILIPS-74LVC16244A Datasheet
116Kb / 18P
   16-bit buffer/line driver; 5 V input/output tolerant; 3-state
2003 Dec 08
logo
Nexperia B.V. All right...
74LVCH16244A NEXPERIA-74LVCH16244A Datasheet
245Kb / 13P
   16-bit buffer/line driver; 5 V input/output tolerant; 3-state
Rev. 16 - 21 September 2021
logo
NXP Semiconductors
74LVC_LVCH16244A PHILIPS-74LVC_LVCH16244A_15 Datasheet
298Kb / 19P
   16-bit buffer/line driver; 5 V input/output tolerant; 3-state
Rev. 13-7 February 2014
logo
Nexperia B.V. All right...
74LVC16244A-Q100 NEXPERIA-74LVC16244A-Q100 Datasheet
238Kb / 13P
   16-bit buffer/line driver; 5 V input/output tolerant; 3-state
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com