Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74ALVT162823DGG Arkusz danych(PDF) 6 Page - NXP Semiconductors

Numer części 74ALVT162823DGG
Szczegółowy opis  18-bit bus-interface D-type flip-flop with reset and enable with 30ohm termination resistors (3-State)
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALVT162823DGG Arkusz danych(HTML) 6 Page - NXP Semiconductors

Back Button 74ALVT162823DGG Datasheet HTML 2Page - NXP Semiconductors 74ALVT162823DGG Datasheet HTML 3Page - NXP Semiconductors 74ALVT162823DGG Datasheet HTML 4Page - NXP Semiconductors 74ALVT162823DGG Datasheet HTML 5Page - NXP Semiconductors 74ALVT162823DGG Datasheet HTML 6Page - NXP Semiconductors 74ALVT162823DGG Datasheet HTML 7Page - NXP Semiconductors 74ALVT162823DGG Datasheet HTML 8Page - NXP Semiconductors 74ALVT162823DGG Datasheet HTML 9Page - NXP Semiconductors 74ALVT162823DGG Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Philips Semiconductors
Product specification
74ALVT162823
2.5V/3.3V 18-bit bus-interface D-type flip-flop with reset
and enable with 30
Ω termination resistors (3-State)
1998 Aug 27
6
AC CHARACTERISTICS (3.3V
"0.3V RANGE)
GND = 0V, tR = tF = 2.5ns, CL = 50pF, RL = 500Ω
LIMITS
SYMBOL
PARAMETER
WAVEFORM
Tamb = –40°C
to +85
°C
VCC = +3.3V ±0.3V
UNIT
MIN
TYP
MAX
fMAX
Maximum clock frequency
1
MHz
tPLH
tPHL
Propagation delay
nCP to nQx
1
1.8
1.8
3.0
2.8
4.7
4.0
ns
tPHL
Propagation delay
nMR to nQx
2
1.8
2.8
4.0
ns
tPZH
tPZL
Output enable time
to High and Low level
4
5
1.9
1.6
3.5
2.6
5.7
3.8
ns
tPHZ
tPLZ
Output disable time
from High and Low level
4
5
1.9
1.5
3.4
2.5
5.2
3.8
ns
AC SETUP REQUIREMENTS (3.3V
"0.3V RANGE)
GND = 0V, tR = tF = 2.5ns, CL = 50pF, RL = 500Ω
LIMITS
SYMBOL
PARAMETER
WAVEFORM
Tamb = -40 to +85oC
VCC = +3.3V ±0.3V
UNIT
MIN
TYP
ts(H)
ts(L)
Setup time, High or Low
nDx to nCP
3
1.0
1.2
0.6
0.7
ns
th(H)
th(L)
Hold time, High or Low
nDx to nCP
3
0.1
0.1
–0.8
–0.6
ns
tw(H)
tw(L)
nCP pulse width
High or Low
1
1.5
2.5
0.7
1.7
ns
ts(H)
ts(L)
Setup time, High or Low
nCE to nCP
3
1.0
0.5
0.2
–0.5
ns
th(H)
th(L)
Hold time, High or Low
nCE to nCP
3
1.0
1.0
0.5
–0.1
ns
tw(L)
nMR pulse width, Low
2
2.0
1.5
ns
trec
Recovery time
nMR to nCP
2
2.0
1.4
ns


Podobny numer części - 74ALVT162823DGG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Nexperia B.V. All right...
74ALVT162823DGG NEXPERIA-74ALVT162823DGG Datasheet
226Kb / 18P
   18-bit bus-interface D-type flip-flop with reset and enable with 30 Ω termination resistors; 3-state
Rev. 3 - 23 January 2018
More results

Podobny opis - 74ALVT162823DGG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Nexperia B.V. All right...
74ALVT162823 NEXPERIA-74ALVT162823 Datasheet
226Kb / 18P
   18-bit bus-interface D-type flip-flop with reset and enable with 30 Ω termination resistors; 3-state
Rev. 3 - 23 January 2018
74ALVT16823 NEXPERIA-74ALVT16823 Datasheet
263Kb / 16P
   18-bit bus-interface D-type flip-flop with reset and enable; 3-state
Rev. 6 - 20 October 2020
logo
NXP Semiconductors
74ALVT16823 PHILIPS-74ALVT16823 Datasheet
99Kb / 12P
   18-bit bus-interface D-type flip-flop with reset and enable 3-State
1998 Jun 12
74ALVCH16823 PHILIPS-74ALVCH16823 Datasheet
103Kb / 12P
   18-bit bus-interface D-type flip-flop with reset and enable 3-State
1998 Jul 29
logo
Nexperia B.V. All right...
74ALVCH16823 NEXPERIA-74ALVCH16823 Datasheet
218Kb / 18P
   18-bit bus-interface D-type flip-flop with reset and enable; 3-state
Rev. 3 - 1 February 2018
logo
NXP Semiconductors
74ABT16823A PHILIPS-74ABT16823A Datasheet
86Kb / 12P
   18-bit bus interface D-type flip-flop with reset and enable 3-State
1998 Feb 27
74ALVT162821 PHILIPS-74ALVT162821 Datasheet
97Kb / 12P
   2.5V/3.3V 20-bit bus-interface D-type flip-flop; positive-edge trigger with 30ohm termination resistors 3-State
1998 Oct 02
74ABT823 PHILIPS-74ABT823 Datasheet
77Kb / 7P
   9-bit D-type flip-flop with reset and enable 3-State
1995 Sep 06
74ABT823 NXP-74ABT823 Datasheet
324Kb / 17P
   9-bit D-type flip-flop with reset and enable; 3-state
Rev. 03-23 March 2010
MB2823 PHILIPS-MB2823 Datasheet
126Kb / 10P
   Dual 9-bit D-type flip-flop with reset and enable 3-State
August 24, 1993
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com