Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74F158 Arkusz danych(PDF) 2 Page - NXP Semiconductors

Numer części 74F158
Szczegółowy opis  Data selectors/multiplexers
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74F158 Arkusz danych(HTML) 2 Page - NXP Semiconductors

  74F158 Datasheet HTML 1Page - NXP Semiconductors 74F158 Datasheet HTML 2Page - NXP Semiconductors 74F158 Datasheet HTML 3Page - NXP Semiconductors 74F158 Datasheet HTML 4Page - NXP Semiconductors 74F158 Datasheet HTML 5Page - NXP Semiconductors 74F158 Datasheet HTML 6Page - NXP Semiconductors 74F158 Datasheet HTML 7Page - NXP Semiconductors 74F158 Datasheet HTML 8Page - NXP Semiconductors 74F158 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Philips Semiconductors
Product specification
74F157A, 74F158A
Data selectors/multiplexers
74F157A:
Quad 2-input data selector/multiplexer, non-inverting
74F158A:
Quad 2-input data selector/multiplexer, inverting
2
1996 Mar 12
853-0346 16555
DESCRIPTION
The 74F157A is a high speed Quad 2-Input Multiplexer which
selects 4 bits of data from one of two sources under the control of a
common Select input (S). The Enable input (E) is active when Low.
When E is High, all of the outputs (Yn) are forced Low regardless of
all other input conditions.
Moving data from two registers to a common output bus is a
common use of the 74F157A. The state of the Select input
determines the particular register from which the data comes.
The device is the logic implementation of a 4-pole, 2-position switch
where the position of the switch is determined by the logic levels
supplied to the Select input.
The 74F158A is similar, but has inverting outputs (Yn).
Industrial temperature range (–10°C to +85°C) available for
74F157A
TYPE
TYPICAL
PROPAGATION
DELAY
TYPICAL
SUPPLY CURRENT
(TOTAL)
74F157
4.6ns
15mA
74F157A
4.6ns
15mA
74F158
3.7ns
10mA
74F158A
3.7ns
10mA
ORDERING INFORMATION
ORDER CODE
DESCRIPTION
COMMERCIAL RANGE
VCC = 5V ±10%, Tamb = 0°C to +70°C
INDUSTRIAL RANGE
VCC = 5V ±10%, Tamb = –40°C to +85°C
PKG. DWG. #
16-pin plastic DIP
N74F157AN, N174F158AN
I74F157AN
SOT38-4
16-pin plastic SO
N74F157AD, N74F158AD
I74F157AD
SOT109-1
INPUT AND OUTPUT LOADING AND FAN OUT TABLE
PINS
DESCRIPTION
74F (U.L.) HIGH/LOW
LOAD VALUE HIGH/LOW
Ina, Inb, Inc, Ind
Data inputs
1.0/1.0
20
µA/0.6mA
S
Select input
1.0/1.0
20
µA/0.6mA
E
Enable input
1.0/1.0
20
µA/0.6mA
Ya–Yd
Data outputs (74F157/74F157A)
50/33
1.0mA/20mA
Ya–Yd
Data outputs (74F158/74F158A)
50/33
1.0mA/20mA
NOTE: One (1.0) FAST unit load is defined as: 20
µA in the High state and 0.6mA in the Low state.
PIN CONFIGURATIONS, 74F157A
74F158A
16
15
14
13
12
11
10
7
6
5
4
3
2
1
Yb
VCC
Yd
I0c
I1c
I1d
E
I0d
S
I0a
I1b
I1a
Ya
I0b
9
8
GND
Yc
SF00215
16
15
14
13
12
11
10
7
6
5
4
3
2
1
Yb
VCC
Yd
I0c
I1c
I1d
E
I0d
S
I0a
I1b
I1a
Ya
I0b
9
8
GND
Yc
SF00216
LOGIC SYMBOLS, 74F157A
74F158A
VCC = Pin 16
GND = Pin 8
SF00217
1
15
S
E
2356
11
10
14
I0a
I1a
I0b
I1b
I0c
I1c
I0d
Ya
Yb
Yc
Yd
479
12
13
I1d
VCC = Pin 16
GND = Pin 8
SF00218
1
15
S
E
2356
11
10
14
I0a
I1a
I0b
I1b
I0c
I1c
I0d
Ya
Yb
Yc
Yd
479
12
13
I1d


Podobny numer części - 74F158

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
74F158 FAIRCHILD-74F158 Datasheet
54Kb / 5P
   Quad 2-Input Multiplexer
74F158A FAIRCHILD-74F158A Datasheet
54Kb / 5P
   Quad 2-Input Multiplexer
logo
National Semiconductor ...
74F158A NSC-74F158A Datasheet
147Kb / 8P
   Quad 2-Input Multiplexer
74F158ADCQB NSC-74F158ADCQB Datasheet
147Kb / 8P
   Quad 2-Input Multiplexer
74F158ADCX NSC-74F158ADCX Datasheet
147Kb / 8P
   Quad 2-Input Multiplexer
More results

Podobny opis - 74F158

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74150J TI-SN74150J Datasheet
1Mb / 25P
[Old version datasheet]   DATA SELECTORS/MULTIPLEXERS
logo
Fairchild Semiconductor
DM74150 FAIRCHILD-DM74150 Datasheet
47Kb / 4P
   Data Selectors/Multiplexers
logo
Texas Instruments
SN54150 TI1-SN54150_16 Datasheet
1Mb / 24P
[Old version datasheet]   DATA SELECTORS/MULTIPLEXERS
SN54150 TI-SN54150_07 Datasheet
1Mb / 32P
[Old version datasheet]   DATA SELECTORS/MULTIPLEXERS
SN54150 TI-SN54150 Datasheet
822Kb / 22P
[Old version datasheet]   DATA SELECTORS/MULTIPLEXERS
logo
National Semiconductor ...
54150 NSC-54150 Datasheet
182Kb / 10P
   Data Selectors/Multiplexers
DM54LS251 NSC-DM54LS251 Datasheet
135Kb / 6P
   TRI-STATE Data Selectors/Multiplexers
54LS253 NSC-54LS253 Datasheet
158Kb / 6P
   TRI-STATE Data Selectors/Multiplexers
DM7123 NSC-DM7123 Datasheet
88Kb / 3P
   Quad 2-Input DATA SELECTORS / MULTIPLEXERS
logo
Integral Corp.
IN74HC158A INTEGRAL-IN74HC158A Datasheet
147Kb / 5P
   QUAD 2-INPUT DATA SELECTORS/MULTIPLEXERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com