Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74F2240 Arkusz danych(PDF) 3 Page - NXP Semiconductors

Numer części 74F2240
Szczegółowy opis  Octal inverter buffer with 30ohm equivalent output termination 3-State
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74F2240 Arkusz danych(HTML) 3 Page - NXP Semiconductors

  74F2240 Datasheet HTML 1Page - NXP Semiconductors 74F2240 Datasheet HTML 2Page - NXP Semiconductors 74F2240 Datasheet HTML 3Page - NXP Semiconductors 74F2240 Datasheet HTML 4Page - NXP Semiconductors 74F2240 Datasheet HTML 5Page - NXP Semiconductors 74F2240 Datasheet HTML 6Page - NXP Semiconductors 74F2240 Datasheet HTML 7Page - NXP Semiconductors 74F2240 Datasheet HTML 8Page - NXP Semiconductors 74F2240 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Philips Semiconductors
Product specification
74F2240, 74F2241
Octal buffers
December 13, 1990
3
PIN CONFIGURATION
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20 VCC
OEa
Ia0
Yb0
Ia1
Yb1
Ia2
Yb2
Ia3
Yb3
GND
OEb
Ya0
Ib0
Ya1
Ib1
Ya2
Ib2
Ya3
Ib3
74F2241
SF00564
LOGIC SYMBOL
OEa
OEb
1
19
VCC = Pin 20
GND = Pin 10
2468
17 15 13 11
Ia0 Ia1 Ia2 Ia3 Ib0 Ib1 Ib2 Ib3
18 16 14 12
3579
Ya0 Ya1 Ya2 Ya3 Yb0 Yb1 Yb2 Yb3
74F2241
SF00565
IEC/IEEE SYMBOL
2
4
6
8
17
15
13
11
1
19
2D
18
16
14
12
3
5
7
9
EN1
EN2
1
2
74F2241
SF00566
LOGIC DIAGRAM FOR 74F2240
VCC = Pin 20
GND = Pin 10
2
4
6
8
1
18
15
14
12
Ia0
Ia1
Ia2
Ia3
OEa
Ya0
Ya1
Ya2
Ya3
17
15
13
11
10
2
5
7
9
Ib0
Ib1
Ib2
Ib3
OEb
Yb0
Yb1
Yb2
Yb3
SF00567
LOGIC DIAGRAM FOR 74F2241
VCC = Pin 20
GND = Pin 10
2
4
6
8
1
18
15
14
12
Ia0
Ia1
Ia2
Ia3
OEa
Ya0
Ya1
Ya2
Ya3
17
15
13
11
10
2
5
7
9
Ib0
Ib1
Ib2
Ib
OEb
Yb0
Yb1
Yb2
Yb3
SF00568
FUNCTION TABLE FOR 74F2240
INPUTS
OUTPUTS
OEa
Ia
OEb
Ib
Ya
Yb
L
L
L
L
H
H
L
H
L
H
L
L
H
X
H
X
Z
Z
Notes to function table for 74F2240
H = High voltage level
L
= Low voltage level
X = Don’t care
Z = High impedance ”off” state
FUNCTION TABLE FOR 74F2241
INPUTS
OUTPUTS
OEa
Ia
OEb
Ib
Ya
Yb
L
L
H
L
L
L
L
H
H
H
H
H
H
X
L
X
Z
Z
Notes to function table for 74F2241
H = High voltage level
L
= Low voltage level
X = Don’t care
Z = High impedance ”off” state


Podobny numer części - 74F2240

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
74F2240 FAIRCHILD-74F2240 Datasheet
41Kb / 5P
   Octal Buffer/Line Driver with 25W Series Resistors in the Outputs
74F2240QC FAIRCHILD-74F2240QC Datasheet
41Kb / 5P
   Octal Buffer/Line Driver with 25W Series Resistors in the Outputs
74F2240SC FAIRCHILD-74F2240SC Datasheet
41Kb / 5P
   Octal Buffer/Line Driver with 25W Series Resistors in the Outputs
More results

Podobny opis - 74F2240

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74F2244 PHILIPS-74F2244 Datasheet
95Kb / 10P
   Octal buffer with 30ohm equivalent output termination 3-State
1994 Dec 5
74F2245 PHILIPS-74F2245 Datasheet
103Kb / 10P
   Octal transceiver with 30ohm equivalent output termination 3-State
1996 May 10
74F2373 PHILIPS-74F2373 Datasheet
84Kb / 10P
   Octal transparent latch with 30ohm equivalent output termination 3-State
1999 Feb 01
74ABT2241 PHILIPS-74ABT2241 Datasheet
104Kb / 12P
   Octal buffer with 30ohm series termination resistors; 3-State
1996 Sep 30
74ABT2240 PHILIPS-74ABT2240 Datasheet
103Kb / 10P
   Octal inverting buffer with 30ohm series termination resistors 3-State
1998 Jan 16
74ABT2244 PHILIPS-74ABT2244 Datasheet
104Kb / 12P
   Octal buffer/line driver with 30ohm series termination resistors 3-State
1998 Jan 16
74LVT2241 PHILIPS-74LVT2241 Datasheet
80Kb / 5P
   3.3V Octal buffer/line driver with 30ohm series termination resistors; 3-State
1996 May 29
74LVT2244 PHILIPS-74LVT2244 Datasheet
90Kb / 10P
   3.3V Octal buffer/line driver with 30ohm series termination resistors 3-State
1998 Feb 19
74LVT2245 PHILIPS-74LVT2245 Datasheet
93Kb / 10P
   3.3V Octal transceiver with 30ohm termination resistors 3-State
1998 Feb 19
74F240 PHILIPS-74F240 Datasheet
103Kb / 12P
   Octal inverter buffer 3-State
1001 Jan 02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com