Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BC847CT Arkusz danych(PDF) 2 Page - Weitron Technology

Numer części BC847CT
Szczegółowy opis  General Purpose Transistor NPN Silicon
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  WEITRON [Weitron Technology]
Strona internetowa  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

BC847CT Arkusz danych(HTML) 2 Page - Weitron Technology

  BC847CT Datasheet HTML 1Page - Weitron Technology BC847CT Datasheet HTML 2Page - Weitron Technology BC847CT Datasheet HTML 3Page - Weitron Technology BC847CT Datasheet HTML 4Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
WEITRON
http://www.weitron.com.tw
WE IT R ON
Small-signal Characteristics
Current-Gain-Bandwidth Product
(IC= 10mA,VCE= 5.0Vdc, f=100MHz)
Output Capacitance
(VCB= 10V, f=1.0MHz)
Noise Figure
(IC= 0.2mA,VCE= 5.0Vdc,
Rs=2.0 k ,
f=1.0 kHz, BW=200Hz)
fT
Cobo
NF
MHz
pF
100
-
-
-
-
-
-
-
-
4.5
10
dB
V
V
V
DC Current Gain
(IC= 10uA,VCE=5.0V)
Collector-Emitter Saturation Voltage
(IC= 10mA, IB=0.5mA)
(IC= 100mA, IB=5.0mA)
Base-Emitter Saturation Voltage
(IC= 10mA, IB=0.5mA)
(IC= 100mA, IB=5.0mA)
Base-Emitter On Voltage
(IC= 2.0mA,VCE=5.0V)
(IC= 10mA,VCE=5.0V)
hFE
VCE(sat)
VBE(sat)
VBE(on)
On Characteristics
110
200
420
-
-
-
-
-
-
660
-
-
-
580
-
90
150
270
0.7
0.9
220
450
800
0.25
0.6
700
770
-
-
-
-
-
-
-
-
-
-
-
(IC= 2.0mA,VCE=5.0V)
180
290
520
BC847AT/BT/CT
Collector-Emitter Breakdown Voltage
(IC= 10mA)
Collector-Emitter Breakdown Voltage
(IC=10 uA ,VEB=0)
Collector-Base Breakdown Voltage
(IC=10 uA)
Emitter-Base Breakdown Voltage
(IE=1.0 uA)
Collector Cutoff Current (VCB=30V)
(VCB=30V,TA=150 C)
V(BR)CEO
45
50
50
6.0
15
5.0
V(BR)CBO
V(BR)CES
V(BR)EBO
ICBO
nA
mA
V
V
V
V
Characteristics
Symbol
Min
Max
Unit
Off Characteristics
Typ
Electrical Characteristics (TA=25 C Unless Otherwise noted)
BC847A
BC847B
BC847C
BC847A
BC847B
BC847C
-
-
-
-
-
-


Podobny numer części - BC847CT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
BC847CT PHILIPS-BC847CT Datasheet
46Kb / 8P
   NPN general purpose transistors
1999 Apr 26
BC847CT NXP-BC847CT Datasheet
104Kb / 15P
   45 V, 100 mA NPN general-purpose transistors
Rev. 07-10 December 2008
logo
Diodes Incorporated
BC847CT DIODES-BC847CT Datasheet
59Kb / 3P
   NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30274 Rev. A-2
logo
NXP Semiconductors
BC847CT PHILIPS-BC847CT Datasheet
131Kb / 18P
   45 V, 100 mA NPN general-purpose transistors
Rev. 8-20 August 2012
logo
Infineon Technologies A...
BC847CT INFINEON-BC847CT Datasheet
229Kb / 9P
   NPN Silicon AF Transistors
Aug-01-2002
More results

Podobny opis - BC847CT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Weitron Technology
MMBT3904W WEITRON-MMBT3904W Datasheet
368Kb / 7P
   General Purpose Transistor NPN Silicon
logo
Zowie Technology Corpor...
MMBT3906 ZOWIE-MMBT3906 Datasheet
107Kb / 5P
   GENERAL PURPOSE TRANSISTOR NPN SILICON
BC847A ZOWIE-BC847A Datasheet
79Kb / 4P
   GENERAL PURPOSE TRANSISTOR NPN SILICON
BC849B ZOWIE-BC849B Datasheet
78Kb / 4P
   GENERAL PURPOSE TRANSISTOR NPN SILICON
MMBT2222AGH ZOWIE-MMBT2222AGH Datasheet
84Kb / 5P
   General Purpose Transistor NPN Silicon
logo
SeCoS Halbleitertechnol...
2SC1213 SECOS-2SC1213 Datasheet
77Kb / 2P
   NPN Silicon General Purpose Transistor
2SC2235 SECOS-2SC2235 Datasheet
181Kb / 2P
   NPN Silicon General Purpose Transistor
2SC2412 SECOS-2SC2412 Datasheet
331Kb / 3P
   NPN Silicon General Purpose Transistor
logo
SEMTECH ELECTRONICS LTD...
MMBT4401 SEMTECH_ELEC-MMBT4401 Datasheet
185Kb / 2P
   NPN Silicon General Purpose Transistor
logo
SeCoS Halbleitertechnol...
2SC4618 SECOS-2SC4618_11 Datasheet
456Kb / 2P
   NPN Silicon General Purpose Transistor
logo
ON Semiconductor
2N4264 ONSEMI-2N4264 Datasheet
169Kb / 6P
   General Purpose Transistor(NPN Silicon)
1997 REV 2
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com