Zakładka z wyszukiwarką danych komponentów |
|
74F273AN Arkusz danych(PDF) 7 Page - NXP Semiconductors |
|
74F273AN Arkusz danych(HTML) 7 Page - NXP Semiconductors |
7 / 10 page Philips Semiconductors Product specification 74F273A Octal D flip–flop 1996 Mar 12 7 TEST CIRCUIT AND WAVEFORMS tw 90% VM 10% 90% VM 10% 90% VM 10% 90% VM 10% NEGATIVE PULSE POSITIVE PULSE tw AMP (V) 0V 0V tTHL (tf ) INPUT PULSE REQUIREMENTS rep. rate tw tTLH tTHL 1MHz 500ns 2.5ns 2.5ns Input Pulse Definition VCC family 74F D.U.T. PULSE GENERATOR RL CL RT VIN VOUT Test Circuit for Open Collector Outputs DEFINITIONS: RL = Load resistor; see AC electrical characteristics for value. CL = Load capacitance includes jig and probe capacitance; see AC electrical characteristics for value. RT = Termination resistance should be equal to ZOUT of pulse generators. tTHL (tf ) tTLH (tr ) tTLH (tr ) AMP (V) amplitude 3.0V 1.5V VM RL 7.0V SF00128 TEST SWITCH tPLZ closed tPZL closed All other open SWITCH POSITION |
Podobny numer części - 74F273AN |
|
Podobny opis - 74F273AN |