Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SD125SA45B Arkusz danych(PDF) 2 Page - Sensitron

Numer części SD125SA45B
Szczegółowy opis  SILICON SCHOTTKY RECTIFIER DIE Very Low Forward Voltage Drop (150 째C TJ Operation)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SENSITRON [Sensitron]
Strona internetowa  http://www.sensitron.com
Logo SENSITRON - Sensitron

SD125SA45B Arkusz danych(HTML) 2 Page - Sensitron

  SD125SA45B Datasheet HTML 1Page - Sensitron SD125SA45B Datasheet HTML 2Page - Sensitron SD125SA45B Datasheet HTML 3Page - Sensitron  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SENSITRON
SEMICONDUCTOR
• 221 West Industry Court
Deer Park, NY 11729-4681
(631) 586-7600 FAX (631) 242-9798
• World Wide Web Site - http://www.sensitron.com • E-Mail Address - sales@sensitron.com •
SD125SA45A/B/C
Technical Data
Data Sheet 4956, Rev. A
0.0
0.2
0.4
0.6
0.8
Forward Voltage Drop - VF (V)
10-1
100
101
Typical Forward Characteristics
125 °C
150 °C
25 °C
0
1020
304050
Reverse Voltage - VR (V)
10-3
10-2
10-1
100
101
102
Typical Reverse Characteristics
25 °C
50 °C
75 °C
100 °C
125 °C
150 °C
0
1020304050
Reverse Voltage - VR (V)
200
300
400
500
600
700
800
Typical Junction Capacitance


Podobny numer części - SD125SA45B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sensitron
SD125SA30A SENSITRON-SD125SA30A Datasheet
189Kb / 3P
   SILICON SCHOTTKY RECTIFIER DIE Very Low Forward Voltage Drop
SD125SA30B SENSITRON-SD125SA30B Datasheet
189Kb / 3P
   SILICON SCHOTTKY RECTIFIER DIE Very Low Forward Voltage Drop
SD125SA30C SENSITRON-SD125SA30C Datasheet
189Kb / 3P
   SILICON SCHOTTKY RECTIFIER DIE Very Low Forward Voltage Drop
SD125SA60A SENSITRON-SD125SA60A Datasheet
188Kb / 3P
   SILICON SCHOTTKY RECTIFIER DIE Very Low Forward Voltage Drop (150 째C TJ Operation)
SD125SA60B SENSITRON-SD125SA60B Datasheet
188Kb / 3P
   SILICON SCHOTTKY RECTIFIER DIE Very Low Forward Voltage Drop (150 째C TJ Operation)
More results

Podobny opis - SD125SA45B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sensitron
SD200SA60A SENSITRON-SD200SA60A Datasheet
54Kb / 3P
   SILICON SCHOTTKY RECTIFIER DIE Very Low Forward Voltage Drop (150 째C TJ Operation)
SD125SA60A SENSITRON-SD125SA60A Datasheet
188Kb / 3P
   SILICON SCHOTTKY RECTIFIER DIE Very Low Forward Voltage Drop (150 째C TJ Operation)
SD090SA60A SENSITRON-SD090SA60A Datasheet
63Kb / 3P
   SILICON SCHOTTKY RECTIFIER DIE Very Low Forward Voltage Drop (150 째C TJ Operation)
SD060SA60A SENSITRON-SD060SA60A_10 Datasheet
44Kb / 3P
   SILICON SCHOTTKY RECTIFIER DIE Very Low Forward Voltage Drop (150 째C TJ Operation)
SD175SA60A SENSITRON-SD175SA60A Datasheet
54Kb / 3P
   SILICON SCHOTTKY RECTIFIER DIE Very Low Forward Voltage Drop (150 째C TJ Operation)
SD040SA60A SENSITRON-SD040SA60A Datasheet
62Kb / 3P
   SILICON SCHOTTKY RECTIFIER DIE Very Low Forward Voltage Drop (150 째C TJ Operation)
SD275SA45A SENSITRON-SD275SA45A Datasheet
181Kb / 3P
   SILICON SCHOTTKY RECTIFIER DIE Very Low Forward Voltage Drop (150 째C TJ Operation)
SD040SA60A SENSITRON-SD040SA60A_10 Datasheet
44Kb / 3P
   SILICON SCHOTTKY RECTIFIER DIE Very Low Forward Voltage Drop (150 째C TJ Operation)
SD060SA45A SENSITRON-SD060SA45A Datasheet
62Kb / 3P
   SILICON SCHOTTKY RECTIFIER DIE Very Low Forward Voltage Drop (150 C TJ Operation)
SD040SA45A SENSITRON-SD040SA45A Datasheet
62Kb / 3P
   SILICON SCHOTTKY RECTIFIER DIE Very Low Forward Voltage Drop (150 C TJ Operation)
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com